Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6109N5XXNX Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC6109N5XXNX
Description  Voltage Detector with External Delay Type Capacitor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6109N5XXNX Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC6109N5XXNX Datasheet HTML 5Page - Torex Semiconductor XC6109N5XXNX Datasheet HTML 6Page - Torex Semiconductor XC6109N5XXNX Datasheet HTML 7Page - Torex Semiconductor XC6109N5XXNX Datasheet HTML 8Page - Torex Semiconductor XC6109N5XXNX Datasheet HTML 9Page - Torex Semiconductor XC6109N5XXNX Datasheet HTML 10Page - Torex Semiconductor XC6109N5XXNX Datasheet HTML 11Page - Torex Semiconductor XC6109N5XXNX Datasheet HTML 12Page - Torex Semiconductor XC6109N5XXNX Datasheet HTML 13Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11/13
XC6109
Series
TYPICAL PERFORMANCE CHARACTERISTICS
XC6109x25AN
2.45
2.50
2.55
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
XC6109x25AN
0.05
0.10
0.15
0.20
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
(1) Supply Current vs. Input Voltage
(2) Detect Voltage vs. Ambient Temperature
(3) Hysteresis Voltage vs. Ambient Temperature
(4) Output Voltage vs. Input Voltage
XC6109C25AN
-1.0
0.0
1.0
2.0
3.0
4.0
0
0.5
1
1.5
2
2.5
3
Input Voltage: VIN (V)
No Pull-up
Ta=85℃
25℃
-40℃
XC6109N25AN
-1.0
0.0
1.0
2.0
3.0
4.0
0
0.5
1
1.5
2
2.5
3
Input Voltage: VIN (V)
Pull-up=VIN, R=100kΩ
25℃
-40℃
Ta=85℃
XC6109x25AN
0.0
0.5
1.0
1.5
2.0
012
3456
Input Voltage: VIN (V)
25℃
-40℃
Ta=85℃


Similar Part No. - XC6109N5XXNX

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6109N50ANL TOREX-XC6109N50ANL Datasheet
284Kb / 14P
   Voltage Detector with Delay Type Capacitor
XC6109N50ANR TOREX-XC6109N50ANR Datasheet
284Kb / 14P
   Voltage Detector with Delay Type Capacitor
More results

Similar Description - XC6109N5XXNX

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6109_005 TOREX-XC6109_005 Datasheet
284Kb / 14P
   Voltage Detector with Delay Type Capacitor
logo
STMicroelectronics
STM1831 STMICROELECTRONICS-STM1831 Datasheet
603Kb / 24P
   Voltage detector with sense input and external delay capacitor
logo
Torex Semiconductor
XC6108 TOREX-XC6108_1 Datasheet
628Kb / 22P
   Voltage Detector with Separated Sense Pin & Delay Type Capacitor
XC6108 TOREX-XC6108 Datasheet
614Kb / 18P
   Voltage Detector with Separated Sense Pin and Delay Type Capacitor
logo
Texas Instruments
BQ771600 TI1-BQ771600_15 Datasheet
884Kb / 23P
[Old version datasheet]   External Delay Capacitor
logo
ABLIC Inc.
S-1009 ABLIC-S-1009 Datasheet
619Kb / 43P
   0.27uA CURRENT CONSUMPTION VOLTAGE DETECTOR WITH DELAY FUNCTION (EXTERNAL DELAY TIME SETTING
Rev.5.1_03
logo
Agamem Microelectronic ...
AA16 AGAMEM-AA16 Datasheet
205Kb / 12P
   Voltage detector with delay
logo
Seiko Instruments Inc
S1011 SII-S1011 Datasheet
2Mb / 43P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1004 ABLIC-S-1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
Rev.2.1_02
logo
Torex Semiconductor
XC6118 TOREX-XC6118_1 Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com