Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6206P50 Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6206P50
Description  Low ESR Cap.Compatible positive Voltage Regilrators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6206P50 Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6206P50 Datasheet HTML 1Page - Torex Semiconductor XC6206P50 Datasheet HTML 2Page - Torex Semiconductor XC6206P50 Datasheet HTML 3Page - Torex Semiconductor XC6206P50 Datasheet HTML 4Page - Torex Semiconductor XC6206P50 Datasheet HTML 5Page - Torex Semiconductor XC6206P50 Datasheet HTML 6Page - Torex Semiconductor XC6206P50 Datasheet HTML 7Page - Torex Semiconductor XC6206P50 Datasheet HTML 8Page - Torex Semiconductor XC6206P50 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
283
XC6206
Series
MARK
VOLTAGE (V)
PRODUCT NAME
3
3
3.3
XC6206P33xxx
5
0
3.3
XC6206P50xxx
MARK
PRODUCTION YEAR
3
2003
4
2004
MARK
PRODUCT NAME
P
XC6206Pxxxxx
MARK
OUTPUT VOLTAGE
ACCURACY
PRODUCT NAME
1
within ±1%
XC6206Pxx1xx
2
within ±2%
XC6206Pxx2xx
BLOCK DIAGRAM
MARKING RULE (Continued)
TO-92
Represents type of regulator
②③
Represents output voltage
Represents output voltage accuracy
Represents least significant digit of production year
Represents production lot number
0 to 9, A to Z repeated (G, I, J, O, Q, W excepted)
Note: No character inversion used.
TO-92 (L TYPE)
(TOP VIEW)
TO-92 (T TYPE)
(TOP VIEW)


Similar Part No. - XC6206P50

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6206P501DR TOREX-XC6206P501DR Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
XC6206P501LB TOREX-XC6206P501LB Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
XC6206P501LH TOREX-XC6206P501LH Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
XC6206P501MR TOREX-XC6206P501MR Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
XC6206P501PR TOREX-XC6206P501PR Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
More results

Similar Description - XC6206P50

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
XC6206P YFWDIODE-XC6206P Datasheet
597Kb / 4P
   Low ESR Cap.Compatible Positive Voltage Regulators
logo
Torex Semiconductor
XC6206 TOREX-XC6206_2 Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
logo
Advanced Monolithic Sys...
AMS6209 AMS-AMS6209 Datasheet
351Kb / 5P
   LOW ESR CAP.COMPATIBLE POSITIVE VOLTAGE REGULATORS
logo
ZP Semiconductor
XC6206 ZPSEMI-XC6206 Datasheet
1Mb / 14P
   LOW ESR CAP.COMPATIBLE POSITIVE VOLTAGE REGULATORS
logo
Torex Semiconductor
XC6206_002 TOREX-XC6206_002 Datasheet
1Mb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
logo
Unisonic Technologies
LD1985 UTC-LD1985_V01 Datasheet
459Kb / 9P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP.COMPATIBLE, WITH INHIBIT FUNCTION
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
SYNC POWER Crop.
SP2526 SYNC-POWER-SP2526 Datasheet
388Kb / 10P
   Low ESR Cap. Compatible Positive Voltage Regulators
logo
Minilogic Device Corpor...
ML6206S MINILOGIC-ML6206S Datasheet
597Kb / 14P
   Low ESR Cap. Compatible Positive Voltage Regulator
logo
Kingbor Technology Co
KB6206 KINGBOR-KB6206 Datasheet
79Kb / 6P
   Low ESR Cap. Compatible Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com