Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9510LXXXSX Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC9510LXXXSX
Description  Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9510LXXXSX Datasheet(HTML) 2 Page - Torex Semiconductor

  XC9510LXXXSX Datasheet HTML 1Page - Torex Semiconductor XC9510LXXXSX Datasheet HTML 2Page - Torex Semiconductor XC9510LXXXSX Datasheet HTML 3Page - Torex Semiconductor XC9510LXXXSX Datasheet HTML 4Page - Torex Semiconductor XC9510LXXXSX Datasheet HTML 5Page - Torex Semiconductor XC9510LXXXSX Datasheet HTML 6Page - Torex Semiconductor XC9510LXXXSX Datasheet HTML 7Page - Torex Semiconductor XC9510LXXXSX Datasheet HTML 8Page - Torex Semiconductor XC9510LXXXSX Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
1352
XC9510 Series
PIN CONFIGURATION
SOP-8 (TOP VIEW)
PIN ASSIGNMENT
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
Control Methods And
The VD Sense Pin
As chart below : -
②③
Setting Voltage &
Specifications
Internal
standard
: Setting voltage and specifications of each DC/DC, VR,
and VD Based on the internal standard)
3
: 300kHz
6
: 600kHz
DC/DC Oscillation
Frequency
C
: 1.2MHz
Package
S
: SOP-8
R
: Embossed Tape, standard feed
Device Orientation
L
: Embossed Tape, reverse feed
SERIES
TYPE
DC/DC
CONTROL
METHODS
CE=”VCEH” LEVEL
CE=”VCEM”
LEVEL
CE=”VCEL”
LEVEL
VD SENSE
PIN
A
VDD
B
DCOUT
C
-
-
DC/DC: OFF
VR: OFF
VD: ON
VROUT
D
VDD
E
DCOUT
F
PWM Control
DC/DC: ON
VR: OFF
VD: ON
DC/DC: ON
VR: ON
VD: ON
DC/DC: OFF
VR: OFF
VD: ON
VROUT
H
VDD
K
DCOUT
XC9510
L
PWM,
PFM/PWM
Manual Switch
PFM / PWM
Automatic Switch
PWM Control
DC/DC: OFF
VR: OFF
VD: ON
VROUT
PIN NUMBER
PIN NAME
FUNCTION
1
PGND
Power Ground
2
CE/MODE
Chip Enable / MODE Switch
3
VDD
Power Supply
4
VDOUT
VD Output
5
AGND
Analog Ground
6
VROUT
VR Output
7
DCOUT
DC/DC Output
8
LX
Switch
PRODUCT CLASSIFICATION
Ordering Information
XC9510①②③④⑤⑥
The input for the voltage regulator block comes from the DC/DC.
Control Methods, CE/MODE Pin, VDSENSE Pin


Similar Part No. - XC9510LXXXSX

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9510L1333 TOREX-XC9510L1333 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9510L1334 TOREX-XC9510L1334 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9510L1363 TOREX-XC9510L1363 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9510L1364 TOREX-XC9510L1364 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9510L13C3 TOREX-XC9510L13C3 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
More results

Similar Description - XC9510LXXXSX

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9511 TOREX-XC9511_1 Datasheet
3Mb / 35P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9511 TOREX-XC9511 Datasheet
171Kb / 13P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9508 TOREX-XC9508_1 Datasheet
2Mb / 38P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Series Plus Voltage Detector
XC9509 TOREX-XC9509_1 Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
XC9510 TOREX-XC9510 Datasheet
116Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
XC9509 TOREX-XC9509 Datasheet
97Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
XCM524 TOREX-XCM524 Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XCM520 TOREX-XCM520 Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com