Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9510CXXXSX Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC9510CXXXSX
Description  Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9510CXXXSX Datasheet(HTML) 4 Page - Torex Semiconductor

  XC9510CXXXSX Datasheet HTML 1Page - Torex Semiconductor XC9510CXXXSX Datasheet HTML 2Page - Torex Semiconductor XC9510CXXXSX Datasheet HTML 3Page - Torex Semiconductor XC9510CXXXSX Datasheet HTML 4Page - Torex Semiconductor XC9510CXXXSX Datasheet HTML 5Page - Torex Semiconductor XC9510CXXXSX Datasheet HTML 6Page - Torex Semiconductor XC9510CXXXSX Datasheet HTML 7Page - Torex Semiconductor XC9510CXXXSX Datasheet HTML 8Page - Torex Semiconductor XC9510CXXXSX Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
1354
XC9510 Series
MARK
DC/DC
VR
VD
1
3
3.3V
1.8V
4.0V
XC9510*13*S*
MARK
OSCILLATION FREQUENCY
PRODUCT SERIES
3
300kHz
XC9510***3A*
6
600kHz
XC9510***6A*
C
1.2MHz
XC9510***CA*
MARK
PRODUCTION YEAR
3
2003
4
2004
BLOCK DIAGRAM
⑧⑨
Represents production lot number
0 to 9,A to Z reverse character 0 to 9, A to Z repeated (G,I,J,O,Q,W excepted)
Note: No character inversion used
* Diodes shown in the above circuit are protective diodes.
④⑤
Represents detect voltage DC/DC,VR and VD
ex)
Represents last digit of production year.
ex)
Represents oscillation frequency.
MARKING RULE (Continued)
PRODUCT SERIES


Similar Part No. - XC9510CXXXSX

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9510C1333 TOREX-XC9510C1333 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9510C1334 TOREX-XC9510C1334 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9510C1363 TOREX-XC9510C1363 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9510C1364 TOREX-XC9510C1364 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9510C13C3 TOREX-XC9510C13C3 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
More results

Similar Description - XC9510CXXXSX

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9511 TOREX-XC9511_1 Datasheet
3Mb / 35P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9511 TOREX-XC9511 Datasheet
171Kb / 13P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9508 TOREX-XC9508_1 Datasheet
2Mb / 38P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Series Plus Voltage Detector
XC9509 TOREX-XC9509_1 Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
XC9510 TOREX-XC9510 Datasheet
116Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
XC9509 TOREX-XC9509 Datasheet
97Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
XCM524 TOREX-XCM524 Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XCM520 TOREX-XCM520 Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com