Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2540SPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRS2540SPBF
Description  LED BUCK REGULATOR CONTROL IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2540SPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRS2540SPBF Datasheet HTML 6Page - International Rectifier IRS2540SPBF Datasheet HTML 7Page - International Rectifier IRS2540SPBF Datasheet HTML 8Page - International Rectifier IRS2540SPBF Datasheet HTML 9Page - International Rectifier IRS2540SPBF Datasheet HTML 10Page - International Rectifier IRS2540SPBF Datasheet HTML 11Page - International Rectifier IRS2540SPBF Datasheet HTML 12Page - International Rectifier IRS2540SPBF Datasheet HTML 13Page - International Rectifier IRS2540SPBF Datasheet HTML 14Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
IRS254(0,1)(S)PbF
www.irf.com
Page 10
operation, the IC does not enter UVLO unless the
supply voltage falls below VCCUV--.
Inductance Selection
To maintain tight hysteretic current regulation the
inductor and output capacitor COUT (in parallel with
the LEDs) need to be large enough to maintain the
supply to the load during tHO,ON and avoid significant
undershooting of the load current, which in turn
causes the average current to fall below the desired
value.
First, we are going to look at the effect of the
inductor when there is no output capacitor to clearly
demonstrate the impact of the inductor. In this case,
the load current is identical to the inductor current.
Fig. 9 shows how the inductor value impacts the
frequency over a range of input voltages. As can be
seen, the input voltage has a great impact on the
frequency and the inductor value has the greatest
impact at reducing the frequency for smaller input
voltages.
175
225
275
325
375
425
30
80
130
180
Vin (V)
470uH
680uH
1mH
1.5mH
Fig.9 Frequency Response for Chosen Inductances
Iout = 350 mA, Vout = 16.8 V
Fig. 10 shows how the variation in load current
increases over a span of input voltages, as the
inductance is decreased. Fig. 11 shows the variation
of frequency over different output voltages and
different inductance values. Finally Fig. 12 shows
how the load current variation increases with lower
inductance over a range of output voltages.
The output capacitor can be used simultaneously to
achieve the target frequency and current control
accuracy.
Fig. 11 shows how the capacitance
reduces the frequency over a range of input voltage.
A small capacitance of 4.7 µF has a large effect on
reducing the frequency. Fig. 12 shows how the
current regulation is also improved with the output
capacitance. There is a point at which continuing to
add capacitance no longer has a significant effect on
the operating frequency or current regulation, as can
be seen in Figs. 13 and 14.
330
340
350
360
370
380
390
400
30
80
130
180
Vin (V)
470uH
680uH
1mH
1.5mH
Fig.10 Current Regulation for Chosen Inductances
Iout = 350 mA, Vout = 16.8 V
200
220
240
260
280
300
320
340
360
380
400
13
18
23
28
33
Vout (V)
470uH
680uH
1mH
1.5mH
Fig.11 Frequency Response for Chosen Inductances
Iout = 350 mA, Vin = 50 V
325
327
329
331
333
335
337
339
341
343
345
13
18
23
28
33
Vout (V)
470uH
680uH
1mH
1.5mH
Fig.12 Current Regulation for Chosen Inductances
Iout = 350 mA, Vin = 50 V


Similar Part No. - IRS2540SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2540 IRF-IRS2540 Datasheet
824Kb / 28P
   IRPLLED1 High Voltage LED Driver using the IRS2540
IRS25401 IRF-IRS25401 Datasheet
519Kb / 20P
   LED BUCK REGULATOR CONTROL IC
IRS25401PBF IRF-IRS25401PBF Datasheet
519Kb / 20P
   LED BUCK REGULATOR CONTROL IC
IRS25401PBF IRF-IRS25401PBF Datasheet
519Kb / 20P
   LED BUCK REGULATOR CONTROL IC
IRS25401PBF IRF-IRS25401PBF_15 Datasheet
519Kb / 20P
   LED BUCK REGULATOR CONTROL IC
More results

Similar Description - IRS2540SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS25401PBF IRF-IRS25401PBF_15 Datasheet
519Kb / 20P
   LED BUCK REGULATOR CONTROL IC
IRS25401 IRF-IRS25401 Datasheet
519Kb / 20P
   LED BUCK REGULATOR CONTROL IC
logo
NEC
UPC1909 NEC-UPC1909 Datasheet
85Kb / 16P
   SWITCHING REGULATOR CONTROL IC
logo
New Japan Radio
NJM2377 NJRC-NJM2377 Datasheet
355Kb / 10P
   SWITCHING REGULATOR CONTROL IC
logo
Micrel Semiconductor
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
   1MHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A Datasheet
1Mb / 17P
   500kHz PWM Synchronous Buck Control IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
   500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A_09 Datasheet
1Mb / 15P
   500kHz PWM Synchronous Buck Control IC
MIC2184 MICREL-MIC2184_05 Datasheet
133Kb / 12P
   Low Voltage Buck PWM Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com