Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLR9343PBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRLR9343PBF
Description  DIGITAL AUDIO MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR9343PBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRLR9343PBF Datasheet HTML 2Page - International Rectifier IRLR9343PBF Datasheet HTML 3Page - International Rectifier IRLR9343PBF Datasheet HTML 4Page - International Rectifier IRLR9343PBF Datasheet HTML 5Page - International Rectifier IRLR9343PBF Datasheet HTML 6Page - International Rectifier IRLR9343PBF Datasheet HTML 7Page - International Rectifier IRLR9343PBF Datasheet HTML 8Page - International Rectifier IRLR9343PBF Datasheet HTML 9Page - International Rectifier IRLR9343PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRLR/U9343PbF & IRLU9343-701PbF
10
www.irf.com
Data and specifications subject to change without notice.
This product has been designed for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.12/04
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Starting TJ = 25°C, L = 1.24mH,
RG = 25Ω, IAS = -14A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
„ This only applies for I-Pak, LS of D-Pak is
measured between lead and center of die contact
… Rθ is measured at TJ of approximately 90°C.
Notes:
† Contact factory for mounting information
‡ Limited by Tjmax. See Figs. 14, 15, 17a, 17b for repetitive avalanche information
ˆ When D-Pak mounted on 1" square PCB (FR-4 or G-10 Material) .
For recommended footprint and soldering techniques refer to
application note #AN-994
‰ Refer to D-Pak package for Part Marking, Tape and Reel information.
I-Pak Leadform Option 701 Package Outline ‰
Dimensions are shown in millimeters (inches)


Similar Part No. - IRLR9343PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR9343PBF IRF-IRLR9343PBF Datasheet
308Kb / 11P
   Advanced Process Technology
IRLR9343PBF IRF-IRLR9343PBF_15 Datasheet
308Kb / 11P
   Advanced Process Technology
More results

Similar Description - IRLR9343PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR4343PBF IRF-IRLR4343PBF Datasheet
306Kb / 11P
   DIGITAL AUDIO MOSFET
IRFSL5620PBF IRF-IRFSL5620PBF Datasheet
338Kb / 9P
   DIGITAL AUDIO MOSFET
IRFSL5615PBF IRF-IRFSL5615PBF Datasheet
351Kb / 9P
   DIGITAL AUDIO MOSFET
IRF6785MTRPBF IRF-IRF6785MTRPBF Datasheet
604Kb / 9P
   DIGITAL AUDIO MOSFET
IRLIB4343 IRF-IRLIB4343 Datasheet
239Kb / 7P
   DIGITAL AUDIO MOSFET
IRLIB9343PBF IRF-IRLIB9343PBF Datasheet
208Kb / 7P
   DIGITAL AUDIO MOSFET
IRFI4019H-117P IRF-IRFI4019H-117P Datasheet
286Kb / 7P
   DIGITAL AUDIO MOSFET
IRFS5620PBF IRF-IRFS5620PBF Datasheet
338Kb / 9P
   DIGITAL AUDIO MOSFET
IRFB5620PBF IRF-IRFB5620PBF Datasheet
274Kb / 7P
   DIGITAL AUDIO MOSFET
IRLIB9343 IRF-IRLIB9343 Datasheet
190Kb / 7P
   DIGITAL AUDIO MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com