Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


P83CL781 Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. P83CL781
Description  Low voltage 8-bit microcontrollers with UART and I2C-bus
Download  76 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 2 page
background image
1997 Mar 14
2
Philips Semiconductors
Product specification
Low voltage 8-bit microcontrollers with
UART and I2C-bus
P83CL781; P83CL782
CONTENTS
1
FEATURES
2
GENERAL DESCRIPTION
3
APPLICATIONS
4
ORDERING INFORMATION
5
BLOCK DIAGRAM
6
FUNCTIONAL DIAGRAM
7
PINNING INFORMATION
7.1
Pinning
7.2
Pin description
8
FUNCTIONAL DESCRIPTION OVERVIEW
8.1
General
8.2
CPU timing
9
MEMORY ORGANIZATION
9.1
Program memory
9.2
Data memory
9.3
Special Function Registers
9.4
Addressing
10
I/O FACILITIES
10.1
Ports
10.2
Port options
10.3
Port 0 options
10.4
SET/RESET options
11
TIMER/EVENT COUNTERS
11.1
Timer 0 and Timer 1
11.2
Timer T2
11.3
Timer/Counter 2 Control Register (T2CON)
12
REDUCED POWER MODES
12.1
Idle mode
12.2
Power-down mode
12.3
Wake-up from Power-down mode
12.4
Status of external pins
12.5
Power Control Register (PCON)
13
I2C-BUS SERIAL I/O
13.1
Serial Control Register (S1CON)
13.2
Serial Status Register (S1STA)
13.3
Data Shift Register (S1DAT)
13.4
Address Register (S1ADR)
14
STANDARD SERIAL INTERFACE SIO0: UART
14.1
Multiprocessor communications
14.2
Serial Port Control and Status Register
(S0CON)
14.3
Baud rates
15
INTERRUPT SYSTEM
15.1
External interrupts INT2 to INT9
15.2
Interrupt priority
15.3
Interrupt registers
16
OSCILLATOR CIRCUITRY
17
RESET
17.1
External reset using the RST pin
17.2
Power-on reset
18
SPECIAL FUNCTION REGISTERS
OVERVIEW
19
INSTRUCTION SET
20
LIMITING VALUES
21
DC CHARACTERISTICS
22
AC CHARACTERISTICS
22.1
Program memory
22.2
External Data Memory
23
PACKAGE OUTLINES
24
SOLDERING
24.1
Introduction
24.2
DIP
24.3
QFP
25
DEFINITIONS
26
LIFE SUPPORT APPLICATIONS
27
PURCHASE OF PHILIPS I2C COMPONENTS




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
P80CL580Low voltage 8-bit microcontrollers with UART I2C-bus and ADC 1 2 3 4 5 MoreNXP Semiconductors
P80CL31Low voltage 8-bit microcontrollers with UART 1 2 3 4 5 MoreNXP Semiconductors
P80CL410Low voltage 8-bit microcontrollers with I2C-bus 1 2 3 4 5 MoreNXP Semiconductors
FXLH42245Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Bushold Data Inputs and 3-STATE Outputs and 26Ω Series Resisto 1 2 3 4 5 MoreFairchild Semiconductor
ST6200LLOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 16 PINS 1 2 3 4 5 MoreSTMicroelectronics
FXL4245Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
ST6208LLOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS 1 2 3 4 5 MoreSTMicroelectronics
ST6215LLOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 28 PINS 1 2 3 4 5 MoreSTMicroelectronics
COP87L88EB8-Bit CMOS OTP Microcontrollers with 16k or 32k Memory CAN Interface 8-Bit A/D and USART 1 2 3 4 5 MoreNational Semiconductor (TI)
NJM2737Low Noise Low Supply Voltage Dual Operational Amplifier with Full Swing Input and Output 1 2 3 4 5 MoreNew Japan Radio

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl