Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P83CL781 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # P83CL781
Description  Low voltage 8-bit microcontrollers with UART and I2C-bus
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL781 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button P83CL781 Datasheet HTML 64Page - NXP Semiconductors P83CL781 Datasheet HTML 65Page - NXP Semiconductors P83CL781 Datasheet HTML 66Page - NXP Semiconductors P83CL781 Datasheet HTML 67Page - NXP Semiconductors P83CL781 Datasheet HTML 68Page - NXP Semiconductors P83CL781 Datasheet HTML 69Page - NXP Semiconductors P83CL781 Datasheet HTML 70Page - NXP Semiconductors P83CL781 Datasheet HTML 71Page - NXP Semiconductors P83CL781 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 76 page
background image
1997 Mar 14
68
Philips Semiconductors
Product specification
Low voltage 8-bit microcontrollers with
UART and I2C-bus
P83CL781; P83CL782
Fig.44 AC testing input waveform.
handbook, halfpage
MLA586
0.9 V
0.4 V
0.7 V
0.3 V
0.7 V
0.3 V
test points
DD
DD
DD
DD
DD
DD
Fig.45 Input current.
handbook, 4 columns
MSA763
0.5 VDD
VDD
0
100
µA
IIL(T)
I IL
II
500
µA


Similar Part No. - P83CL781

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P83CL410 PHILIPS-P83CL410 Datasheet
266Kb / 60P
   Low voltage 8-bit microcontrollers with I2C-bus
1997 Apr 10
P83CL410HFD PHILIPS-P83CL410HFD Datasheet
289Kb / 28P
   Low voltage/low power single-chip 8-bit microcontroller with I2C
1995 Jan 20
P83CL410HFH PHILIPS-P83CL410HFH Datasheet
266Kb / 60P
   Low voltage 8-bit microcontrollers with I2C-bus
1997 Apr 10
P83CL410HFH PHILIPS-P83CL410HFH Datasheet
289Kb / 28P
   Low voltage/low power single-chip 8-bit microcontroller with I2C
1995 Jan 20
P83CL410HFN PHILIPS-P83CL410HFN Datasheet
289Kb / 28P
   Low voltage/low power single-chip 8-bit microcontroller with I2C
1995 Jan 20
More results

Similar Description - P83CL781

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P80CL580 PHILIPS-P80CL580 Datasheet
366Kb / 80P
   Low voltage 8-bit microcontrollers with UART, I2C-bus and ADC
1997 Mar 14
P80CL410 PHILIPS-P80CL410 Datasheet
266Kb / 60P
   Low voltage 8-bit microcontrollers with I2C-bus
1997 Apr 10
P80CL31 PHILIPS-P80CL31 Datasheet
305Kb / 68P
   Low voltage 8-bit microcontrollers with UART
1997 Apr 15
PCA9538A NXP-PCA9538A Datasheet
2Mb / 37P
   Low-voltage 8-bit I2C-bus I/O port with interrupt and reset
Rev. 1-28 September 2012
PCA9574 NXP-PCA9574_V01 Datasheet
412Kb / 29P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 6.0 - 31 May 2023
PCA9574 NXP-PCA9574 Datasheet
180Kb / 32P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 02-27 July 2009
PCF8570 PHILIPS-PCF8570 Datasheet
140Kb / 20P
   256 x 8-bit static low-voltage RAM with I2C-bus interface
1999 Jan 06
PCF84C00 PHILIPS-PCF84C00 Datasheet
143Kb / 24P
   8-bit microcontroller with I2C-bus interface
1996 Nov 25
SC18IM700 NXP-SC18IM700 Datasheet
127Kb / 22P
   Master I2C-bus controller with UART interface
Rev. 02-10 August 2007
PCA9534 NXP-PCA9534 Datasheet
163Kb / 25P
   8-bit I2C-bus and SMBus low power I/O port with interrupt
Rev. 03-6 November 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com