Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


P83CL781 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. P83CL781
Description  Low voltage 8-bit microcontrollers with UART and I2C-bus
Download  76 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 5 page
background image
1997 Mar 14
5
Philips Semiconductors
Product specification
Low voltage 8-bit microcontrollers with
UART and I2C-bus
P83CL781; P83CL782
5
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
MLA601
3
3
1
2
0
3
3
RD
WR
PSEN
XTAL2
XTAL1
AD0 to 7
A8 to 15
EA
3
3
3
3
SDA
SCL
DD
V
RXD
TXD
P3
P2
P1
P0
T0
T1
INT0
INT1
0
1
alternative function of Port 0
alternative functions of Port 1
2
3
alternative function of Port 2
alternative function of Port 3
PARALLEL
I/O PORTS
AND
EXTERNAL
BUS
SERIAL
UART
PORT
16-BIT
TIMER/
EVENT
COUNTER
TWO
16-BIT
TIMER/
EVENT
COUNTERS
(T0, T1)
80C51
core
excluding
ROM/RAM
CPU
PROGRAM
MEMORY
DATA
MEMORY
8-bit internal bus
16 kbyte
ROM
256 byte
RAM
SS
V
ALE
I2C
INTERFACE
P83CL781
P83CL782
RST
1
T2EX
T2
1
1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
P80CL580Low voltage 8-bit microcontrollers with UART I2C-bus and ADC 1 2 3 4 5 MoreNXP Semiconductors
P80CL31Low voltage 8-bit microcontrollers with UART 1 2 3 4 5 MoreNXP Semiconductors
P80CL410Low voltage 8-bit microcontrollers with I2C-bus 1 2 3 4 5 MoreNXP Semiconductors
FXLH42245Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Bushold Data Inputs and 3-STATE Outputs and 26Ω Series Resisto 1 2 3 4 5 MoreFairchild Semiconductor
ST6200LLOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 16 PINS 1 2 3 4 5 MoreSTMicroelectronics
FXL4245Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
ST6208LLOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS 1 2 3 4 5 MoreSTMicroelectronics
ST6215LLOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 28 PINS 1 2 3 4 5 MoreSTMicroelectronics
COP87L88EB8-Bit CMOS OTP Microcontrollers with 16k or 32k Memory CAN Interface 8-Bit A/D and USART 1 2 3 4 5 MoreNational Semiconductor (TI)
NJM2737Low Noise Low Supply Voltage Dual Operational Amplifier with Full Swing Input and Output 1 2 3 4 5 MoreNew Japan Radio

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl