Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4BC40FPBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRG4BC40FPBF
Description  Fast Speed IGBT INSULATED GATE BIPOLAR TRANSISTOR Fast Speed IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC40FPBF Datasheet(HTML) 8 Page - International Rectifier

  IRG4BC40FPBF Datasheet HTML 1Page - International Rectifier IRG4BC40FPBF Datasheet HTML 2Page - International Rectifier IRG4BC40FPBF Datasheet HTML 3Page - International Rectifier IRG4BC40FPBF Datasheet HTML 4Page - International Rectifier IRG4BC40FPBF Datasheet HTML 5Page - International Rectifier IRG4BC40FPBF Datasheet HTML 6Page - International Rectifier IRG4BC40FPBF Datasheet HTML 7Page - International Rectifier IRG4BC40FPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRG4BC40FPbF
8
www.irf.com
LEAD ASSIGNMENTS
1 - GATE
2 - DRAIN
3 - SOURCE
4 - DRAIN
- B -
1.32 (.052)
1.22 (.048)
3X 0.55 (.022)
0.46 (.018)
2.92 (.115)
2.64 (.104)
4.69 (.185)
4.20 (.165)
3X
0.93 (.037)
0.69 (.027)
4.06 (.160)
3.55 (.140)
1.15 (.045)
MIN
6.47 (.255)
6.10 (.240)
3.78 (.149)
3.54 (.139)
- A -
10.54 (.415)
10.29 (.405)
2.87 (.113)
2.62 (.103)
15.24 (.600)
14.84 (.584)
14.09 (.555)
13.47 (.530)
3X
1.40 (.055)
1.15 (.045)
2.54 (.100)
2X
0.36 (.014)
M B A M
4
1
2 3
NOTES:
1 DIMENSIONING & TOLERANCING PER ANSI Y14.5M, 1982.
3 OUTLINE CONFORMS TO JEDEC OUTLINE TO-220AB.
2 CONTROLLING DIMENSION : INCH
4 HEATSINK & LEAD MEASUREMENTS DO NOT INCLUDE BURRS.
HEXFET
1- GATE
2- DRAIN
3- SOURCE
4- DRAIN
LEAD ASSIGNMENTS
IGBTs, CoPACK
1- GATE
2- COLLECTOR
3- EMITTER
4- COLLECTOR
TO-220AB Package Outline
Dimensions are shown in millimeters (inches)
TO-220AB Part Marking Information
EXAMPL E :
IN T HE ASSE MB LY L INE "C"
T HIS IS AN IR F1010
LOT CODE 1789
AS S E MB L E D ON WW 19, 1997
PART NU MB E R
ASSE MBL Y
LOT CODE
DAT E CODE
YE AR 7 = 1997
LINE C
WEEK 19
LOGO
RE CT IFIE R
INT E R NAT IONAL
Note: "P" in assembly line
position indicates "Lead-Free"
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.06/04


Similar Part No. - IRG4BC40FPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC40F IRF-IRG4BC40F Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISOR(Vces=600V, Vce(on)typ.=1.50V, @Vge=15V, Ic=27A)
IRG4BC40F IRF-IRG4BC40F Datasheet
98Kb / 35P
   Fit Rate / Equivalent Device Hours
IRG4BC40FD IRF-IRG4BC40FD Datasheet
98Kb / 35P
   Fit Rate / Equivalent Device Hours
More results

Similar Description - IRG4BC40FPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGMC50F IRF-IRGMC50F Datasheet
552Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR Fast Speed IGBT
IRG4PC30FPBF IRF-IRG4PC30FPBF Datasheet
273Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR Fast Speed IGBT
IRG4PC60F-PPBF IRF-IRG4PC60F-PPBF Datasheet
231Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR (Fast Speed IGBT)
IRG4PC60FPBF IRF-IRG4PC60FPBF Datasheet
236Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR Fast Speed IGBT
IRG4BC30FPBF IRF-IRG4BC30FPBF Datasheet
218Kb / 8P
   Fast Speed IGBT INSULATED GATE BIPOLAR TRANSISTOR
IRG4MC30F IRF-IRG4MC30F Datasheet
142Kb / 8P
   Fast Speed IGBT - INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC50FPBF IRF-IRG4PC50FPBF Datasheet
304Kb / 8P
   Fast Speed IGBT - INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC60F-P IRF-IRG4PC60F-P Datasheet
119Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR Fast Speed IGBT
IRG4PC40FPBF IRF-IRG4PC40FPBF Datasheet
268Kb / 9P
   INSULATED GATE BIPOLARTRANSISTOR Fast Speed IGBT
IRG4BC30S-SPBF IRF-IRG4BC30S-SPBF Datasheet
212Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com