Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X4043M8Z-2.7A Datasheet(PDF) 3 Page - Intersil Corporation

Part # X4043M8Z-2.7A
Description  CPU Supervisor with 4kbit EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X4043M8Z-2.7A Datasheet(HTML) 3 Page - Intersil Corporation

  X4043M8Z-2.7A Datasheet HTML 1Page - Intersil Corporation X4043M8Z-2.7A Datasheet HTML 2Page - Intersil Corporation X4043M8Z-2.7A Datasheet HTML 3Page - Intersil Corporation X4043M8Z-2.7A Datasheet HTML 4Page - Intersil Corporation X4043M8Z-2.7A Datasheet HTML 5Page - Intersil Corporation X4043M8Z-2.7A Datasheet HTML 6Page - Intersil Corporation X4043M8Z-2.7A Datasheet HTML 7Page - Intersil Corporation X4043M8Z-2.7A Datasheet HTML 8Page - Intersil Corporation X4043M8Z-2.7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
FN8118.2
March 16, 2006
X4043S8-2.7*
X4043 F
X4045S8-2.7*
X4045 F
2.7-5.5
2.55-2.7
0 to 70
8 Ld SOIC
X4043S8Z-2.7* (Note)
X4043 Z F
X4045S8Z-2.7* (Note)
X4045 Z F
0 to 70
8 Ld SOIC (Pb-free)
X4043S8I-2.7
X4043 G
X4045S8I-2.7
X4045 G
-40 to 85
8 Ld SOIC
X4043S8IZ-2.7 (Note)
X4043 Z G
X4045S8IZ-2.7 (Note)
X4045 Z G
-40 to 85
8 Ld SOIC (Pb-free)
X4043M8-2.7
ADG
X4045M8-2.7
ADP
0 to 70
8 Ld MSOP
X4043M8Z-2.7 (Note)
DAX
X4045M8Z-2.7 (Note)
DBF
0 to 70
8 Ld MSOP (Pb-free)
X4043M8I-2.7
ADH
X4045M8I-2.7
ADQ
-40 to 85
8 Ld MSOP
X4043M8IZ-2.7(Note)
DAS
X4045M8IZ-2.7 (Note)
DBB
-40 to 85
8 Ld MSOP (Pb-free)
X4043P-2.7
X4043P F
X4045P-2.7
X4045P F
0 to 70
8 Ld PDIP
X4043PZ-2.7 (Note)
X4043P Z F
X4045PZ-2.7 (Note)
X4045P Z F
0 to 70
8 Ld PDIP (Pb-free)
X4043PI-2.7
X4043P G
X4045PI-2.7
X4045P G
-40 to 85
8 Ld PDIP
X4043PIZ-2.7 (Note)
X4043P Z G
X4045PIZ-2.7 (Note)
X4045P Z G
-40 to 85
8 Ld PDIP (Pb-free)
*Add "T1" suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Ordering Information
PART NUMBER RESET
(ACTIVE LOW)
PART
MARKING
PART NUMBER
RESET (ACTIVE HIGH)
PART
MARKING
VCC
RANGE (V)
VTRIP
RANGE (V)
TEMP
RANGE (°C)
PACKAGE
X4043, X4045


Similar Part No. - X4043M8Z-2.7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4043M8Z-2.7A INTERSIL-X4043M8Z-2.7A Datasheet
373Kb / 24P
   CPU Supervisor with 4kbit EEPROM
logo
Renesas Technology Corp
X4043M8Z-2.7A RENESAS-X4043M8Z-2.7A Datasheet
908Kb / 24P
   4k, 512 x 8 Bit CPU Supervisor with 4kbit EEPROM
logo
Intersil Corporation
X4043M8Z-2.7A INTERSIL-X4043M8Z-2.7A Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
More results

Similar Description - X4043M8Z-2.7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4043 INTERSIL-X4043 Datasheet
373Kb / 24P
   CPU Supervisor with 4kbit EEPROM
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
logo
Renesas Technology Corp
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
logo
Xicor Inc.
X40430 XICOR-X40430 Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
X4043 RENESAS-X4043 Datasheet
908Kb / 24P
   4k, 512 x 8 Bit CPU Supervisor with 4kbit EEPROM
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
X4283 INTERSIL-X4283_06 Datasheet
344Kb / 22P
   CPU Supervisor with 128K EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com