Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X4043S8Z-2.7A Datasheet(PDF) 8 Page - Intersil Corporation

Part # X4043S8Z-2.7A
Description  CPU Supervisor with 4kbit EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X4043S8Z-2.7A Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X4043S8Z-2.7A Datasheet HTML 4Page - Intersil Corporation X4043S8Z-2.7A Datasheet HTML 5Page - Intersil Corporation X4043S8Z-2.7A Datasheet HTML 6Page - Intersil Corporation X4043S8Z-2.7A Datasheet HTML 7Page - Intersil Corporation X4043S8Z-2.7A Datasheet HTML 8Page - Intersil Corporation X4043S8Z-2.7A Datasheet HTML 9Page - Intersil Corporation X4043S8Z-2.7A Datasheet HTML 10Page - Intersil Corporation X4043S8Z-2.7A Datasheet HTML 11Page - Intersil Corporation X4043S8Z-2.7A Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
FN8118.2
March 16, 2006
Figure 5. VTRIP Programming Sequence
Control Register
The control register provides the user a mechanism for
changing the block lock and watchdog timer settings.
The block lock and watchdog timer bits are nonvolatile
and do not change when power is removed.
The control register is accessed with a special pream-
ble in the slave byte (1011) and is located at address
1FFh. It can only be modified by performing a byte
write operation directly to the address of the register
and only one data byte is allowed for each register
write operation. Prior to writing to the control register,
the WEL and RWEL bits must be set using a two step
process, with the whole sequence requiring 3 steps.
See "Writing to the Control Register".
The user must issue a stop after sending this byte to
the register to initiate the nonvolatile cycle that stores
WD1, WD0, BP2, BP1, and BP0. The X4043/45 will
not acknowledge any data bytes written after the first
byte is entered.
VTRIP Programming
Power-down
Actual VTRIP
Desired VTRIP
DONE
Set Higher VTRIP Sequence
Error < MDE
| Error | < | MDE |
YES
NO
Error > MDE+
the Device
Desired
Present Value ?
VTRIP <
Execute
No
YES
Execute
VTRIP Reset Sequence
Set VCC = desired VTRIP
New VCC applied =
Old VCC applied + | Error |
New VCC applied =
Old VCC applied – | Error |
Execute Reset VTRIP
Sequence
Output Switches?
Let: MDE = Maximum Desired Error
MDE+
Desired Value
MDE
Acceptable
Error Range
Error = Actual – Desired
(RESET)
Ramp VCC
= Error
X4043, X4045


Similar Part No. - X4043S8Z-2.7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4043S8Z-2.7A INTERSIL-X4043S8Z-2.7A Datasheet
373Kb / 24P
   CPU Supervisor with 4kbit EEPROM
logo
Renesas Technology Corp
X4043S8Z-2.7A RENESAS-X4043S8Z-2.7A Datasheet
908Kb / 24P
   4k, 512 x 8 Bit CPU Supervisor with 4kbit EEPROM
logo
Intersil Corporation
X4043S8Z-2.7A INTERSIL-X4043S8Z-2.7A Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
X4043S8Z-2.7AT1 INTERSIL-X4043S8Z-2.7AT1 Datasheet
373Kb / 24P
   CPU Supervisor with 4kbit EEPROM
More results

Similar Description - X4043S8Z-2.7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4043 INTERSIL-X4043 Datasheet
373Kb / 24P
   CPU Supervisor with 4kbit EEPROM
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
logo
Renesas Technology Corp
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
logo
Xicor Inc.
X40430 XICOR-X40430 Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
X4043 RENESAS-X4043 Datasheet
908Kb / 24P
   4k, 512 x 8 Bit CPU Supervisor with 4kbit EEPROM
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
X4283 INTERSIL-X4283_06 Datasheet
344Kb / 22P
   CPU Supervisor with 128K EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com