Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X1228V14IZ-2.7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # X1228V14IZ-2.7
Description  Real Time Clock/Calendar/CPU Supervisor with EEPROM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X1228V14IZ-2.7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X1228V14IZ-2.7 Datasheet HTML 2Page - Intersil Corporation X1228V14IZ-2.7 Datasheet HTML 3Page - Intersil Corporation X1228V14IZ-2.7 Datasheet HTML 4Page - Intersil Corporation X1228V14IZ-2.7 Datasheet HTML 5Page - Intersil Corporation X1228V14IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X1228V14IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X1228V14IZ-2.7 Datasheet HTML 8Page - Intersil Corporation X1228V14IZ-2.7 Datasheet HTML 9Page - Intersil Corporation X1228V14IZ-2.7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
FN8100.4
May 18, 2006
AC Specifications (TA = -40°C to +85°C, VCC = +2.7V to +5.5V, unless otherwise specified.)
Notes: (1) This parameter is not 100% tested.
(2) Cb = total capacitance of one bus line in pF.
TIMING DIAGRAMS
Bus Timing
Symbol
Parameter
Min.
Max. Units
fSCL
SCL Clock Frequency
400
kHz
tIN
Pulse width Suppression Time at inputs
50(1)
ns
tAA
SCL LOW to SDA Data Out Valid
0.1
0.9
μs
tBUF
Time the bus must be free before a new transmission can start
1.3
μs
tLOW
Clock LOW Time
1.3
μs
tHIGH
Clock HIGH Time
0.6
μs
tSU:STA
Start Condition Setup Time
0.6
μs
tHD:STA
Start Condition Hold Time
0.6
μs
tSU:DAT
Data In Setup Time
100
ns
tHD:DAT
Data In Hold Time
0
μs
tSU:STO
Stop Condition Setup Time
0.6
μs
tDH
Data Output Hold Time
50
ns
tR
SDA and SCL Rise Time
20 +.1Cb(2)
300
ns
tF
SDA and SCL Fall Time
20 +.1Cb(2)
300
ns
Cb
Capacitive load for each bus line
400
pF
tSU:STO
tDH
tHIGH
tSU:STA
tHD:STA
tHD:DAT
tSU:DAT
SCL
SDA IN
SDA OUT
tF
tLOW
tBUF
tAA
tR
X1228


Similar Part No. - X1228V14IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X1228V14IZ-2.7 INTERSIL-X1228V14IZ-2.7 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1228V14IZ-2.7 RENESAS-X1228V14IZ-2.7 Datasheet
1Mb / 29P
   4K (512 x 8), 2-Wire ??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228V14IZ-2.7A INTERSIL-X1228V14IZ-2.7A Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1228V14IZ-2.7A RENESAS-X1228V14IZ-2.7A Datasheet
1Mb / 29P
   4K (512 x 8), 2-Wire ??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results

Similar Description - X1228V14IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1286 INTERSIL-X1286_06 Datasheet
473Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286V14T1 INTERSIL-X1286V14T1 Datasheet
482Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
April 14, 2006
X1286 INTERSIL-X1286 Datasheet
365Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM X1286
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com