Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X1228V14-2.7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X1228V14-2.7
Description  Real Time Clock/Calendar/CPU Supervisor with EEPROM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X1228V14-2.7 Datasheet(HTML) 4 Page - Intersil Corporation

  X1228V14-2.7 Datasheet HTML 1Page - Intersil Corporation X1228V14-2.7 Datasheet HTML 2Page - Intersil Corporation X1228V14-2.7 Datasheet HTML 3Page - Intersil Corporation X1228V14-2.7 Datasheet HTML 4Page - Intersil Corporation X1228V14-2.7 Datasheet HTML 5Page - Intersil Corporation X1228V14-2.7 Datasheet HTML 6Page - Intersil Corporation X1228V14-2.7 Datasheet HTML 7Page - Intersil Corporation X1228V14-2.7 Datasheet HTML 8Page - Intersil Corporation X1228V14-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
FN8100.4
May 18, 2006
ABSOLUTE MAXIMUM RATINGS
Temperature Under Bias ................... -65°C to +135°C
Storage Temperature ........................ -65°C to +150°C
Voltage on VCC, VBACK and PHZ/IRQ
pin (respect to ground) ............................-0.5V to 7.0V
Voltage on SCL, SDA, X1 and X2
pin (respect to ground) ............... -0.5V to 7.0V or 0.5V
above VCC or VBACK (whichever is higher)
DC Output Current .............................................. 5 mA
Lead Temperature (Soldering, 10 sec).............. 300°C
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation
of the device at these or any other conditions above
those indicated in the operational sections of this
specification is not implied. Exposure to absolute max-
imum rating conditions for extended periods may
affect device reliability.
DC OPERATING CHARACTERISTICS (Temperature = -40°C to +85°C, unless otherwise stated.)
OPERATING CHARACTERISTICS
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Notes
VCC
Main Power Supply
2.7
5.5
V
VBACK
Backup Power Supply
1.8
5.5
V
VCB
Switch to Backup Supply
VBACK -0.2
VBACK -0.1
V
VBC
Switch to Main Supply
VBACK
VBACK +0.2
V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Notes
ICC1
Read Active Supply
Current
VCC = 2.7V
400
µA
1, 5, 7, 14
VCC = 5.0V
800
µA
ICC2
Program Supply Current
(nonvolatile)
VCC = 2.7V
2.5
mA
2, 5, 7, 14
VCC = 5.0V
3.0
mA
ICC3
Main Timekeeping
Current
VCC = 2.7V
10
µA
3, 7, 8, 14, 15
VCC = 5.0V
20
µA
IBACK
Timekeeping Current –
(Low Voltage Sense and
Watchdog Timer
disabled
VBACK = 1.8V
1.25
µA
3, 6, 9, 14, 15
“See Perfor-
mance Data”
VBACK = 3.3V
1.5
µA
ILI
Input Leakage Current
10
µA
10
ILO
Output Leakage Current
10
µA
10
VIL
Input LOW Voltage
-0.5
VCC x 0.2 or
VBACK x 0.2
V13
VIH
Input HIGH Voltage
VCC x 0.7 or
VBACK x 0.7
VCC + 0.5 or
VBACK + 0.5
V13
VHYS
Schmitt Trigger Input
Hysteresis
VCC related level
.05 x VCC or
.05 x VBACK
V13
VOL1
Output LOW Voltage for
SDA and RESET
VCC = 2.7V
0.4
V11
VCC = 5.5V
0.4
VOL2
Output LOW Voltage for
PHZ/IRQ
VCC = 2.7V
VCC x 0.3
V11
VCC = 5.5V
VCC x 0.3
VOH2
Output HIGH Voltage for
PHZ/IRQ
VCC = 2.7V
VCC x 0.7
V12
VCC = 5.5V
VCC x 0.7
X1228


Similar Part No. - X1228V14-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X1228V14-2.7 XICOR-X1228V14-2.7 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228V14-2.7 INTERSIL-X1228V14-2.7 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1228V14-2.7 RENESAS-X1228V14-2.7 Datasheet
1Mb / 29P
   4K (512 x 8), 2-Wire ??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1228V14-2.7A XICOR-X1228V14-2.7A Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228V14-2.7A INTERSIL-X1228V14-2.7A Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results

Similar Description - X1228V14-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1286 INTERSIL-X1286_06 Datasheet
473Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286V14T1 INTERSIL-X1286V14T1 Datasheet
482Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
April 14, 2006
X1286 INTERSIL-X1286 Datasheet
365Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM X1286
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com