Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X4163V8I-2.7 Datasheet(PDF) 2 Page - Intersil Corporation

Part # X4163V8I-2.7
Description  CPU Supervisor with 16K EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X4163V8I-2.7 Datasheet(HTML) 2 Page - Intersil Corporation

  X4163V8I-2.7 Datasheet HTML 1Page - Intersil Corporation X4163V8I-2.7 Datasheet HTML 2Page - Intersil Corporation X4163V8I-2.7 Datasheet HTML 3Page - Intersil Corporation X4163V8I-2.7 Datasheet HTML 4Page - Intersil Corporation X4163V8I-2.7 Datasheet HTML 5Page - Intersil Corporation X4163V8I-2.7 Datasheet HTML 6Page - Intersil Corporation X4163V8I-2.7 Datasheet HTML 7Page - Intersil Corporation X4163V8I-2.7 Datasheet HTML 8Page - Intersil Corporation X4163V8I-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
FN8120.1
May 12, 2006
Ordering Information
PART NUMBER
RESET
(ACTIVE LOW)
PART
MARKING
PART NUMBER
RESET
(ACTIVE HIGH)
PART
MARKING
VCC RANGE
(V)
VTRIP
RANGE (V)
TEMP
RANGE (°C)
PACKAGE
PKG.
DWG. #
X4163S8-4.5A
X4163 AL
X4165S8-4.5A
X4165 AL
4.5-5.5
4.5-4.75
0 to 70
8 Ld SOIC
MDP0027
X4163S8Z-4.5A
(Note)
X4163 Z AL
X4165S8Z-4.5A
(Note)
X4165 Z AL
0 to 70
8 Ld SOIC
(Pb-free)
MDP0027
X4163S8I-4.5A
X4163 AM
X4165S8I-4.5A
X4165 AM
-40 to 85
8 Ld SOIC
MDP0027
X4163S8IZ-4.5A
(Note)
X4163 Z AM
X4165S8IZ-4.5A
(Note)
X4165 Z AM
-40 to 85
8 Ld SOIC
(Pb-free)
MDP0027
X4163V8-4.5A
4163AL
X4165V8-4.5A
4165AL
0 to 70
8 Ld TSSOP
(4.4mm)
M8.173
X4163V8Z-4.5A
(Note)
4163AL Z
X4165V8Z-4.5A
(Note)
4165AL Z
0 to 70
8 Ld TSSOP
(4.4mm) (Pb-free)
M8.173
X4163V8I-4.5A
4163AM
X4165V8I-4.5A
4165AM
-40 to 85
8 Ld TSSOP
(4.4mm)
M8.173
X4163V8IZ-4.5A
(Note)
4163AM Z
X4165V8IZ-4.5A
(Note)
4165AM Z
-40 to 85
8 Ld TSSOP
(4.4mm) (Pb-free)
M8.173
X4163S8-2.7
X4163 F
X4165S8-2.7
X4165 F
2.7-5.5
2.55-2.7
0 to 70
8 Ld SOIC
MDP0027
X4163S8Z-2.7
(Note)
X4163 Z F
X4165S8Z-2.7
(Note)
X4165 Z F
0 to 70
8 Ld SOIC
(Pb-free)
MDP0027
X4163S8I-2.7
X4163 G
X4165S8I-2.7
X4165 G
-40 to 85
8 Ld SOIC
MDP0027
X4163S8IZ-2.7
(Note)
X4163 Z G
X4165S8IZ-2.7
(Note)
X4165 Z G
-40 to 85
8 Ld SOIC
(Pb-free)
MDP0027
X4163V8-2.7
4163F
X4165V8-2.7
4165F
0 to 70
8 Ld TSSOP
(4.4mm)
M8.173
X4163V8Z-2.7
(Note)
4163F Z
X4165V8Z-2.7
(Note)
4165F Z
0 to 70
8 Ld TSSOP
(4.4mm) (Pb-free)
M8.173
X4163V8I-2.7
4163G
X4165V8I-2.7
4165G
-40 to 85
8 Ld TSSOP
(4.4mm)
M8.173
X4163V8IZ-2.7
(Note)
4163G Z
X4165V8IZ-2.7
(Note)
4165G Z
-40 to 85
8 Ld TSSOP
(4.4mm) (Pb-free)
M8.173
X4163S8-2.7A*
X4163 AN
X4165S8-2.7A
X4165 AN
2.7-5.5
2.85-3.0
0 to 70
8 Ld SOIC
MDP0027
X4163S8Z-2.7A*
(Note)
X4163 Z AN
X4165S8Z-2.7A
(Note)
X4165 Z AN
0 to 70
8 Ld SOIC
(Pb-free)
MDP0027
X4163S8I-2.7A
X4163 AP
X4165S8I-2.7A
X4165 AP
-40 to 85
8 Ld SOIC
MDP0027
X4163S8IZ-2.7A
(Note)
X4163 Z AP
X4165S8IZ-2.7A
(Note)
X4165 Z AP
-40 to 85
8 Ld SOIC
(Pb-free)
MDP0027
X4163V8-2.7A
4163AN
X4165V8-2.7A
4165AN
2.7-5.5
2.85-3.0
0 to 70
8 Ld TSSOP
(4.4mm)
M8.173
X4163V8Z-2.7A
(Note)
4163AN Z
X4165V8Z-2.7A
(Note)
4165AN Z
0 to 70
8 Ld TSSOP
(4.4mm) (Pb-free)
M8.173
X4163V8I-2.7A
4163AP
X4165V8I-2.7A
4165AP
-40 to 85
8 Ld TSSOP
(4.4mm)
M8.173
X4163V8IZ-2.7A
(Note)
4163AP Z
X4165V8IZ-2.7A
(Note)
4165AP Z
-40 to 85
8 Ld TSSOP
(4.4mm) (Pb-free)
M8.173
X4163, X4165


Similar Part No. - X4163V8I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4163V8I-2.7 INTERSIL-X4163V8I-2.7 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
X4163V8I-2.7 INTERSIL-X4163V8I-2.7 Datasheet
345Kb / 22P
   CPU Supervisor with 16K EEPROM
November 26, 2007
logo
Renesas Technology Corp
X4163V8I-2.7 RENESAS-X4163V8I-2.7 Datasheet
880Kb / 22P
   16K, 2K x 8 Bit CPU Supervisor with 16K EEPROM
November 26, 2007
logo
Intersil Corporation
X4163V8I-2.7A INTERSIL-X4163V8I-2.7A Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
X4163V8I-2.7A INTERSIL-X4163V8I-2.7A Datasheet
345Kb / 22P
   CPU Supervisor with 16K EEPROM
November 26, 2007
More results

Similar Description - X4163V8I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
X4163-65 INTERSIL-X4163-65 Datasheet
345Kb / 22P
   CPU Supervisor with 16K EEPROM
November 26, 2007
logo
Renesas Technology Corp
X4163 RENESAS-X4163 Datasheet
880Kb / 22P
   16K, 2K x 8 Bit CPU Supervisor with 16K EEPROM
November 26, 2007
X4283 RENESAS-X4283 Datasheet
881Kb / 22P
   128K, 16K x 8 Bit CPU Supervisor with 128K EEPROM
May 23, 2006
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4283 INTERSIL-X4283_06 Datasheet
344Kb / 22P
   CPU Supervisor with 128K EEPROM
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
X4283 XICOR-X4283 Datasheet
412Kb / 22P
   CPU Supervisor with 128K EEPROM
logo
Intersil Corporation
X4043 INTERSIL-X4043_06 Datasheet
371Kb / 24P
   CPU Supervisor with 4kbit EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com