Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X4003M8Z Datasheet(PDF) 5 Page - Intersil Corporation

Part # X4003M8Z
Description  CPU Supervisor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X4003M8Z Datasheet(HTML) 5 Page - Intersil Corporation

  X4003M8Z Datasheet HTML 1Page - Intersil Corporation X4003M8Z Datasheet HTML 2Page - Intersil Corporation X4003M8Z Datasheet HTML 3Page - Intersil Corporation X4003M8Z Datasheet HTML 4Page - Intersil Corporation X4003M8Z Datasheet HTML 5Page - Intersil Corporation X4003M8Z Datasheet HTML 6Page - Intersil Corporation X4003M8Z Datasheet HTML 7Page - Intersil Corporation X4003M8Z Datasheet HTML 8Page - Intersil Corporation X4003M8Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
FN8113.1
May 11, 2006
PRINCIPLES OF OPERATION
Power-on Reset
Application of power to the X4003/X4005 activates a
power-on reset circuit that pulls the RESET/RESET
pin active. This signal provides several benefits.
– It prevents the system microprocessor from starting
to operate with insufficient voltage.
– It prevents the processor from operating prior to
stabilization of the oscillator.
– It allows time for an FPGA to download its configura-
tion prior to initialization of the circuit.
When VCC exceeds the device VTRIP threshold value for
200ms (nominal) the circuit releases RESET/RESET,
allowing the system to begin operation.
Low Voltage Monitoring
During operation, the X4003/X4005 monitors the VCC
level and asserts RESET/RESET if supply voltage falls
below a preset minimum VTRIP. The RESET/RESET
signal prevents the microprocessor from operating in a
power fail or brownout condition. The RESET/RESET
signal remains active until the voltage drops below 1V.
It also remains active until VCC returns and exceeds
VTRIP for 200ms.
Watchdog Timer
The watchdog timer circuit monitors the microproces-
sor activity by monitoring the SDA and SCL pins. The
microprocessor must toggle the SDA pin HIGH to
LOW periodically, while SCL also toggles from HIGH
to LOW (this is a start bit) followed by a stop condition
prior to the expiration of the watchdog time out period
to prevent a RESET/RESET signal. The state of two
nonvolatile control bits in the control register deter-
mine the watchdog timer period. The microprocessor
can change these watchdog bits, or they may be
“locked” by tying the WP pin HIGH.
Figure 1. Watchdog Restart
Set VTRIP Level Sequence (VCC = desired VTRIP value)
VCC THRESHOLD RESET PROCEDURE
The X4003/X4005 is shipped with a standard VCC
threshold (VTRIP) voltage. This value will not change
over normal operating and storage conditions. How-
ever, in applications where the standard VTRIP is not
exactly right, or if higher precision is needed in the
VTRIP value, the X4003/X4005 threshold may be
adjusted. The procedure is described below, and uses
the application of a nonvolatile control signal.
Setting the VTRIP Voltage
This procedure is used to set the VTRIP to a higher
voltage value. For example, if the current VTRIP is 4.4V
and the new VTRIP is 4.6V, this procedure will directly
make the change. If the new setting is to be lower than
the current setting, then it is necessary to reset the trip
point before setting the new value.
SCL
SDA
.6µs
.6µs
Start
Condition
Stop
Condition
Restart
01 2
4 5 6 7
SCL
SDA
A0h
01 2 3 4 5 67
01h
WP
VP = 15-18V
01 2 3 4 5 67
00h
3
X4003, X4005


Similar Part No. - X4003M8Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4003M8Z INTERSIL-X4003M8Z Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
logo
Renesas Technology Corp
X4003M8Z RENESAS-X4003M8Z Datasheet
692Kb / 16P
   CPU Supervisor
X4003M8Z-2.7 RENESAS-X4003M8Z-2.7 Datasheet
692Kb / 16P
   CPU Supervisor
logo
Intersil Corporation
X4003M8Z-2.7 INTERSIL-X4003M8Z-2.7 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
logo
Renesas Technology Corp
X4003M8Z-2.7A RENESAS-X4003M8Z-2.7A Datasheet
692Kb / 16P
   CPU Supervisor
More results

Similar Description - X4003M8Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4003 INTERSIL-X4003 Datasheet
266Kb / 17P
   CPU Supervisor
X4003-05 INTERSIL-X4003-05 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
X5001 INTERSIL-X5001_06 Datasheet
305Kb / 20P
   CPU Supervisor
X5001 INTERSIL-X5001 Datasheet
275Kb / 18P
   CPU Supervisor
logo
Xicor Inc.
X5001 XICOR-X5001 Datasheet
100Kb / 19P
   CPU Supervisor
X4003 XICOR-X4003 Datasheet
378Kb / 18P
   CPU Supervisor
logo
Intersil Corporation
X4005S8IZ-27 INTERSIL-X4005S8IZ-27 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
logo
Renesas Technology Corp
X4003 RENESAS-X4003 Datasheet
692Kb / 16P
   CPU Supervisor
X5001 RENESAS-X5001 Datasheet
789Kb / 20P
   CPU Supervisor
logo
Texas Instruments
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com