Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL95810WIRT8Z Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL95810WIRT8Z
Description  Low Noise, Low Power I2C Bus, 256 Taps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95810WIRT8Z Datasheet(HTML) 4 Page - Intersil Corporation

  ISL95810WIRT8Z Datasheet HTML 1Page - Intersil Corporation ISL95810WIRT8Z Datasheet HTML 2Page - Intersil Corporation ISL95810WIRT8Z Datasheet HTML 3Page - Intersil Corporation ISL95810WIRT8Z Datasheet HTML 4Page - Intersil Corporation ISL95810WIRT8Z Datasheet HTML 5Page - Intersil Corporation ISL95810WIRT8Z Datasheet HTML 6Page - Intersil Corporation ISL95810WIRT8Z Datasheet HTML 7Page - Intersil Corporation ISL95810WIRT8Z Datasheet HTML 8Page - Intersil Corporation ISL95810WIRT8Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN8090.2
September 19, 2006
ILkgDig
Leakage Current, at Pins SDA, SCL,
and WP Pins
Voltage at pin from GND to VCC
-10
10
µA
tDCP (Note 13)
DCP Wiper Response Time
SCL falling edge of last bit of DCP Data Byte to
wiper change
1µs
Vpor
Power-On Recall Voltage
Minimum VCC at which memory recall occurs
1.8
2.6
V
VCCRamp
VCC Ramp Rate
0.2
V/ms
tD (Note 13)
Power-Up Delay
VCC above Vpor, to DCP Initial Value Register recall
completed, and I2C Interface in standby state
3ms
EEPROM SPECIFICATIONS
EEPROM Endurance
200,000
Cycles
EEPROM Retention
Temperature
≤ +75°C
50
Years
SERIAL INTERFACE SPECIFICATIONS
VIL
WP, SDA, and SCL Input Buffer LOW
Voltage
-0.3
0.3*VCC
V
VIH
WP, SDA, and SCL Input Buffer
HIGH Voltage
0.7*VCC
VCC+0.3
V
Hysteresis (Note 13) SDA and SCL Input Buffer Hysteresis
0.05*VCC
V
VOL (Note 13)
SDA Output Buffer LOW Voltage,
Sinking 4mA
00.4
V
Cpin (Note 13)
WP, SDA, and SCL Pin Capacitance
10
pF
fSCL
SCL Frequency
400
kHz
tIN (Note 13)
Pulse Width Suppression Time at
SDA and SCL Inputs
Any pulse narrower than the max spec is
suppressed.
50
ns
tAA (Note 13)
SCL Falling Edge to SDA Output
Data Valid
SCL falling edge crossing 30% of VCC, until SDA
exits the 30% to 70% of VCC window.
900
ns
tBUF (Note 13)
Time the Bus Must be Free Before
the Start of a New Transmission
SDA crossing 70% of VCC during a STOP
condition, to SDA crossing 70% of VCC during the
following START condition.
1300
ns
tLOW
Clock LOW Time
Measured at the 30% of VCC crossing.
1300
ns
tHIGH
Clock HIGH Time
Measured at the 70% of VCC crossing.
600
ns
tSU:STA
START Condition Setup Time
SCL rising edge to SDA falling edge. Both
crossing 70% of VCC.
600
ns
tHD:STA
START Condition Hold Time
From SDA falling edge crossing 30% of VCC to
SCL falling edge crossing 70% of VCC.
600
ns
tSU:DAT
Input Data Setup Time
From SDA exiting the 30% to 70% of VCC
window, to SCL rising edge crossing 30% of VCC
100
ns
tHD:DAT
Input Data Hold Time
From SCL rising edge crossing 70% of VCC to
SDA entering the 30% to 70% of VCC window.
0ns
tSU:STO
STOP Condition Setup Time
From SCL rising edge crossing 70% of VCC, to
SDA rising edge crossing 30% of VCC.
600
ns
tHD:STO
STOP Condition Hold Time for Read,
or Volatile Only Write
From SDA rising edge to SCL falling edge. Both
crossing 70% of VCC.
600
ns
tHD:STO:NV
STOP Condition Hold Time for Non-
Volatile Write
From SDA rising edge to SCL falling edge. Both
crossing 70% of VCC.
2µs
tDH (Note 13)
Output Data Hold Time
From SCL falling edge crossing 30% of VCC, until
SDA enters the 30% to 70% of VCC window.
0ns
tR (Note 13)
SDA and SCL Rise Time
From 30% to 70% of VCC
20 +
0.1 * Cb
250
ns
tF (Note 13)
SDA and SCL Fall Time
From 70% to 30% of VCC
20 +
0.1 * Cb
250
ns
Cb (Note 13)
Capacitive Loading of SDA or SCL
Total on-chip and off-chip
10
400
pF
Operating Specifications Over the recommended operating conditions unless otherwise specified. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 1)
MAX
UNITS
ISL95810


Similar Part No. - ISL95810WIRT8Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95810WIRT8Z INTERSIL-ISL95810WIRT8Z Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
logo
Renesas Technology Corp
ISL95810WIRT8Z RENESAS-ISL95810WIRT8Z Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C Bus, 256 Taps
logo
Intersil Corporation
ISL95810WIRT8Z-T INTERSIL-ISL95810WIRT8Z-T Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results

Similar Description - ISL95810WIRT8Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90810 INTERSIL-ISL90810 Datasheet
1Mb / 11P
   Low Noise/Low Power/I2C Bus/256 Taps
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL90842 INTERSIL-ISL90842 Datasheet
1Mb / 12P
   Low Noise, Low Power, I2C Bus, 256 Taps
ISL90841 INTERSIL-ISL90841 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90842UIV1427Z INTERSIL-ISL90842UIV1427Z Datasheet
676Kb / 10P
   Low Noise, Low Power I2C® Bus, 256 Taps
January 16, 2006
X95820WV14I-2.7 INTERSIL-X95820WV14I-2.7 Datasheet
1Mb / 12P
   Low Noise/Low Power/I2C® Bus/256 Taps
July 18, 2006
ISL22323TFV14Z INTERSIL-ISL22323TFV14Z Datasheet
751Kb / 19P
   Low Noise, Low Power, I2C® Bus, 256 Taps
August 17, 2015
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL22313TFU10Z INTERSIL-ISL22313TFU10Z Datasheet
620Kb / 15P
   Low Noise, Low Power, I2C짰 Bus, 256 Taps
July 17, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com