Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL60007DIB825 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL60007DIB825
Description  Precision 2.50V, 1.08U-Watt, High Precision FGA Voltage References
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL60007DIB825 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL60007DIB825 Datasheet HTML 2Page - Intersil Corporation ISL60007DIB825 Datasheet HTML 3Page - Intersil Corporation ISL60007DIB825 Datasheet HTML 4Page - Intersil Corporation ISL60007DIB825 Datasheet HTML 5Page - Intersil Corporation ISL60007DIB825 Datasheet HTML 6Page - Intersil Corporation ISL60007DIB825 Datasheet HTML 7Page - Intersil Corporation ISL60007DIB825 Datasheet HTML 8Page - Intersil Corporation ISL60007DIB825 Datasheet HTML 9Page - Intersil Corporation ISL60007DIB825 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
FN8087.3
April 21, 2006
Board Mounting Considerations
For applications requiring the highest accuracy, board
mounting location should be reviewed. Placing the device in
areas subject to slight twisting can cause degradation of the
accuracy of the reference voltage due to die stresses. It is
normally best to place the device near the edge of a board,
or the shortest side, as the axis of bending is most limited at
that location. Obviously mounting the device on flexprint or
extremely thin PC material will likewise cause loss of
reference accuracy.
Noise Performance and Reduction
The output noise voltage in a 0.1Hz to 10Hz bandwidth is
typically 30µVP-P. This is shown in the plot in the Typical
Performance Curves. The noise measurement is made with
a bandpass filter made of a 1 pole high-pass filter with a
corner frequency at 0.1Hz and a 2-pole low-pass filter with a
corner frequency at 12.6Hz to create a filter with a 9.9Hz
bandwidth. Noise in the 10kHz to 1MHz bandwidth is
approximately 400µVP-P with no capacitance on the output,
as shown in Figure 16. These noise measurements are
made with a 2 decade bandpass filter made of a 1 pole high-
pass filter with a corner frequency at 1/10 of the center
frequency and 1-pole low-pass filter with a corner frequency
at 10 times the center frequency. Figure 16 also shows the
noise in the 10kHz to 1MHz band can be reduced to about
50µVP-P using a 0.001µF capacitor on the output. Noise in
the 1kHz to 100kHz band can be further reduced using a
0.1µF capacitor on the output, but noise in the 1Hz to 100Hz
band increases due to instability of the very low power
amplifier with a 0.1µF capacitance load. For load
capacitances above 0.001µF the noise reduction network
shown in Figure 17 is recommended. This network reduces
noise significantly over the full bandwidth. As shown in
Figure 16, noise is reduced to less than 40µVP-P from 1Hz
to 1MHz using this network with a 0.01µF capacitor and a
2k
Ω resistor in series with a 10µF capacitor.
Turn-On Time
The ISL60007 devices operate with ultra-low supply current
and thus the time to bias up internal circuitry to final values
will be longer than with references that require higher
current. Normal turn-on time is typically 4ms. This is shown
in Figure 18. Since devices can vary in supply current down
to 250nA, turn-on time can last up to about 6ms. Care
should be taken in system design to include this delay before
measurements or conversions are started.
Temperature Coefficient
The limits stated for temperature coefficient (tempco) are
governed by the method of measurement. The
overwhelming standard for specifying the temperature drift of
a reference is to measure the reference voltage at two
temperatures, take the total variation, (VHIGH - VLOW), and
divide by the temperature extremes of measurement
(THIGH -TLOW). The result is divided by the nominal
reference voltage (at T = 25°C) and multiplied by 106 to yield
ppm/°C. This is the “Box” method for specifying temperature
coefficient.
CL = 0
400
350
300
250
200
150
100
50
0
1
10
100
1000
10000
100000
FIGURE 16. NOISE REDUCTION
CL= 0.001µF
CL = 0.01µF
& 10µF + 2k
Ω
CL = 0.1µF
VIN = 3.0V
VIN
VO
GND
ISL60007
0.01µF
10µF
2k
Ω
0.1µF
10µF
FIGURE 17.
0
0.5
1
1.5
2
2.5
3
3.5
0
2
4
6
8
10
12
TIME (ms)
400nA
VIN
570nA
250nA
FIGURE 18. TURN-ON TIME (+25°C)
ISL60007


Similar Part No. - ISL60007DIB825

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL60007DIB825 INTERSIL-ISL60007DIB825 Datasheet
469Kb / 12P
   Precision 1.25V and 2.50V, 1.08u-Watt, High Precision FGA Voltage References
More results

Similar Description - ISL60007DIB825

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL60007 INTERSIL-ISL60007 Datasheet
469Kb / 12P
   Precision 1.25V and 2.50V, 1.08u-Watt, High Precision FGA Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
X60003 RENESAS-X60003 Datasheet
918Kb / 17P
   Precision SOT-23 FGA??Voltage References
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_06 Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL21032 INTERSIL-ISL21032 Datasheet
230Kb / 7P
   Precision 0.600V Low Voltage FGA References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com