Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL60002DIH311Z-TK Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL60002DIH311Z-TK
Description  Precision Low Power FGA??Voltage References
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL60002DIH311Z-TK Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL60002DIH311Z-TK Datasheet HTML 6Page - Intersil Corporation ISL60002DIH311Z-TK Datasheet HTML 7Page - Intersil Corporation ISL60002DIH311Z-TK Datasheet HTML 8Page - Intersil Corporation ISL60002DIH311Z-TK Datasheet HTML 9Page - Intersil Corporation ISL60002DIH311Z-TK Datasheet HTML 10Page - Intersil Corporation ISL60002DIH311Z-TK Datasheet HTML 11Page - Intersil Corporation ISL60002DIH311Z-TK Datasheet HTML 12Page - Intersil Corporation ISL60002DIH311Z-TK Datasheet HTML 13Page - Intersil Corporation ISL60002DIH311Z-TK Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
10
FN8082.7
August 1, 2006
Typical Performance Characteristic Curves ISL60002, VOUT = 1.20V
VIN = 3.0V, IOUT = 0mA, TA = +25°C unless otherwise specified
FIGURE 14. IIN vs VIN (3 REPRESENTATIVE UNITS)
FIGURE 15. IIN vs VIN OVER TEMPERATURE
FIGURE 16. VOUT vs TEMPERATURE NORMALIZED to +25°C
FIGURE 17. LINE REGULATION (3 REPRESENTATIVE UNITS)
FIGURE 18. LINE REGULATION OVER TEMPERATURE
0
100
200
300
400
500
600
700
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
VIN (V)
450nA
340nA
270nA
100
150
200
250
300
350
400
450
500
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
VIN (V)
-40°C
+25°C
+85°C
1.1994
1.1996
1.1998
1.2
1.2002
1.2004
1.2006
-40
-15
10
35
60
85
TEMPERATURE (°C)
UNIT 1
UNIT 3
UNIT 2
1.1999
1.19992
1.19994
1.19996
1.19998
1.2
1.20002
1.20004
1.20006
1.20008
1.2001
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
VIN (V)
450nA
270nA
340nA
-150
-125
-100
-75
-50
-25
0
25
50
75
100
125
150
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
VIN
+85°C
+25°C
-40°C
ISL60002


Similar Part No. - ISL60002DIH311Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL60002DIH311Z-TK INTERSIL-ISL60002DIH311Z-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002DIH311Z-TK INTERSIL-ISL60002DIH311Z-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002DIH311Z-TK INTERSIL-ISL60002DIH311Z-TK Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL60002DIH311Z-TK INTERSIL-ISL60002DIH311Z-TK Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL60002DIH311Z-TK RENESAS-ISL60002DIH311Z-TK Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
More results

Similar Description - ISL60002DIH311Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002_10 Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
ISL60002_0712 INTERSIL-ISL60002_0712 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL60002 RENESAS-ISL60002 Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL21032 INTERSIL-ISL21032 Datasheet
230Kb / 7P
   Precision 0.600V Low Voltage FGA References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com