Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL8178FSZ-T7 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL8178FSZ-T7
Description  Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8178FSZ-T7 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL8178FSZ-T7 Datasheet HTML 4Page - Intersil Corporation EL8178FSZ-T7 Datasheet HTML 5Page - Intersil Corporation EL8178FSZ-T7 Datasheet HTML 6Page - Intersil Corporation EL8178FSZ-T7 Datasheet HTML 7Page - Intersil Corporation EL8178FSZ-T7 Datasheet HTML 8Page - Intersil Corporation EL8178FSZ-T7 Datasheet HTML 9Page - Intersil Corporation EL8178FSZ-T7 Datasheet HTML 10Page - Intersil Corporation EL8178FSZ-T7 Datasheet HTML 11Page - Intersil Corporation EL8178FSZ-T7 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FN7504.5
March 29, 2007
non-unity gain op amp configurations, then the loading
effects of the disabled amplifiers’ feedback networks must be
considered when evaluating the active amplifier’s
performance in Mux Amp configurations.
Note that feed through from the IN+ to IN- pins occurs on
any Mux Amp disabled channel where the input differential
voltage exceeds 0.5V (e.g., active channel VOUT = 1V, while
disabled channel VIN = GND), so the mux implementation is
best suited for small signal applications. In any application
where two or more amplifier outputs are muxed, use series
IN+ resistors, or large value RFs in each amplifier to keep
the feed through current low enough to minimize the impact
on the active channel. See “Usage Implications” on page 9
for more details.
IN+ and IN- Input Protection
In addition to ESD protection diodes to each supply rail, the
EL8178 has additional back-to-back protection diodes across
the differential input terminals (see “Circuit 1” diagram on
page 8). If the magnitude of the differential input voltage
exceeds the diode’s VF, then one of these diodes will conduct.
For elevated temperatures, the leakage of the protection
diodes (Circuit 1 pin description table) increases, resulting in
the increase in Ibias as seen in Figures 18 and 19.
Usage Implications
If the input differential voltage is expected to exceed 0.5V, an
external current limiting resistor must be used to ensure the
input current never exceeds 5mA. For noninverting unity gain
applications the current limiting can be via a series IN+ resistor,
or via a feedback resistor of appropriate value. For other gain
configurations, the series IN+ resistor is the best choice, unless
the feedback (RF) and gain setting (RG) resistors are both
sufficiently large to limit the input current to 5mA.
Large differential input voltages can arise from several
sources:
1) During open loop (comparator) operation. The IN+ and IN-
input voltages don’t track.
2) When the amplifier is disabled but an input signal is still
present. An RL or RG to GND keeps the IN- at GND, while
the varying IN+ signal creates a differential voltage. Mux
Amp applications are similar, except that the active channel
VOUT determines the voltage on the IN- terminal.
3) When the slew rate of the input pulse is considerably
faster than the op amp’s slew rate. If the VOUT can’t keep up
with the IN+ signal, a differential voltage results, and visible
distortion occurs on the input and output signals. To avoid
this issue, keep the input slew rate below 0.2V/
μs, or use
appropriate current limiting resistors.
Large (>2V) differential input voltages can also cause an
increase in disabled ICC.
EN I
nput Protection
The EN input has internal ESD protection diodes to both the
positive and negative supply rails, limiting the input voltage
range to within one diode beyond the supply rails (see “Circuit
2” diagram on page 8). If the input voltage is expected to
exceed VS+ or VS-, then an external series resistor should be
added to limit the current to 5mA.
Output Current Limiting
The EL8178 has no internal current-limiting circuitry. If the
output is shorted, it is possible to exceed the “Absolute
Maximum Rating” for “operating junction temperature”,
potentially resulting in the destruction of the device.
Power Dissipation
It is possible to exceed the +150°C maximum junction
temperature (TJMAX) under certain load and power-supply
conditions. It is therefore important to calculate TJMAX for all
applications to determine if power supply voltages, load
conditions, or package type need to be modified to remain in
the safe operating area. These parameters are related as
follows:
where PDMAX is calculated using:
where:
•TMAX = Maximum ambient temperature
θ
JA = Thermal resistance of the package
•PDMAX = Maximum power dissipation of the amplifier
•VS = Supply voltage
•IMAX = Maximum supply current of the amplifier
•VOUTMAX = Maximum output voltage swing of the
application
•RL = Load resistance
Proper Layout Maximizes Precision
To achieve the optimum levels of high input impedance (i.e.,
low input currents) and low offset voltage, care should be
taken in the circuit board layout. The PC board surface must
remain clean and free of moisture to avoid leakage currents
between adjacent traces. Surface coating of the circuit board
will reduce surface moisture and provide a humidity barrier,
reducing parasitic resistance on the board. When input
leakage current is a paramount concern, the use of guard
rings around the amplifier inputs will further reduce leakage
currents. Figure 27 shows a guard ring example for a unity
gain amplifier that uses the low impedance amplifier output
at the same voltage as the high impedance input to eliminate
surface leakage. The guard ring does not need to be a
T
JMAX
T
MAX
θ
JAxP DMAX
()
+
=
(EQ. 1)
PD
MAX
V
S
I
SMAX
V
S
(
- V
OUTMAX )
V
OUTMAX
R
L
----------------------------
×
+
×
=
(EQ. 2)
EL8178


Similar Part No. - EL8178FSZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8178FSZ-T7 INTERSIL-EL8178FSZ-T7 Datasheet
804Kb / 15P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178FSZ-T7 RENESAS-EL8178FSZ-T7 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
More results

Similar Description - EL8178FSZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Intersil Corporation
EL8178 INTERSIL-EL8178_08 Datasheet
804Kb / 15P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
ISL28286 INTERSIL-ISL28286 Datasheet
516Kb / 15P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
ISL28288 INTERSIL-ISL28288 Datasheet
514Kb / 12P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
ISL28278 INTERSIL-ISL28278 Datasheet
509Kb / 13P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
EL8176 INTERSIL-EL8176_06 Datasheet
476Kb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8188 INTERSIL-EL8188 Datasheet
590Kb / 14P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8176 INTERSIL-EL8176 Datasheet
1Mb / 18P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8186 INTERSIL-EL8186 Datasheet
497Kb / 9P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
logo
Renesas Technology Corp
EL8176 RENESAS-EL8176 Datasheet
1Mb / 16P
   Micropower Single Supply Rail-to-Rail Input/Output Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com