Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL55002IBZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL55002IBZ
Description  High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55002IBZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL55002IBZ Datasheet HTML 4Page - Intersil Corporation ISL55002IBZ Datasheet HTML 5Page - Intersil Corporation ISL55002IBZ Datasheet HTML 6Page - Intersil Corporation ISL55002IBZ Datasheet HTML 7Page - Intersil Corporation ISL55002IBZ Datasheet HTML 8Page - Intersil Corporation ISL55002IBZ Datasheet HTML 9Page - Intersil Corporation ISL55002IBZ Datasheet HTML 10Page - Intersil Corporation ISL55002IBZ Datasheet HTML 11Page - Intersil Corporation ISL55002IBZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
FN7497.4
July 27, 2006
Differential Output Instrumentation Amplifier
The addition of a third amplifier to the conventional three
amplifier instrumentation amplifier introduces the benefits of
differential signal realization, specifically the advantage of
using common-mode rejection to remove coupled noise and
ground potential errors inherent in remote transmission. This
configuration also provides enhanced bandwidth, wider
output swing and faster slew rate than conventional three
amplifier solutions with only the cost of an additional
amplifier and few resistors.
Strain Gauge
The strain gauge is an ideal application to take advantage of
the moderate bandwidth and high accuracy of the ISL55002.
The operation of the circuit is very straightforward. As the
strain variable component resistor in the balanced bridge is
subjected to increasing strain, its resistance changes,
resulting in an imbalance in the bridge. A voltage variation
from the referenced high accuracy source is generated and
translated to the difference amplifier through the buffer
stage. This voltage difference as a function of the strain is
converted into an output voltage.
FIGURE 29. SALLEN-KEY HIGH PASS FILTER
K
4
2
Q
RC
2
wo
K
4
K
Holp
C
R
C
R
C
R
C
R
C
R
C
R
)
K
1
(
1
Q
C
R
C
R
1
wo
K
Holp
1
1
2
2
1
2
2
1
2
2
1
1
2
2
1
1
=
=
=
+
+
=
=
=
Equations simplify if we let
all components be equal R=C
+
-
V+
V-
V2
5V
C5
1nF
VOUT
R7
1k
V3
5V
R1
1k
R2
1k
Ω C2
1nF
V1
C1
1nF
C5
1nF
RA
1k
RB
1k
+
-
-
+
-
+
+
-
eo
eo4
eo3
REF
R3
R3
R3
R3
R3
R3
R2
R2
RG
A2
e2
A4
A3
R3
R3
A1
e1
+
-
FIGURE 30. DIFFERENTIAL OUTPUT AMPLIFIER
e
o3
12R
2 RG
+
() e
1
e
2
()
=
e
o4
12R
2 RG
+
() e
1
e
2
()
=
e
o
21
2R
2 RG
+
() e
1
e
2
()
=
BW
2f
C1 2
,
A
Di
------------------
=
A
Di
21
2R
2 RG
+
()
=
ISL55002


Similar Part No. - ISL55002IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55002IBZ INTERSIL-ISL55002IBZ Datasheet
699Kb / 14P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
logo
Renesas Technology Corp
ISL55002IBZ RENESAS-ISL55002IBZ Datasheet
815Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55002IBZ-T13 INTERSIL-ISL55002IBZ-T13 Datasheet
699Kb / 14P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
logo
Renesas Technology Corp
ISL55002IBZ-T13 RENESAS-ISL55002IBZ-T13 Datasheet
815Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55002IBZ-T7 INTERSIL-ISL55002IBZ-T7 Datasheet
699Kb / 14P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
More results

Similar Description - ISL55002IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55004IB INTERSIL-ISL55004IB Datasheet
512Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
July 27, 2006
ISL55004 INTERSIL-ISL55004_06 Datasheet
508Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Renesas Technology Corp
ISL55004 RENESAS-ISL55004 Datasheet
800Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
ISL55002 RENESAS-ISL55002 Datasheet
815Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Elantec Semiconductor
EL2073C ELANTEC-EL2073C Datasheet
368Kb / 12P
   200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
EL2073 INTERSIL-EL2073 Datasheet
252Kb / 10P
   200MHz Unity-Gain Stable Operational Amplifier
logo
Renesas Technology Corp
ISL55001 RENESAS-ISL55001 Datasheet
863Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55001IBZ INTERSIL-ISL55001IBZ Datasheet
558Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
November 3, 2009
ISL55001 INTERSIL-ISL55001 Datasheet
562Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
ISL55002 INTERSIL-ISL55002 Datasheet
699Kb / 14P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com