Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL8188FSZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL8188FSZ
Description  Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8188FSZ Datasheet(HTML) 3 Page - Intersil Corporation

  EL8188FSZ Datasheet HTML 1Page - Intersil Corporation EL8188FSZ Datasheet HTML 2Page - Intersil Corporation EL8188FSZ Datasheet HTML 3Page - Intersil Corporation EL8188FSZ Datasheet HTML 4Page - Intersil Corporation EL8188FSZ Datasheet HTML 5Page - Intersil Corporation EL8188FSZ Datasheet HTML 6Page - Intersil Corporation EL8188FSZ Datasheet HTML 7Page - Intersil Corporation EL8188FSZ Datasheet HTML 8Page - Intersil Corporation EL8188FSZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
FN7467.3
February 22, 2007
IS, ON
Supply Current, Enabled
35
50
75
µA
30
90
µA
IS, OFF
Supply Current, Disabled
310
µA
10
µA
ISC+
Short Circuit Output Current
RL = 10Ω to opposite supply
23
31
mA
18
mA
ISC-
Short Circuit Output Current
RL = 10Ω to opposite supply
20
26
mA
15
mA
VS
Minimum Supply Voltage
2.2
2.4
V
2.4
V
VINH
Enable Pin High Level
2
V
VINL
Enable Pin Low Level
0.8
V
IENH
Enable Pin Input Current
VEN = 5V
0.25
0.7
2
µA
0.25
2.5
µA
IENL
Enable Pin Input Current
VEN = 0V
-0.5
0
+0.5
µA
-0.5
+0.5
µA
Electrical Specifications
VS+ = 5V, VS- = 0V, VCM = 0.1V, VO = 1.4V, TA = +25°C unless otherwise specified. Boldface limits apply over
the operating temperature range, -40°C to +125°C (Continued)
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EL8188


Similar Part No. - EL8188FSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8188FIZ-T7 INTERSIL-EL8188FIZ-T7 Datasheet
590Kb / 14P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
logo
Renesas Technology Corp
EL8188FIZ-T7 RENESAS-EL8188FIZ-T7 Datasheet
990Kb / 14P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
February 24, 2011
logo
Intersil Corporation
EL8188FWZ-T7 INTERSIL-EL8188FWZ-T7 Datasheet
590Kb / 14P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
logo
Renesas Technology Corp
EL8188FWZ-T7 RENESAS-EL8188FWZ-T7 Datasheet
990Kb / 14P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
February 24, 2011
logo
Intersil Corporation
EL8188FWZ-T7A INTERSIL-EL8188FWZ-T7A Datasheet
590Kb / 14P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
More results

Similar Description - EL8188FSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8176 INTERSIL-EL8176_06 Datasheet
476Kb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8188 INTERSIL-EL8188 Datasheet
590Kb / 14P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8176 INTERSIL-EL8176 Datasheet
1Mb / 18P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8186 INTERSIL-EL8186 Datasheet
497Kb / 9P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
logo
Renesas Technology Corp
EL8176 RENESAS-EL8176 Datasheet
1Mb / 16P
   Micropower Single Supply Rail-to-Rail Input/Output Precision Op Amp
logo
Intersil Corporation
EL8178 INTERSIL-EL8178 Datasheet
641Kb / 8P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
logo
Renesas Technology Corp
EL8188 RENESAS-EL8188 Datasheet
990Kb / 14P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
February 24, 2011
logo
Intersil Corporation
EL8178 INTERSIL-EL8178_08 Datasheet
804Kb / 15P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com