Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL29002IROZ-T7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL29002IROZ-T7
Description  Light-to-Digital I2C Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29002IROZ-T7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL29002IROZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL29002IROZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL29002IROZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29002IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29002IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29002IROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29002IROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29002IROZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL29002IROZ-T7 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
FN7465.2
December 1, 2006
Command Register
The command register is used to define the ADC's
operations. Table 1 shows the primary commands used to
control the ADC.
Note that there are two classes of operating commands:
three for internal timing, and three for external (arbitrary)
timing.
When using any of the three internal timing commands, the
device self-times each conversion, which is nominally 110ms
(with REXT = 100kΩ).
When using any of the three external timing commands,
each command received by the device ends one conversion
and begins another. The integration time of the device is
thus the time between one I2C external timing command and
the next. The integration time can be between 1ms and
100ms. The external timing commands can be used to
synchronize the ADC’s integrating time to a PWM dimming
frequency in a backlight system in order to eliminate noise.
TABLE 1. COMMAND REGISTERS AND FUNCTIONS
COMMAND
FUNCTION
8C(hex)
ADC is powered-down. To enable ADC from a powered-down state, send any command to the ISL29002.
0C(hex)
ADC is reset. A reset restarts the counter value to zero and returns the clock cycle to zero.
00(hex)
Internal Timing Mode. Integration
time is 110ms per photodiode.
ADC converts Diode 1’s current (IDIODE1) into an unsigned-magnitude 16-bit data.
04(hex)
ADC converts Diode 2’s current (IDIODE2) into unsigned-magnitude 16-bit data.
08(hex)
ADC converts IDIODE1-IDIODE2 into 2’s-complement 16-bit data.
30(hex)
External Timing Mode. Each external
timing command sent to the device
ends one integration period and
begins another.
ADC converts Diode 1’s current (IDIODE1) into unsigned-magnitude 16-bit data.
34(hex)
ADC converts Diode 2’s current (IDIODE1) into unsigned-magnitude 16-bit data.
38(hex)
ADC converts IDIODE1-IDIODE2 into 2’s-complement 16-bit data.
1xxx_xxxx
(binary)
I2C communication test. The value written to the command register can be read
back via the I2C bus.
FIGURE 11A.
I2C WRITE TIMING DIAGRAM SAMPLE
FIGURE 11B.
I2C READ TIMING DIAGRAM SAMPLE
FIGURE 11.
Start
W
AA
A6
A5
A4
A3
A2
A1
A0
W
A
R7
R6
R5
R4
R3
R2
R1
R0
A
AA
12
345
678
912
34
567
89
STOP
SDA DRIVEN BY MASTER
POWER DOWN CMD 8C(h)
I
2C CLK In
SDA DRIVEN BY MASTER
I
2C SDA In
I
2C SDA Out
DEVICE ADDRESS 40(h) to 47(h)
I
2C DATA
Start
A
A
A6
A5
A4
A3
A2
A1
A0
R
A
A
A
A
D7
D6
D5
D4
D3
D2
D1
D0
A
D7
D6
D5
D4
D3
D2
D1
D0
A
12
345
678
912
345
678
912
34
567
89
I
2C CLK In
SDA DRIVEN BY MASTER
R/W
SDA DRIVEN BY ISL29002
I
2C SDA In
I
2C SDA Out
DEVICE ADDRESS 44(HEX)
I
2C DATA
MSB OF SENSOR READING
STOP
LSB OF SENSOR READING
SDA DRIVEN BY ISL29002
ISL29002


Similar Part No. - ISL29002IROZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29000 INTERSIL-ISL29000 Datasheet
157Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000 RENESAS-ISL29000 Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29000IROZ INTERSIL-ISL29000IROZ Datasheet
158Kb / 7P
   Ambient Light Photo Detect IC
ISL29000IROZ-EVALZ INTERSIL-ISL29000IROZ-EVALZ Datasheet
157Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000IROZ-EVALZ RENESAS-ISL29000IROZ-EVALZ Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
More results

Similar Description - ISL29002IROZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29001 INTERSIL-ISL29001 Datasheet
227Kb / 11P
   Light-to-Digital Sensor
logo
Everlight Electronics C...
ALS-PDIC17-57B-TR8 EVERLIGHT-ALS-PDIC17-57B-TR8 Datasheet
603Kb / 19P
   Surface - Mount I2C Digital Ambient Light Sensor
logo
AMIC Technology
ASR8601 AMICC-ASR8601 Datasheet
40Kb / 1P
   Ambient Light Sensor with I2C digital interface
logo
Texas Instruments
OPT3002 TI1-OPT3002 Datasheet
331Kb / 8P
[Old version datasheet]   Light-to-Digital Sensor
logo
Intersil Corporation
ISL29001IROZ-T7 INTERSIL-ISL29001IROZ-T7 Datasheet
278Kb / 11P
   Light-to-Digital Sensor
ISL29001
logo
Fairchild Semiconductor
FLD00050 FAIRCHILD-FLD00050 Datasheet
2Mb / 22P
   I2C Digital Ambient Light and Proximity Sensor
logo
Intersil Corporation
ISL76683_1103 INTERSIL-ISL76683_1103 Datasheet
594Kb / 17P
   Light-to-Digital Output Sensor
logo
ams AG
TSL2540 AMSCO-TSL2540 Datasheet
540Kb / 37P
   ALS, Light-to-Digital Sensor
TSL2541 AMSCO-TSL2541 Datasheet
716Kb / 38P
   ALS, Light-to-Digital Sensor
2018-Jan-23
TSL2540 AMSCO-TSL2540_V01 Datasheet
552Kb / 37P
   ALS, Light-to-Digital Sensor
2019-Mar-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com