Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5362IS-T7 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL5362IS-T7
Description  500MHz Low Power Current Feedback Amplifiers with Enable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5362IS-T7 Datasheet(HTML) 2 Page - Intersil Corporation

  EL5362IS-T7 Datasheet HTML 1Page - Intersil Corporation EL5362IS-T7 Datasheet HTML 2Page - Intersil Corporation EL5362IS-T7 Datasheet HTML 3Page - Intersil Corporation EL5362IS-T7 Datasheet HTML 4Page - Intersil Corporation EL5362IS-T7 Datasheet HTML 5Page - Intersil Corporation EL5362IS-T7 Datasheet HTML 6Page - Intersil Corporation EL5362IS-T7 Datasheet HTML 7Page - Intersil Corporation EL5362IS-T7 Datasheet HTML 8Page - Intersil Corporation EL5362IS-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
FN7388.8
March 16, 2007
Ordering Information
PART
NUMBER
PART
MARKING
PACKAGE
TAPE &
REEL
PKG.
DWG. #
EL5162IS
5162IS
8 Ld SO
-
MDP0027
EL5162IS-T7
5162IS
8 Ld SO
7”
MDP0027
EL5162IS-T13
5162IS
8 Ld SO
13”
MDP0027
EL5162ISZ
(Note)
5162ISZ
8 Ld SO
(Pb-free)
-
MDP0027
EL5162ISZ-T7
(Note)
5162ISZ
8 Ld SO
(Pb-free)
7”
MDP0027
EL5162ISZ-T13
(Note)
5162ISZ
8 Ld SO
(Pb-free)
13”
MDP0027
EL5162IW-T7
j
6 Ld SOT-23
7” (3k pcs)
MDP0038
EL5162IW-T7A
j
6 Ld SOT-23 7” (250 pcs) MDP0038
EL5162IWZ-T7
(Note)
BAKA
6 Ld SOT-23
(Pb-free)
7” (3k pcs)
MDP0038
EL5162IWZ-T7A
(Note)
BAKA
6 Ld SOT-23
(Pb-free)
7” (250 pcs) MDP0038
EL5163IW-T7
d
5 Ld SOT-23
7” (3k pcs)
MDP0038
EL5163IW-T7A
d
5 Ld SOT-23 7” (250 pcs) MDP0038
EL5163IWZ-T7
(Note)
BALA
5 Ld SOT-23
(Pb-free)
7” (3k pcs)
MDP0038
EL5163IWZ-T7A
(Note)
BALA
5 Ld SOT-23
(Pb-free)
7” (250 pcs) MDP0038
EL5163IC-T7
E
5 Ld SC-70
7” (3k pcs)
P5.049
EL5163IC-T7A
E
5 Ld SC-70
7” (250 pcs) P5.049
EL5163ICZ-T7
(Note)
BDA
5 Ld SC-70
(Pb-free)
7” (3k pcs)
P5.049
EL5163ICZ-T7A
(Note)
BDA
5 Ld SC-70
(Pb-free)
7” (250 pcs) P5.049
EL5262IY
BLAAA
10 Ld MSOP
-
MDP0043
EL5262IY-T7
BLAAA
10 Ld MSOP
7”
MDP0043
EL5262IY-T13
BLAAA
10 Ld MSOP
13”
MDP0043
EL5262IYZ
(Note)
BBTAA
10 Ld MSOP
(Pb-free)
-
MDP0043
EL5262IYZ-T7
(Note)
BBTAA
10 Ld MSOP
(Pb-free)
7”
MDP0043
EL5262IYZ-T13
(Note)
BBTAA
10 Ld MSOP
(Pb-free)
13”
MDP0043
EL5263IS
5263IS
8 Ld SO
-
MDP0027
EL5263IS-T7
5263IS
8 Ld SO
7”
MDP0027
EL5263IS-T13
5263IS
8 Ld SO
13”
MDP0027
EL5263ISZ
(Note)
5263ISZ
8 Ld SO
(Pb-free)
-
MDP0027
EL5263ISZ-T7
(Note)
5263ISZ
8 Ld SO
(Pb-free)
7”
MDP0027
EL5263ISZ-T13
(Note)
5263ISZ
8 Ld SO
(Pb-free)
13”
MDP0027
EL5263IY
BMAAA
8 Ld MSOP
-
MDP0043
EL5263IY-T7
BMAAA
8 Ld MSOP
7”
MDP0043
EL5263IY-T13
BMAAA
8 Ld MSOP
13”
MDP0043
EL5362IS
EL5362IS
16 Ld SO
(0.150”)
-
MDP0027
EL5362IS-T7
EL5362IS
16 Ld SO
(0.150”)
7”
MDP0027
EL5362IS-T13
EL5362IS
16 Ld SO
(0.150”)
13”
MDP0027
EL5362ISZ
(Note)
EL5362ISZ 16 Ld SO
(0.150”)
(Pb-free)
-
MDP0027
EL5362ISZ-T7
(Note)
EL5362ISZ 16 Ld SO
(0.150”)
(Pb-free)
7”
MDP0027
EL5362ISZ-T13
(Note)
EL5362ISZ 16 Ld SO
(0.150”)
(Pb-free)
13”
MDP0027
EL5362IU
5362IU
16 Ld QSOP
-
MDP0040
EL5362IU-T7
5362IU
16 Ld QSOP
7”
MDP0040
EL5362IU-T13
5362IU
16 Ld QSOP
13”
MDP0040
EL5362IUZ
(Note)
5362IUZ
16 Ld QSOP
(Pb-free)
-
MDP0040
EL5362IUZ-T7
(Note)
5362IUZ
16 Ld QSOP
(Pb-free)
7”
MDP0040
EL5362IUZ-T13
(Note)
5362IUZ
16 Ld QSOP
(Pb-free)
13”
MDP0040
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte
tin plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Ordering Information (Continued)
PART
NUMBER
PART
MARKING
PACKAGE
TAPE &
REEL
PKG.
DWG. #
EL5162, EL5163, EL5262, EL5263, EL5362


Similar Part No. - EL5362IS-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5362IS-T7 INTERSIL-EL5362IS-T7 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
EL5362IS-T7 INTERSIL-EL5362IS-T7 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
More results

Similar Description - EL5362IS-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162ISZ INTERSIL-EL5162ISZ Datasheet
574Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
August 26, 2015
logo
Renesas Technology Corp
EL5162 RENESAS-EL5162 Datasheet
929Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5166 RENESAS-EL5166 Datasheet
972Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
5962-0625601QXC INTERSIL-5962-0625601QXC Datasheet
113Kb / 4P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5166 INTERSIL-EL5166 Datasheet
654Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com