Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5325AIREZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL5325AIREZ
Description  12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5325AIREZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL5325AIREZ Datasheet HTML 4Page - Intersil Corporation EL5325AIREZ Datasheet HTML 5Page - Intersil Corporation EL5325AIREZ Datasheet HTML 6Page - Intersil Corporation EL5325AIREZ Datasheet HTML 7Page - Intersil Corporation EL5325AIREZ Datasheet HTML 8Page - Intersil Corporation EL5325AIREZ Datasheet HTML 9Page - Intersil Corporation EL5325AIREZ Datasheet HTML 10Page - Intersil Corporation EL5325AIREZ Datasheet HTML 11Page - Intersil Corporation EL5325AIREZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
chip is on external clock mode. Setting B14 to low, the chip is
on internal clock mode.
CHANNEL OUTPUTS
Each of the channel outputs has a rail-to-rail buffer. This
enables all channels to have the capability to drive to within
50mV of the power rails, (see Electrical Characteristics for
details).
When driving large capacitive loads, a series resistor should
be placed in series with the output. (Usually between 5
Ω and
50
Ω).
Each of the channels is updated on a continuous cycle, the
time for the new data to appear at a specific output will
depend on the exact timing relationship of the incoming data
to this cycle.
The best-case scenario is when the data has just been
captured and then passed on to the output stage immediately;
this can be as short as 48µs. In the worst-case scenario this
will be 576µs when the data has just missed the cycle.
When a large change in output voltage is required, the change
will occur in 2V steps, thus the requisite number of timing cycles
will be added to the overall update time. This means that a
large change of 16V can take between 4.6ms to 5.2ms
depending on the absolute timing relative to the update cycle.
POWER DISSIPATION AND THERMAL SHUTDOWN
With the 30mA maximum continues output drive capability
for each channel, it is possible to exceed the 125°C absolute
maximum junction temperature. Therefore, it is important to
calculate the maximum junction temperature for the
application to determine if load conditions need to be
modified for the part to remain in the safe operation.
The maximum power dissipation allowed in a package is
determined according to:
where:
•TJMAX = Maximum junction temperature
•TAMAX = Maximum ambient temperature
θJA = Thermal resistance of the package
•PDMAX = Maximum power dissipation in the package
The maximum power dissipation actually produced by the IC
is the total quiescent supply current times the total power
supply voltage and plus the power in the IC due to the loads.
when sourcing, and:
when sinking.
Where:
• i = 1 to total 12
•VS = Supply voltage
•IS = Quiescent current
•VOUTi = Output voltage of the i channel
•ILOADi = Load current of the i channel
By setting the two PDMAX equations equal to each other, we
can solve for the RLOADs to avoid the device overheat. The
package power dissipation curves provide a convenient way
to see if the device will overheat.
The EL5325A has an internal thermal shutdown circuitry that
prevents overheating of the part. When the junction
temperature goes up to about 150°C, the part will be
disabled. When the junction temperature drops down to
about 120°C, the part will be enabled. With this feature, any
short circuit at the outputs will enable the thermal shutdown
circuitry to disable the part.
POWER SUPPLY BYPASSING AND PRINTED CIRCUIT
BOARD LAYOUT
Good printed circuit board layout is necessary for optimum
performance. A low impedance and clean analog ground plane
should be used for the EL5325A. The traces from the two
ground pins to the ground plane must be very short. The
thermal pad of the EL5325A should be connected to the analog
ground plane. Lead length should be as short as possible and
all power supply pins must be well bypassed. A 0.1µF ceramic
capacitor must be place very close to the VS, VREFH, VREFL,
and CAP pins. A 4.7µF local bypass tantalum capacitor should
be placed to the VS, VREFH, and VREFL pins.
APPLICATION USING THE EL5325A
In the first application drawing, the schematic shows the
interconnect of a pair of EL5325A chips connected to give
12 gamma corrected voltages above the VCOM voltage, and
12 gamma corrected voltages below the VCOM voltage.
External Shutdown
The EL5325A also has an external shutdown to enable and
disable the part. The SHDN pin should never be driven low.
Rather, to enable the part, the SHDN pin must be left open
(float). To disable, the SHDN pin must be driven HI (>2V).
WIth this feature, the EL5325A can be forced to shut down,
regardless of any other conditions. A simple open collector
driver is adequate to control the enable and disable function:
PDMAX
TJMAX - TAMAX
ΘJA
---------------------------------------------
=
PDMAX
VS IS Σ VS
(
- VOUTi) ILOADi
×
[]
+
×
=
PDMAX
VS IS Σ VOUTiILOADi
×
()
+
×
=
VSD
SHDN
R1
100K
R2
100K
Q1
PNP
SHDN
EL5325A
EL5325A


Similar Part No. - EL5325AIREZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5325AIREZ RENESAS-EL5325AIREZ Datasheet
1Mb / 12P
   12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
EL5325AIREZ-T13 RENESAS-EL5325AIREZ-T13 Datasheet
1Mb / 12P
   12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
EL5325AIREZ-T7 RENESAS-EL5325AIREZ-T7 Datasheet
1Mb / 12P
   12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
More results

Similar Description - EL5325AIREZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5325A INTERSIL-EL5325A Datasheet
797Kb / 11P
   12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
logo
Renesas Technology Corp
EL5325A RENESAS-EL5325A Datasheet
1Mb / 12P
   12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
logo
Intersil Corporation
EL5325 INTERSIL-EL5325 Datasheet
775Kb / 11P
   12-Channel TFT-LCD Reference Voltage Generator
logo
Elantec Semiconductor
EL5825C ELANTEC-EL5825C Datasheet
81Kb / 3P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5126 INTERSIL-EL5126_06 Datasheet
323Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5825 RENESAS-EL5825 Datasheet
803Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
EL5525 RENESAS-EL5525 Datasheet
734Kb / 10P
   18-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5825 INTERSIL-EL5825 Datasheet
638Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
EL5225 INTERSIL-EL5225 Datasheet
859Kb / 12P
   10-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5126 RENESAS-EL5126 Datasheet
697Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com