Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL8176FSZ-T7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL8176FSZ-T7
Description  Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8176FSZ-T7 Datasheet(HTML) 4 Page - Intersil Corporation

  EL8176FSZ-T7 Datasheet HTML 1Page - Intersil Corporation EL8176FSZ-T7 Datasheet HTML 2Page - Intersil Corporation EL8176FSZ-T7 Datasheet HTML 3Page - Intersil Corporation EL8176FSZ-T7 Datasheet HTML 4Page - Intersil Corporation EL8176FSZ-T7 Datasheet HTML 5Page - Intersil Corporation EL8176FSZ-T7 Datasheet HTML 6Page - Intersil Corporation EL8176FSZ-T7 Datasheet HTML 7Page - Intersil Corporation EL8176FSZ-T7 Datasheet HTML 8Page - Intersil Corporation EL8176FSZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN7436.6
October 26, 2006
FIGURE 3. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 4. INPUT BIAS + OFFSET CURRENTS vs
COMMON-MODE INPUT VOLTAGE
FIGURE 5. INPUT OFFSET VOLTAGE vs OUTPUT VOLTAGE
FIGURE 6. INPUT OFFSET VOLTAGE vs COMMON-MODE
INPUT VOLTAGE
FIGURE 7. AVOL vs FREQUENCY @ 1kΩ LOAD
FIGURE 8. AVOL vs FREQUENCY @ 100kΩ LOAD
Typical Performance Curves (Continued)
23.5
45.5
SUPPLY VOLTAGE (V)
2.5
5
4.5
3
0
20
50
60
30
40
10
1
1k
10k
10
100
05
COMMON-MODE INPUT VOLTAGE (V)
13
24
IB+
IOS
IB-
-200
-100
0
150
200
50
100
05
OUTPUT VOLTAGE (V)
13
24
VCM = VDD/2
AV = -1
-150
-50
VDD = 2.5V
VDD = 5V
-100
-80
-20
0
-60
-40
05
COMMON-MODE INPUT VOLTAGE (V)
13
24
VOS, µV
-20
0
20
80
100
40
60
10
10k
1M
FREQUENCY (Hz)
100
-150
200
150
100
50
0
-50
-100
100k
1k
PHASE
GAIN
-80
40
120
80
-40
0
1
1k
100k
10M
FREQUENCY (Hz)
10
-120
80
40
0
-40
-80
10k
1M
100
EL8176


Similar Part No. - EL8176FSZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8176FSZ-T7 INTERSIL-EL8176FSZ-T7 Datasheet
1Mb / 18P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
logo
Renesas Technology Corp
EL8176FSZ-T7 RENESAS-EL8176FSZ-T7 Datasheet
1Mb / 16P
   Micropower Single Supply Rail-to-Rail Input/Output Precision Op Amp
More results

Similar Description - EL8176FSZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8188 INTERSIL-EL8188 Datasheet
590Kb / 14P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8176 INTERSIL-EL8176 Datasheet
1Mb / 18P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8186 INTERSIL-EL8186 Datasheet
497Kb / 9P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
logo
Renesas Technology Corp
EL8176 RENESAS-EL8176 Datasheet
1Mb / 16P
   Micropower Single Supply Rail-to-Rail Input/Output Precision Op Amp
logo
Intersil Corporation
EL8178 INTERSIL-EL8178 Datasheet
641Kb / 8P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8188 INTERSIL-EL8188_07 Datasheet
873Kb / 11P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
logo
Renesas Technology Corp
EL8188 RENESAS-EL8188 Datasheet
990Kb / 14P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
February 24, 2011
logo
Intersil Corporation
EL8178 INTERSIL-EL8178_08 Datasheet
804Kb / 15P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com