Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97522 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL97522
Description  4-Channel TFT-LCD Supply
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97522 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL97522 Datasheet HTML 1Page - Intersil Corporation ISL97522 Datasheet HTML 2Page - Intersil Corporation ISL97522 Datasheet HTML 3Page - Intersil Corporation ISL97522 Datasheet HTML 4Page - Intersil Corporation ISL97522 Datasheet HTML 5Page - Intersil Corporation ISL97522 Datasheet HTML 6Page - Intersil Corporation ISL97522 Datasheet HTML 7Page - Intersil Corporation ISL97522 Datasheet HTML 8Page - Intersil Corporation ISL97522 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
FN7445.0
December 13, 2006
tDfall
CTL to OUT Falling Prop Delay
1k
Ω from DRN to 8V, VCTL = 3V to 0V step,
no load on OUT, measured from VCTL = 1.5V
to OUT = 80%
100
ns
VSRC
SRC Input Voltage Range
30
V
ISRC
SRC Input Current
Start-up sequence not completed
0.2
1.25
mA
Start-up sequence completed
150
250
µA
RONSRC
SRC On Resistance
Start-up sequence completed
5
14
Ω
RONDRN
DRN On Resistance
Start-up sequence completed
30
60
Ω
RONCOM
COM to GND On Resistance
Start-up sequence not completed
400
1000
1800
Ω
SEQUENCING
tON
Turn On Delay
CDLY = 0.22µF
30
ms
tSS
Soft-start Time
CDLY = 0.22µF
2
ms
tDEL1
Delay Between AVDD and VOFF
CDLY = 0.22µF
10
ms
tDEL2
Delay Between VON and VOFF
CDLY = 0.22µF
17
ms
tDEL3
Delay Between VOFF and Delayed
VBOOST
CDLY = 0.22µF
10
ms
IDELB_ON
DELB Pull-Down Current or Resistance
when Enabled by the Start-Up
Sequence
VDELB > 0.9V
35
50
65
µA
VDELB < 0.9V
1.2
1.6
2
K
Ω
IDELB_OFF
DELB Pull-Down Current or Resistance
when Disabled
VDELB < 20V
500
nA
FAULT DETECTION
TFAULT
Fault Time Out
CDLY = 0.22µF
50
ms
OT
Over-temperature Threshold
140
°C
LOGIC
VHI
Logic High Threshold
2.2
V
VLO
Logic Low Threshold
0.8
V
ILOW
Logic Low Bias Current
0.1
µA
IHIGH
Logic High Bias Current
16
23
30
µA
Electrical Specifications
VIN = 5V, AVDD = 15V, VON = 20V, VOFF = -9V, VLOGIC = 3V, Over Temperature from -40°C to +85°C
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
ISL97522


Similar Part No. - ISL97522

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97522 RENESAS-ISL97522 Datasheet
900Kb / 20P
   4-Channel TFT-LCD Supply
ISL97522IRZ-T RENESAS-ISL97522IRZ-T Datasheet
900Kb / 20P
   4-Channel TFT-LCD Supply
ISL97522IRZ-TK RENESAS-ISL97522IRZ-TK Datasheet
900Kb / 20P
   4-Channel TFT-LCD Supply
More results

Similar Description - ISL97522

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97522 RENESAS-ISL97522 Datasheet
900Kb / 20P
   4-Channel TFT-LCD Supply
logo
E-CMOS Corporation
EC9223 E-CMOS-EC9223 Datasheet
271Kb / 13P
   Multi-Channel TFT LCD Supply
EC9232 E-CMOS-EC9232 Datasheet
314Kb / 14P
   Multi-Channel TFT LCD Supply
logo
Renesas Technology Corp
EL7585 RENESAS-EL7585 Datasheet
1Mb / 19P
   TFT-LCD Power Supply
EL7585A RENESAS-EL7585A Datasheet
1Mb / 19P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
EL7585AP INTERSIL-EL7585AP_06 Datasheet
738Kb / 19P
   TFT-LCD Power Supply
EL7586 INTERSIL-EL7586_06 Datasheet
787Kb / 21P
   TFT-LCD Power Supply
logo
Renesas Technology Corp
EL7586 RENESAS-EL7586 Datasheet
1Mb / 21P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
January 17, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com