Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5364ISZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL5364ISZ
Description  600MHz Current Feedback Amplifiers with Enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5364ISZ Datasheet(HTML) 3 Page - Intersil Corporation

  EL5364ISZ Datasheet HTML 1Page - Intersil Corporation EL5364ISZ Datasheet HTML 2Page - Intersil Corporation EL5364ISZ Datasheet HTML 3Page - Intersil Corporation EL5364ISZ Datasheet HTML 4Page - Intersil Corporation EL5364ISZ Datasheet HTML 5Page - Intersil Corporation EL5364ISZ Datasheet HTML 6Page - Intersil Corporation EL5364ISZ Datasheet HTML 7Page - Intersil Corporation EL5364ISZ Datasheet HTML 8Page - Intersil Corporation EL5364ISZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
FN7389.5
August 10, 2005
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage between VS+ and VS-. . . . . . . . . . . . . . . . . . . 13.2V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 50mA
Pin Voltages . . . . . . . . . . . . . . . . . . . . . . . . . VS- -0.5V to VS+ +0.5V
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 125°C
Supply Slewrate between VS+ and VS-. . . . . . . . . . . . . 1V/µs (Max)
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS+ = +5V, VS- = -5V, RF = 750Ω for AV = 1, RF = 375Ω for AV = 2, RL = 150Ω, VENABLE = VS+ - 1V,
TA = 25°C unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
BW
-3dB Bandwidth
AV = +1, RL = 500Ω, RF = 510Ω
600
MHz
AV = +2, RL = 150Ω, RF = 412Ω
450
MHz
BW1
0.1dB Bandwidth
AV = +2, RL = 150Ω, RF = 412Ω
50
MHz
SR
Slew Rate
VOUT = -3V to +3V, AV = +2, RL = 100Ω
(EL5164, EL5165)
3500
4700
7000
V/µs
VOUT = -3V to +3V, AV = +2, RL = 100Ω
(EL5364)
3000
4200
6000
V/µs
tS
0.1% Settling Time
VOUT = -2.5V to +2.5V, AV = +2,
RF = RG = 1kΩ
15
ns
eN
Input Voltage Noise
f = 1MHz
2.1
nV/
√Hz
iN-
IN- Input Current Noise
f = 1MHz
13
pA/
√Hz
iN+
IN+ Input Current Noise
f = 1MHz
13
pA/
√Hz
HD2
5MHz, 2.5VP-P
-81
dBc
HD3
5MHz, 2.5VP-P
-74
dBc
dG
Differential Gain Error (Note 1)
AV = +2
0.01
%
dP
Differential Phase Error (Note 1)
AV = +2
0.01
°
DC PERFORMANCE
VOS
Offset Voltage
-5
1.5
+5
mV
TCVOS
Input Offset Voltage Temperature
Coefficient
Measured from TMIN to TMAX
6µV/°C
ROL
Transimpedance
1.1
3
M
INPUT CHARACTERISTICS
CMIR
Common Mode Input Range
Guaranteed by CMRR test
±3
±3.3
V
CMRR
Common Mode Rejection Ratio
VIN = ±3V
506275
dB
-ICMR
- Input Current Common Mode Rejection
-1
0.1
+1
µA/V
+IIN
+ Input Current
-10
2
+10
µA
-IIN
- Input Current
-10
2
+10
µA
RIN
Input Resistance
+ Input
300
650
1200
k
CIN
Input Capacitance
1pF
EL5164, EL5165, EL5364


Similar Part No. - EL5364ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5364ISZ INTERSIL-EL5364ISZ Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5364ISZ INTERSIL-EL5364ISZ Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5364ISZ RENESAS-EL5364ISZ Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5364ISZ-T13 INTERSIL-EL5364ISZ-T13 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5364ISZ-T13 INTERSIL-EL5364ISZ-T13 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
More results

Similar Description - EL5364ISZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5192 INTERSIL-EL5192 Datasheet
386Kb / 17P
   600MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5192 RENESAS-EL5192 Datasheet
934Kb / 20P
   600MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5192 INTERSIL-EL5192_07 Datasheet
414Kb / 20P
   600MHz Current Feedback Amplifier with Enable
EL5392A INTERSIL-EL5392A_06 Datasheet
368Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
EL5292 INTERSIL-EL5292_07 Datasheet
342Kb / 16P
   Dual 600MHz Current Feedback Amplifier with Enable
EL5392A INTERSIL-EL5392A Datasheet
580Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
EL5292 INTERSIL-EL5292 Datasheet
580Kb / 14P
   Dual 600MHz Current Feedback Amplifier with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com