Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7532IY-T7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL7532IY-T7
Description  Monolithic 2A Step-Down Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7532IY-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  EL7532IY-T7 Datasheet HTML 1Page - Intersil Corporation EL7532IY-T7 Datasheet HTML 2Page - Intersil Corporation EL7532IY-T7 Datasheet HTML 3Page - Intersil Corporation EL7532IY-T7 Datasheet HTML 4Page - Intersil Corporation EL7532IY-T7 Datasheet HTML 5Page - Intersil Corporation EL7532IY-T7 Datasheet HTML 6Page - Intersil Corporation EL7532IY-T7 Datasheet HTML 7Page - Intersil Corporation EL7532IY-T7 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
®
FN7435.7
EL7532
Monolithic 2A Step-Down Regulator
The EL7532 is a synchronous, integrated FET 2A step-down
regulator with internal compensation. It operates with an
input voltage range from 2.5V to 5.5V, which accommodates
supplies of 3.3V, 5V, or a single Li-Ion battery source. The
output can be externally set from 0.8V to VIN with a resistive
divider.
The EL7532 features PWM mode control. The operating
frequency is typically 1.5MHz. Additional features include a
100ms Power-On-Reset output, <1µA shut-down current,
short-circuit protection, and over-temperature protection.
The EL7532 is available in the 10-pin MSOP package,
making the entire converter occupy less than 0.18 in2 of
PCB area with components on one side only. The package is
specified for operation over the full -40°C to +85°C
temperature range.
Pinout
EL7532 (10 LD MSOP)
TOP VIEW
Features
• 2A continuous current (from -40°C to +85°C)
• Less than 0.18 in2 footprint for the complete 2A converter
• Max height 1.1mm MSOP10
• 1.5MHz (typ.) switching frequency
• 100ms Power-On-Reset output (POR)
• Internally-compensated voltage mode controller
• Up to 94% efficiency
• <1µA shut-down current
• Overcurrent and over temperature protection
• Pb-free plus anneal available (RoHS compliant)
Applications
• PDA and pocket PC computers
• Bar code readers
• ADSL modems
• Portable instruments
• Li-Ion battery powered devices
• ASIC/FPGA/DSP supplies
• Set top boxes
Typical Application Schematic
Ordering Information
PART NUMBER
PART
MARKING
TAPE &
REEL
PACKAGE
PKG.
DWG. #
EL7532IY
BABAA
-
10 Ld MSOP
MDP0043
EL7532IY-T7
BABAA
7”
10 Ld MSOP
MDP0043
EL7532IY-T13
BABAA
13”
10 Ld MSOP
MDP0043
EL7532IYZ
(Note)
BAARA
-
10 Ld MSOP
(Pb-free)
MDP0043
EL7532IYZ-T7
(Note)
BAARA
7”
10 Ld MSOP
(Pb-free)
MDP0043
EL7532IYZ-T13
(Note)
BAARA
13”
10 Ld MSOP
(Pb-free)
MDP0043
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
SGND
FB
VDD
RSI
VIN
EN
LX
POR
PGND
VO
1
2
3
4
10
9
8
7
5
6
* VO = 0.8V * (1 + R1 / R2)
1.8µH
C1
C2
10µF
L1
0.1µF
C3
(2.5V to 5.5V)
VS
10µF
(1.8V @ 2A)
R1*
R2*
124k
Ω
100k
Ω
VIN
VDD
LX
FB
RSI
EN
POR
PGND
SGND
R4 100kΩ
R5 100kΩ
100k
Ω
R6
EL7532
VO
VO
R3 100Ω
470pF
C4
Data Sheet
December 8, 2006
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004, 2005, 2006. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL7532IY-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7532IY INTERSIL-EL7532IY Datasheet
226Kb / 8P
   Monolithic 2A Step-Down Regulator
EL7532IYZ INTERSIL-EL7532IYZ Datasheet
226Kb / 8P
   Monolithic 2A Step-Down Regulator
logo
Renesas Technology Corp
EL7532IYZ RENESAS-EL7532IYZ Datasheet
506Kb / 9P
   Monolithic 2A Step-Down Regulator
More results

Similar Description - EL7532IY-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7532 RENESAS-EL7532 Datasheet
506Kb / 9P
   Monolithic 2A Step-Down Regulator
logo
Intersil Corporation
EL7532 INTERSIL-EL7532 Datasheet
226Kb / 8P
   Monolithic 2A Step-Down Regulator
logo
Linear Technology
LT3500 LINER-LT3500_15 Datasheet
328Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT3500 LINER-LT3500 Datasheet
286Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939 LINER-LT1939 Datasheet
347Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939EDD LINER-LT1939EDD Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939 LINER-LT1939_15 Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT3510 LINER-LT3510_15 Datasheet
355Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
LT3510 LINER-LT3510 Datasheet
310Kb / 28P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
logo
Aimtron Technology
AT1799 AIMTRON-AT1799 Datasheet
348Kb / 14P
   2A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com