Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5257IY Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL5257IY
Description  <1mV Voltage Offset, 600MHz Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5257IY Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL5257IY Datasheet HTML 6Page - Intersil Corporation EL5257IY Datasheet HTML 7Page - Intersil Corporation EL5257IY Datasheet HTML 8Page - Intersil Corporation EL5257IY Datasheet HTML 9Page - Intersil Corporation EL5257IY Datasheet HTML 10Page - Intersil Corporation EL5257IY Datasheet HTML 11Page - Intersil Corporation EL5257IY Datasheet HTML 12Page - Intersil Corporation EL5257IY Datasheet HTML 13Page - Intersil Corporation EL5257IY Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
FN7386.3
June 15, 2006
EL5156 Product Description
The EL5156, EL5157, EL5256, and EL5257 are wide
bandwidth, single or dual supply, low power and low offset
voltage feedback operational amplifiers. Both amplifiers are
internally compensated for closed loop gain of +1 or greater.
Connected in voltage follower mode and driving a 500
load, the -3dB bandwidth is about 610MHz. Driving a 150
load and a gain of 2, the bandwidth is about 180MHz while
maintaining a 600V/µs slew rate. The EL5156 and EL5256
are available with a power-down pin to reduce power to
17µA typically while the amplifier is disabled.
Input, Output and Supply Voltage Range
The EL5156 and EL5157 families have been designed to
operate with supply voltage from 5V to 12V. That means for
single supply application, the supply voltage is from 5V to
12V. For split supplies application, the supply voltage is from
±2.5V to ±5V. The amplifiers have an input common mode
voltage range from 1.5V above the negative supply (VS- pin)
to 1.5V below the positive supply (VS+ pin). If the input
signal is outside the above specified range, it will cause the
output signal to be distorted.
The outputs of the EL5156 and EL5157 families can swing
from -4V to 4V for VS = ±5V. As the load resistance becomes
lower, the output swing is lower. If the load resistor is 500
Ω,
the output swing is about -4V at a 4V supply. If the load
resistor is 150
Ω, the output swing is from -3.5V to 3.5V.
Choice of Feedback Resistor and Gain Bandwidth
Product
For applications that require a gain of +1, no feedback
resistor is required. Just short the output pin to the inverting
input pin. For gains greater than +1, the feedback resistor
forms a pole with the parasitic capacitance at the inverting
input. As this pole becomes smaller, the amplifier's phase
margin is reduced. This causes ringing in the time domain
and peaking in the frequency domain. Therefore, RF can't be
very big for optimum performance. If a large value of RF
must be used, a small capacitor in the few Pico farad range
in parallel with RF can help to reduce the ringing and
peaking at the expense of reducing the bandwidth.
For gain of +1, RF = 0 is optimum. For the gains other than
+1, optimum response is obtained with RF between 500
Ω to
750
Ω.
The EL5156 and EL5157 families have a gain bandwidth
product of 210MHz. For gains
≥5, its bandwidth can be
predicted by the following equation:
Video Performance
For good video performance, an amplifier is required to
maintain the same output impedance and the same
frequency response as DC levels are changed at the output.
This is especially difficult when driving a standard video load
of 150
Ω, because of the change in output current with DC
level. The dG and dP for these families are about 0.006%
and 0.04%, while driving 150
Ω at a gain of 2. Driving high
impedance loads would give a similar or better dG and dP
performance.
Driving Capacitive Loads and Cables
The EL5156 and EL5157 families can drive 27pF loads in
parallel with 500
Ω with less than 5dB of peaking at gain of
+1. If less peaking is desired in applications, a small series
resistor (usually between 5
Ω to 50Ω) can be placed in series
with the output to eliminate most peaking. However, this will
reduce the gain slightly. If the gain setting is greater than 1,
the gain resistor RG can then be chosen to make up for any
gain loss which may be created by the additional series
resistor at the output.
When used as a cable driver, double termination is always
recommended for reflection-free performance. For those
applications, a back-termination series resistor at the
amplifier's output will isolate the amplifier from the cable and
allow extensive capacitive drive. However, other applications
may have high capacitive loads without a back-termination
resistor. Again, a small series resistor at the output can help
to reduce peaking.
Disable/Power-Down
The EL5156 and EL5256 can be disabled and their output
placed in a high impedance state. The turn-off time is about
330ns and the turn-on time is about 130ns. When disabled,
the amplifier's supply current is reduced to 17µA typically,
thereby effectively eliminating the power consumption. The
amplifier's power-down can be controlled by standard TTL or
CMOS signal levels at the ENABLE pin. The applied logic
signal is relative to VS- pin. Letting the ENABLE pin float or
applying a signal that is less than 0.8V above VS- will enable
the amplifier. The amplifier will be disabled when the signal
at ENABLE pin is above VS+ -1.5V.
Output Drive Capability
The EL5156 and EL5157 families do not have internal short
circuit protection circuitry. They have a typical short circuit
current of 95mA and 70mA. If the output is shorted
indefinitely, the power dissipation could easily overheat the
die or the current could eventually compromise metal
integrity. Maximum reliability is maintained if the output
current never exceeds ±40mA. This limit is set by the design
of the internal metal interconnect. Note that in transient
applications, the part is robust.
Power Dissipation
With the high output drive capability of the EL5152 and
EL5153 families, it is possible to exceed the 125°C absolute
maximum junction temperature under certain load current
conditions. Therefore, it is important to calculate the
maximum junction temperature for an application to
Gain
BW
210MHz
=
×
EL5156, EL5157, EL5256, EL5257


Similar Part No. - EL5257IY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5257IY INTERSIL-EL5257IY Datasheet
394Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
EL5257IY INTERSIL-EL5257IY Datasheet
499Kb / 17P
   1mV Voltage Offset, 600MHz Amplifiers
logo
Renesas Technology Corp
EL5257IY RENESAS-EL5257IY Datasheet
855Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
logo
Intersil Corporation
EL5257IY-T13 INTERSIL-EL5257IY-T13 Datasheet
394Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
EL5257IY-T13 INTERSIL-EL5257IY-T13 Datasheet
499Kb / 17P
   1mV Voltage Offset, 600MHz Amplifiers
More results

Similar Description - EL5257IY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5156 RENESAS-EL5156 Datasheet
855Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
logo
Intersil Corporation
EL5156 INTERSIL-EL5156_07 Datasheet
394Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
EL5156 INTERSIL-EL5156 Datasheet
499Kb / 17P
   1mV Voltage Offset, 600MHz Amplifiers
logo
Renesas Technology Corp
REAC1251G RENESAS-REAC1251G Datasheet
871Kb / 11P
   Low Input Offset Voltage VIO≤1mV Single Power Supply Dual Operational Amplifiers
2021.7.12
REAC1251J RENESAS-REAC1251J Datasheet
871Kb / 11P
   Low Input Offset Voltage VIO≤1mV(@-40℃ to 125℃)
2021.7.12
logo
Elantec Semiconductor
EL4344C ELANTEC-EL4344C Datasheet
36Kb / 5P
   600MHz Multiplexing Amplifiers
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A_13 Datasheet
325Kb / 16P
   Low Input Offset Voltage Operational Amplifiers
July, 2013 ??Rev. 14
logo
Rohm
BA8522RF ROHM-BA8522RF Datasheet
171Kb / 5P
   LOW OFFSET VOLTAGE DUAL OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com