Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7534 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL7534
Description  Monolithic 600mA Step-Down Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7534 Datasheet(HTML) 4 Page - Intersil Corporation

  EL7534 Datasheet HTML 1Page - Intersil Corporation EL7534 Datasheet HTML 2Page - Intersil Corporation EL7534 Datasheet HTML 3Page - Intersil Corporation EL7534 Datasheet HTML 4Page - Intersil Corporation EL7534 Datasheet HTML 5Page - Intersil Corporation EL7534 Datasheet HTML 6Page - Intersil Corporation EL7534 Datasheet HTML 7Page - Intersil Corporation EL7534 Datasheet HTML 8Page - Intersil Corporation EL7534 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
FN7431.8
July 12, 2006
Performance Curves and Waveforms
All waveforms are taken at VIN = 3.3V, VO = 1.8V, IO = 600mA with component values shown on page 1 at room ambient temperature, unless
otherwise noted.
FIGURE 1. EFFICIENCY
FIGURE 2. EFFICIENCY
FIGURE 3. FS vs JUNCTION TEMPERATURE
FIGURE 4. LOAD REGULATIONS
FIGURE 5. LOAD/LINE REGULATIONS vs JUNCTION
TEMPERATURE
FIGURE 6. NO LOAD INPUT CURRENT
VIN=5V
100
95
90
85
80
75
70
65
60
0
200
400
600
IO (mA)
VO=3.3V
VO=1.2V
VO=1.8V
VIN=3.3V
100
95
90
85
80
75
70
65
60
0
200
400
600
IO (mA)
VO=2.5V
VO=1V
VO=1.8V
1.42
1.44
1.46
1.48
1.5
1.52
1.54
-50
0
50
100
150
TA (°C)
VIN=5V, IO=600mA
VIN=3.3V, IO=600mA
VIN=5V, IO=0A
VIN=3.3V, IO=0A
-0.5%
-0.4%
-0.3%
-0.2%
-0.1%
0.0%
0.1%
0
0.2
0.4
0.6
0.8
1
IO (A)
VIN=3.3V
VIN=5V
-0.7%
-0.6%
-0.5%
-0.4%
-0.3%
-0.2%
-0.1%
0.0%
0.1%
-50
0
50
100
150
TJ (°C)
VIN=5V IO=600mA
VIN=3.3V IO=600mA
VIN=3.3V IO=0A
VIN=5V IO=0A
0
2
4
6
8
10
12
2.5
3
3.5
44.5
5
VIN (V)
EL7534


Similar Part No. - EL7534

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7534 INTERSIL-EL7534 Datasheet
351Kb / 8P
   Monolithic 600mA Step-Down Regulator
logo
Renesas Technology Corp
EL7534 RENESAS-EL7534 Datasheet
487Kb / 9P
   Monolithic 600mA Step-Down Regulator
logo
Intersil Corporation
EL7534IY INTERSIL-EL7534IY Datasheet
351Kb / 8P
   Monolithic 600mA Step-Down Regulator
logo
Renesas Technology Corp
EL7534IY RENESAS-EL7534IY Datasheet
487Kb / 9P
   Monolithic 600mA Step-Down Regulator
logo
Intersil Corporation
EL7534IY-T13 INTERSIL-EL7534IY-T13 Datasheet
351Kb / 8P
   Monolithic 600mA Step-Down Regulator
More results

Similar Description - EL7534

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7534 RENESAS-EL7534 Datasheet
487Kb / 9P
   Monolithic 600mA Step-Down Regulator
logo
Intersil Corporation
EL7534 INTERSIL-EL7534 Datasheet
351Kb / 8P
   Monolithic 600mA Step-Down Regulator
logo
Linear Technology
LTC3419 LINER-LTC3419 Datasheet
255Kb / 16P
   Dual Monolithic 600mA Synchronous Step-Down Regulator
LTC3419 LINER-LTC3419_15 Datasheet
263Kb / 16P
   Dual Monolithic 600mA Synchronous Step-Down Regulator
LTC3607EUD LINER-LTC3607EUD Datasheet
428Kb / 8P
   Dual 600mA 15V Monolithic Synchronous Step-Down Regulator
logo
Intersil Corporation
EL7530 INTERSIL-EL7530 Datasheet
476Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
ISL8010 RENESAS-ISL8010 Datasheet
699Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
ISL8010 INTERSIL-ISL8010_06 Datasheet
377Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
ISL8010 INTERSIL-ISL8010 Datasheet
543Kb / 12P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
EL7530 INTERSIL-EL7530_06 Datasheet
323Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com