Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5455ISZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5455ISZ
Description  270MHz Ultra-Accurate Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5455ISZ Datasheet(HTML) 5 Page - Intersil Corporation

  EL5455ISZ Datasheet HTML 1Page - Intersil Corporation EL5455ISZ Datasheet HTML 2Page - Intersil Corporation EL5455ISZ Datasheet HTML 3Page - Intersil Corporation EL5455ISZ Datasheet HTML 4Page - Intersil Corporation EL5455ISZ Datasheet HTML 5Page - Intersil Corporation EL5455ISZ Datasheet HTML 6Page - Intersil Corporation EL5455ISZ Datasheet HTML 7Page - Intersil Corporation EL5455ISZ Datasheet HTML 8Page - Intersil Corporation EL5455ISZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
FN7385.4
October 3, 2005
FIGURE 5. FREQUENCY RESPONSE FOR VARIOUS RL
FIGURE 6. FREQUENCY RESPONSE FOR VARIOUS CL
FIGURE 7. FREQUENCY RESPONSE FOR VARIOUS RL
FIGURE 8. FREQUENCY RESPONSE FOR VARIOUS CL
FIGURE 9. FREQUENCY RESPONSE FOR
VARIOUS CIN
FIGURE 10. FREQUENCY RESPONSE vs RF/RG
Typical Performance Curves (Continued)
3
1
-1
-3
-5
4
2
0
-2
-4
100K
1M
10M
800M
FREQUENCY (Hz)
100M
AV=+2
CL=5pF
RF=500Ω
50
100
200
250
500
-6
4
2
0
-2
-4
5
3
1
-1
-3
100K
1M
10M
500M
FREQUENCY (Hz)
100M
AV=+2
RL=500Ω
RF=500Ω
22pF
18pF
12pF
4.7pF
2.7pF
-5
3
1
-1
-3
-5
4
2
0
-2
-4
100K
1M
10M
FREQUENCY (Hz)
100M
50
200
500
250
-6
AV=+5
CL=5pF
RF=102Ω
3
1
-1
-3
-5
4
2
0
-2
-4
100K
1M
10M
500M
FREQUENCY (Hz)
100M
RL=500Ω
AV=+5
RF=102Ω
87pF
68pF
50pF
39pF
27pF
18pF
-6
4
2
0
-2
-4
5
3
1
-1
-3
100K
1M
10M
500M
FREQUENCY (Hz)
100M
RL=150Ω
AV=+2
RF=500Ω
4.7pF
3.3pF
3.2pF
1pF
-5
4
2
0
-2
-4
5
3
1
-1
-3
100K
1M
10M
500M
FREQUENCY (Hz)
100M
RL=500Ω
CL=5pF
AV=+2
RF=RG=
1000
1500
750
500
-5
EL5152, EL5153, EL5252, EL5455


Similar Part No. - EL5455ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5455ISZ INTERSIL-EL5455ISZ Datasheet
371Kb / 16P
   270MHz Ultra-Accurate Amplifiers
EL5455ISZ INTERSIL-EL5455ISZ Datasheet
380Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Renesas Technology Corp
EL5455ISZ RENESAS-EL5455ISZ Datasheet
805Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Intersil Corporation
EL5455ISZ-T13 INTERSIL-EL5455ISZ-T13 Datasheet
371Kb / 16P
   270MHz Ultra-Accurate Amplifiers
EL5455ISZ-T13 INTERSIL-EL5455ISZ-T13 Datasheet
380Kb / 16P
   270MHz Ultra-Accurate Amplifiers
More results

Similar Description - EL5455ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5152 INTERSIL-EL5152_07 Datasheet
371Kb / 16P
   270MHz Ultra-Accurate Amplifiers
EL5152 INTERSIL-EL5152 Datasheet
380Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Renesas Technology Corp
EL5152 RENESAS-EL5152 Datasheet
805Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Texas Instruments
THS4001 TI1-THS4001 Datasheet
887Kb / 21P
[Old version datasheet]   270MHZ HIGH SPEED AMPLIFIERS
LMH6657 TI1-LMH6657 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
LMH6658 TI1-LMH6658 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
logo
National Semiconductor ...
LMH6657 NSC-LMH6657_14 Datasheet
1Mb / 29P
   270MHz Single Supply, Single & Dual Amplifiers
LMH6657 NSC-LMH6657 Datasheet
788Kb / 20P
   270MHz Single Supply, Single & Dual Amplifiers
logo
Texas Instruments
LMH6658MAX TI-LMH6658MAX Datasheet
1Mb / 29P
[Old version datasheet]   LMH6657/LMH6658 270MHz Single Supply, Single & Dual Amplifiers
logo
Analog Devices
SMP-10 AD-SMP-10 Datasheet
540Kb / 9P
   Low Droop Rate/Accurate Sample-andHold Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com