Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5455ISZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL5455ISZ
Description  270MHz Ultra-Accurate Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5455ISZ Datasheet(HTML) 3 Page - Intersil Corporation

  EL5455ISZ Datasheet HTML 1Page - Intersil Corporation EL5455ISZ Datasheet HTML 2Page - Intersil Corporation EL5455ISZ Datasheet HTML 3Page - Intersil Corporation EL5455ISZ Datasheet HTML 4Page - Intersil Corporation EL5455ISZ Datasheet HTML 5Page - Intersil Corporation EL5455ISZ Datasheet HTML 6Page - Intersil Corporation EL5455ISZ Datasheet HTML 7Page - Intersil Corporation EL5455ISZ Datasheet HTML 8Page - Intersil Corporation EL5455ISZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
FN7385.4
October 3, 2005
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage between VS and GND. . . . . . . . . . . . . . . . . . . 13.2V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 50mA
Pin Voltages . . . . . . . . . . . . . . . . . . . . . . . . . GND -0.5V to VS +0.5V
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Current into IN+, IN-, CE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS+ = +5V, VS- = ±5V, RF = RG = 750, RL = 150, TA = 25°C, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
BW
-3dB Bandwidth
AV = +1, RL = 500Ω, CL = 5.0pF
270
MHz
AV = +2, RL = 150Ω
85
MHz
GBWP
Gain Bandwidth Product
RL = 150Ω
165
MHz
BW1
0.1dB Bandwidth
AV = +1, RL = 500Ω
50
MHz
SR
Slew Rate
VO = -3V to +3V, AV = +2
120
155
V/µs
VO = -3V to +3V, AV = 1, RL = 500Ω
180
V/µs
tS
0.1% Settling Time
VOUT = -1V to +1V, AV = +2
30
ns
dG
Differential Gain Error
AV = +2, RL = 150Ω
0.06
%
dP
Differential Phase Error
AV = +2, RL = 150Ω
0.045
°
VN
Input Referred Voltage Noise
12
nV/
√Hz
IN
Input Referred Current Noise
1.8
pA/
√Hz
DC PERFORMANCE
VOS
Offset Voltage
-1
0.5
1
mV
TCVOS
Input Offset Voltage Temperature
Coefficient
Measured from TMIN to TMAX
-2
µV/°C
AVOL
Open Loop Gain
VO is from -2.5V to 2.5V (EL5152 & EL5153)
10
20
kV/V
VO is from -2.5V to 2.5V (EL5252 & EL5455)
15
50
kV/V
INPUT CHARACTERISTICS
CMIR
Common Mode Input Range
Guaranteed by CMRR test
-2.5
2.5
V
CMRR
Common Mode Rejection Ratio
VCM = 2.5 to -2.5
85
110
dB
IB
Bias Current
-0.4
0.12
+0.6
µA
IOS
Input Offset Current
-80
12
80
nA
RIN
Input Resistance
25
60
M
CIN
Input Capacitance
1pF
OUTPUT CHARACTERISTICS
VOUT
Output Voltage Swing
RL = 150Ω to GND
±3.0
±3.3
V
RL = 500Ω to GND
±3.4
±3.7
V
IOUT
Output Current
RL = 10Ω to GND
60
105
mA
ENABLE (SELECTED PACKAGES ONLY)
tEN
Enable Time
200
ns
tDIS
Disable Time
300
ns
EL5152, EL5153, EL5252, EL5455


Similar Part No. - EL5455ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5455ISZ INTERSIL-EL5455ISZ Datasheet
371Kb / 16P
   270MHz Ultra-Accurate Amplifiers
EL5455ISZ INTERSIL-EL5455ISZ Datasheet
380Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Renesas Technology Corp
EL5455ISZ RENESAS-EL5455ISZ Datasheet
805Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Intersil Corporation
EL5455ISZ-T13 INTERSIL-EL5455ISZ-T13 Datasheet
371Kb / 16P
   270MHz Ultra-Accurate Amplifiers
EL5455ISZ-T13 INTERSIL-EL5455ISZ-T13 Datasheet
380Kb / 16P
   270MHz Ultra-Accurate Amplifiers
More results

Similar Description - EL5455ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5152 INTERSIL-EL5152_07 Datasheet
371Kb / 16P
   270MHz Ultra-Accurate Amplifiers
EL5152 INTERSIL-EL5152 Datasheet
380Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Renesas Technology Corp
EL5152 RENESAS-EL5152 Datasheet
805Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Texas Instruments
THS4001 TI1-THS4001 Datasheet
887Kb / 21P
[Old version datasheet]   270MHZ HIGH SPEED AMPLIFIERS
LMH6657 TI1-LMH6657 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
LMH6658 TI1-LMH6658 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
logo
National Semiconductor ...
LMH6657 NSC-LMH6657_14 Datasheet
1Mb / 29P
   270MHz Single Supply, Single & Dual Amplifiers
LMH6657 NSC-LMH6657 Datasheet
788Kb / 20P
   270MHz Single Supply, Single & Dual Amplifiers
logo
Texas Instruments
LMH6658MAX TI-LMH6658MAX Datasheet
1Mb / 29P
[Old version datasheet]   LMH6657/LMH6658 270MHz Single Supply, Single & Dual Amplifiers
logo
Analog Devices
SMP-10 AD-SMP-10 Datasheet
540Kb / 9P
   Low Droop Rate/Accurate Sample-andHold Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com