Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OQ2538U Datasheet(PDF) 7 Page - NXP Semiconductors

Part # OQ2538U
Description  SDH/SONET STM16/OC48 main amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OQ2538U Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button OQ2538U Datasheet HTML 3Page - NXP Semiconductors OQ2538U Datasheet HTML 4Page - NXP Semiconductors OQ2538U Datasheet HTML 5Page - NXP Semiconductors OQ2538U Datasheet HTML 6Page - NXP Semiconductors OQ2538U Datasheet HTML 7Page - NXP Semiconductors OQ2538U Datasheet HTML 8Page - NXP Semiconductors OQ2538U Datasheet HTML 9Page - NXP Semiconductors OQ2538U Datasheet HTML 10Page - NXP Semiconductors OQ2538U Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
1998 Oct 14
7
Philips Semiconductors
Product specification
SDH/SONET STM16/OC48 main amplifiers
OQ2538HP; OQ2538U
An external 200
Ω resistor between IN and INQ is
recommended in order to match the inputs to a differential
transmission line, coupled microstrip or stripline with an
odd mode impedance Zo(odd) =50 Ω, as shown in Fig.4.
For single-ended excitation, separate matching networks
on IN and INQ, as depicted in Fig.5, achieve optimum
matching. Care should be taken to avoid DC loading, since
the OQ2538HP controls its own DC input voltage.
The resistors on the unused input INQ may be combined
for convenience.
In both cases, the essence of good matching is the equity
of the circuitry on both input pins. The impedance seen on
pins IN and INQ should be as equal as possible. For more
information see
“Application Note AN96051” describing
the OM5801 STM16 demo board.
Fig.4 Differential input matching.
handbook, halfpage
differential line
Zo(odd) = 50 Ω
MGM115
200
IN
INQ
22 nF
22 nF
Fig.5 Single-ended input matching.
handbook, halfpage
MGM116
100
100
50
IN
INQ
22 nF
22 nF
22 nF
22 nF
Zo = 50 Ω
transmission line
RF output matching circuit
Matching of the main amplifier outputs, OUT and OUTQ, is
not mandatory. In most applications, the receiving end of
the transmission line will be properly matched, so very little
reflection will occur. Matching the transmitting end to
absorb these reflections is only recommended for very
sensitive applications. In such cases, 100
Ω pull-up
resistors should be connected from OUT and OUTQ to
ground, as close as possible to the IC pins. These
matching resistors will not be needed in most applications,
however. The output circuit of the OQ2538HP is depicted
in Fig.6. For more information see
“Application Note
AN96051” describing the OM5801 STM16 demo board.
Fig.6 RF output topology.
handbook, halfpage
MGM117
OUT
OUTQ
GND
100
100


Similar Part No. - OQ2538U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OQ2538HP PHILIPS-OQ2538HP Datasheet
542Kb / 24P
   SDH/SONET main amplifier
1997 Nov 26
OQ2538HP PHILIPS-OQ2538HP_97 Datasheet
542Kb / 24P
   SDH/SONET main amplifier
1997 Nov 26
More results

Similar Description - OQ2538U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OQ2535HP PHILIPS-OQ2535HP Datasheet
108Kb / 19P
   SDH/SONET STM16/OC48 multiplexer
1999 Oct 04
OQ2536HP PHILIPS-OQ2536HP Datasheet
127Kb / 20P
   SDH/SONET STM16/OC48 demultiplexer
1998 Mar 10
TZA3013A PHILIPS-TZA3013A Datasheet
104Kb / 16P
   SDH/SONET STM16/OC48 transimpedance amplifier
2001 Feb 26
OQ2545HP PHILIPS-OQ2545HP Datasheet
688Kb / 28P
   SDH/SONET STM16/OC48 laser drivers
1999 Aug 24
OQ2538HP PHILIPS-OQ2538HP_97 Datasheet
542Kb / 24P
   SDH/SONET main amplifier
1997 Nov 26
logo
TriQuint Semiconductor
TQ8105 TRIQUINT-TQ8105 Datasheet
371Kb / 19P
   SONET/SDH Transceivers
logo
Mitsubishi Electric Sem...
MF-10KDS-T12-06X07X MITSUBISHI-MF-10KDS-T12-06X07X Datasheet
104Kb / 8P
   SONET/SDH TRANSMITTER & RECIEVER
MF-2500DS-T12-18X MITSUBISHI-MF-2500DS-T12-18X Datasheet
57Kb / 9P
   SONET/SDH TRANSMITTER & RECIEVER
MF-2700FRB-M0XMA MITSUBISHI-MF-2700FRB-M0XMA Datasheet
224Kb / 8P
   SONET / SDH RECEIVER MODULE
logo
OPLINK Communications I...
STX-SRX-0400 OPLINK-STX-SRX-0400 Datasheet
367Kb / 9P
   SONET/SDH Transmitters & Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com