Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5164 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL5164
Description  600MHz Current Feedback Amplifiers with Enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5164 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL5164 Datasheet HTML 4Page - Intersil Corporation EL5164 Datasheet HTML 5Page - Intersil Corporation EL5164 Datasheet HTML 6Page - Intersil Corporation EL5164 Datasheet HTML 7Page - Intersil Corporation EL5164 Datasheet HTML 8Page - Intersil Corporation EL5164 Datasheet HTML 9Page - Intersil Corporation EL5164 Datasheet HTML 10Page - Intersil Corporation EL5164 Datasheet HTML 11Page - Intersil Corporation EL5164 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FN7389.5
August 10, 2005
FIGURE 19. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 20. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 21. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 22. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
909mW
1.4
1.2
1
0.8
0.6
0.2
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.4
435mW
θJA=230°C/W
SOT23-5/6
1.250W
θJA=80°C/W
SO16 (0.150”)
θJA=110°C/W
SO8
1.4
1.2
1
0.8
0.6
0.2
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.4
893mW
QSOP16
θJA=112°C/W
625mW
θJA=160°C/W
SO8
1
0.9
0.8
0.6
0.4
0.1
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.2
0.7
0.3
0.5
391mW
θJA=256°C/W
SOT23-5/6
633mW θ
JA =1
58°C
/W
QSO
P16
1.2
1
0.8
0.6
0.4
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.2
θ
JA =
110
°C
/W
SO
16
(0.1
50”
)
909mW
EL5164, EL5165, EL5364


Similar Part No. - EL5164

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5164 INTERSIL-EL5164 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164IS INTERSIL-EL5164IS Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5164IS INTERSIL-EL5164IS Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
More results

Similar Description - EL5164

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5192 INTERSIL-EL5192 Datasheet
386Kb / 17P
   600MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5192 RENESAS-EL5192 Datasheet
934Kb / 20P
   600MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5192 INTERSIL-EL5192_07 Datasheet
414Kb / 20P
   600MHz Current Feedback Amplifier with Enable
EL5392A INTERSIL-EL5392A_06 Datasheet
368Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
EL5292 INTERSIL-EL5292_07 Datasheet
342Kb / 16P
   Dual 600MHz Current Feedback Amplifier with Enable
EL5392A INTERSIL-EL5392A Datasheet
580Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
EL5292 INTERSIL-EL5292 Datasheet
580Kb / 14P
   Dual 600MHz Current Feedback Amplifier with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com