Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40L15CTSTRL Datasheet(PDF) 7 Page - International Rectifier

Part # 40L15CTSTRL
Description  SCHOTTKY RECTIFIER 2 x 20 Amps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

40L15CTSTRL Datasheet(HTML) 7 Page - International Rectifier

  40L15CTSTRL Datasheet HTML 1Page - International Rectifier 40L15CTSTRL Datasheet HTML 2Page - International Rectifier 40L15CTSTRL Datasheet HTML 3Page - International Rectifier 40L15CTSTRL Datasheet HTML 4Page - International Rectifier 40L15CTSTRL Datasheet HTML 5Page - International Rectifier 40L15CTSTRL Datasheet HTML 6Page - International Rectifier 40L15CTSTRL Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
40L15CTSPbF, 40L15CT-1PbF
Bulletin PD-21037 02/07
7
www.irf.com
Ordering Information Table
Device Code
1
5
2
4
3
1
-
Current Rating (40A)
2
-
L = Schottky L Series
3
-
Voltage Rating (15V)
4
-
C = Common Cathode
5
-
T = TO-220
6
-
S = D2Pak
-1= TO-262
7
-
none = Tube (50 pieces)
TRL = Tape & Reel (Left Oriented - for D2Pak only)
TRR = Tape & Reel (Right Oriented - for D2Pak only)
8
-
none = Standard Production
PbF = Lead-Free
40
L
15
C
T
S
TRL
PbF
6
7
8
IR WORLD HEADQUARTERS:
233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 02/07
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level and Lead-Free.
Qualification Standards can be found on IR's Web site.


Similar Part No. - 40L15CTSTRL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40L15CTSTRL VISHAY-40L15CTSTRL Datasheet
126Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 21-Aug-08
40L15CTSTRLPBF VISHAY-40L15CTSTRLPBF Datasheet
129Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 13-Aug-08
40L15CTSTRLPBF VISHAY-40L15CTSTRLPBF Datasheet
122Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 15-Mar-10
More results

Similar Description - 40L15CTSTRL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
40L15CWPBF IRF-40L15CWPBF Datasheet
198Kb / 6P
   SCHOTTKY RECTIFIER 2 x 20 Amps
40L40CWPBF IRF-40L40CWPBF Datasheet
194Kb / 6P
   SCHOTTKY RECTIFIER 2 x 20 Amps
logo
Vishay Siliconix
40CPQ035PBF VISHAY-40CPQ035PBF Datasheet
122Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 13-Aug-08
40CPQ080G VISHAY-40CPQ080G Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 21-Aug-08
40CTQ045PBF VISHAY-40CTQ045PBF Datasheet
118Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 13-Aug-08
MBRB4045CTPBF VISHAY-MBRB4045CTPBF Datasheet
123Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 14-Aug-08
STPS40L15CWPBF VISHAY-STPS40L15CWPBF Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 14-Aug-08
MBR40L15CWPBF VISHAY-MBR40L15CWPBF Datasheet
117Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 14-Aug-08
40CTQ045PBF VISHAY-40CTQ045PBF_12 Datasheet
165Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 26-Aug-11
40CTQ150PBF VISHAY-40CTQ150PBF_12 Datasheet
154Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 26-Aug-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com