Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5306IUZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL5306IUZ
Description  350MHz Fixed Gain Amplifiers with Enable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5306IUZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL5306IUZ Datasheet HTML 3Page - Intersil Corporation EL5306IUZ Datasheet HTML 4Page - Intersil Corporation EL5306IUZ Datasheet HTML 5Page - Intersil Corporation EL5306IUZ Datasheet HTML 6Page - Intersil Corporation EL5306IUZ Datasheet HTML 7Page - Intersil Corporation EL5306IUZ Datasheet HTML 8Page - Intersil Corporation EL5306IUZ Datasheet HTML 9Page - Intersil Corporation EL5306IUZ Datasheet HTML 10Page - Intersil Corporation EL5306IUZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Supply Voltage Range and Single-Supply
Operation
The EL5106 and EL5306 have been designed to operate
with supply voltages having a span of greater than or equal
to 5V and less than 11V. In practical terms, this means that
the EL5106 and EL5306 will operate on dual supplies
ranging from ±2.5V to ±5V. With single-supply, the EL5106
and EL5306 will operate from 5V to 10V.
As supply voltages continue to decrease, it becomes
necessary to provide input and output voltage ranges that
can get as close as possible to the supply voltages. The
EL5106 and EL5306 have an input range which extends to
within 2V of either supply. So, for example, on ±5V supplies,
the EL5106 and EL5306 have an input range which spans
±3V. The output range is also quite large, extending to within
1V of the supply rail. On a ±5V supply, the output is therefore
capable of swinging from -4V to +4V. Single-supply output
range is larger because of the increased negative swing due
to the external pull-down resistor to ground. Figure 16 shows
an AC-coupled, gain of +2, +5V single supply circuit
configuration.
Video Performance
For good video performance, an amplifier is required to
maintain the same output impedance and the same
frequency response as DC levels are changed at the output.
This is especially difficult when driving a standard video load
of 150
Ω, because of the change in output current with DC
level. Previously, good differential gain could only be
achieved by running high idle currents through the output
transistors (to reduce variations in output impedance).
Special circuitries have been incorporated in the EL5106 and
EL5306 to reduce the variation of output impedance with
current output. This results in dG and dP specifications of
0.02% and 0.04°, while driving 150
Ω at a gain of 2.
Output Drive Capability
In spite of its low 1.5mA of supply current per amplifier, the
EL5106 and EL5306 are capable of providing a maximum of
±125mA of output current.
Driving Cables and Capacitive Loads
When used as a cable driver, double termination is always
recommended for reflection-free performance. For those
applications, the back-termination series resistor will
decouple the EL5106 and EL5306 from the cable and allow
extensive capacitive drive. However, other applications may
have high capacitive loads without a back-termination
resistor. In these applications, a small series resistor (usually
between 5
Ω and 50Ω) can be placed in series with the
output to eliminate most peaking.
FIGURE 15. AV = -1
-
+
325
325
IN-
IN+
FIGURE 16. AV = +1
-
+
325
325
IN-
IN+
FIGURE 17.
-
+
325
325
VIN
+5
0.1µF
1K
1K
0.1µF
+5
VOUT
EL5106, EL5306


Similar Part No. - EL5306IUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5306IUZ INTERSIL-EL5306IUZ Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
EL5306IUZ INTERSIL-EL5306IUZ Datasheet
292Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
EL5306IUZ INTERSIL-EL5306IUZ Datasheet
457Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5306IUZ RENESAS-EL5306IUZ Datasheet
717Kb / 14P
   350MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5306IUZ-T13 INTERSIL-EL5306IUZ-T13 Datasheet
292Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
More results

Similar Description - EL5306IUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5106 INTERSIL-EL5106 Datasheet
457Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
EL5306 INTERSIL-EL5306 Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
5962-0625501QXC INTERSIL-5962-0625501QXC Datasheet
111Kb / 4P
   350MHz Fixed Gain Amplifiers with Enable
EL5106 INTERSIL-EL5106_07 Datasheet
292Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5106 RENESAS-EL5106 Datasheet
717Kb / 14P
   350MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5108 INTERSIL-EL5108_07 Datasheet
306Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
EL5108 INTERSIL-EL5108_06 Datasheet
337Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5108 RENESAS-EL5108 Datasheet
682Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5108 INTERSIL-EL5108 Datasheet
492Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
logo
National Semiconductor ...
LMV101 NSC-LMV101 Datasheet
769Kb / 12P
   Fixed-Gain Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com