Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10ETS08STRR Datasheet(PDF) 3 Page - International Rectifier

Part # 10ETS08STRR
Description  INPUT RECTIFIER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10ETS08STRR Datasheet(HTML) 3 Page - International Rectifier

  10ETS08STRR Datasheet HTML 1Page - International Rectifier 10ETS08STRR Datasheet HTML 2Page - International Rectifier 10ETS08STRR Datasheet HTML 3Page - International Rectifier 10ETS08STRR Datasheet HTML 4Page - International Rectifier 10ETS08STRR Datasheet HTML 5Page - International Rectifier 10ETS08STRR Datasheet HTML 6Page - International Rectifier 10ETS08STRR Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Bulletin I2121 rev. C 12/01
10ETS.., 10ETS..S SAFE
IR Series
www.irf.com
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
80
90
100
110
120
130
140
150
02
46
8
1 0
1 2
30
60
90
120
180
Co n ductio n A ng le
Ave ra g e Fo rw a rd C urrent (A )
10ET S.. Se rie s
R
(D C ) = 2.5 C /W
thJ C
90
100
110
120
130
140
150
0
2
4
6
8
10
12
14
16
18
DC
30
60
90
120
180
C ond uc tion Period
A ve rag e Forw ard C urre n t (A)
10ETS.. Se ries
R
(D C ) = 2.5 C / W
thJC
0
2
4
6
8
10
12
14
16
02
4
6
8
10
RM S Lim it
180
120
90
60
30
Co nd u ctio n Ang le
A verag e Fo rw a rd C urren t (A )
10ET S.. Se rie s
T = 150 C
J
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
10
12
14
16
DC
180
120
90
60
30
RM S Lim it
C o nd uc tion P eriod
A ve rag e Fo rw ard C u rre n t (A )
10E TS.. Se rie s
T = 150 C
J
40
60
80
100
120
140
160
180
200
110
100
N u m b er O f E q u al A m p litu d e Half C y cle Cu rren t Pu lses (N )
In itia l T = 150 C
@ 60 H z 0.0083 s
@ 50 H z 0.0100 s
J
10E TS.. Se rie s
At A n y Ra te d Lo a d C o n d ition And W ith
R a ted V
A p p lie d Fo llo w ing Surg e .
RRM
40
60
80
100
120
140
160
180
200
220
240
0.01
0 .1
1
Pu lse Tra in D u ra tion (s)
10ETS.. Se rie s
V e rsu s P u lse Tra in D u ra tio n .
M a xim um N o n R e p etitive S urg e C urre n t
In itia l T = 150 C
N o V o ltag e R e ap plie d
Ra te d V
R e ap p lie d
RR M
J


Similar Part No. - 10ETS08STRR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10ETS08STRRPBF VISHAY-10ETS08STRRPBF Datasheet
168Kb / 7P
   Input Rectifier Diode, 10 A
Revision: 08-Apr-10
More results

Similar Description - 10ETS08STRR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10ETS IRF-10ETS Datasheet
70Kb / 5P
   INPUT RECTIFIER DIODE
20ETS16S IRF-20ETS16S Datasheet
142Kb / 7P
   INPUT RECTIFIER DIODE
80EPS IRF-80EPS Datasheet
80Kb / 6P
   INPUT RECTIFIER DIODE
logo
Inchange Semiconductor ...
10ETS08S ISC-10ETS08S Datasheet
264Kb / 2P
   Input Rectifier Diode
10ETS12S ISC-10ETS12S Datasheet
263Kb / 2P
   Input Rectifier Diode
10ETS08F ISC-10ETS08F Datasheet
266Kb / 2P
   Input Rectifier Diode
10ETS10 ISC-10ETS10 Datasheet
263Kb / 2P
   Input Rectifier Diode
logo
International Rectifier
80EPSPBF IRF-80EPSPBF Datasheet
102Kb / 6P
   INPUT RECTIFIER DIODE
20ETS08SPBF IRF-20ETS08SPBF Datasheet
176Kb / 7P
   INPUT RECTIFIER DIODE
25ETS08S IRF-25ETS08S Datasheet
142Kb / 7P
   INPUT RECTIFIER DIODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com