Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30CTH02 Datasheet(PDF) 5 Page - International Rectifier

Part # 30CTH02
Description  Hyperfast Rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30CTH02 Datasheet(HTML) 5 Page - International Rectifier

  30CTH02 Datasheet HTML 1Page - International Rectifier 30CTH02 Datasheet HTML 2Page - International Rectifier 30CTH02 Datasheet HTML 3Page - International Rectifier 30CTH02 Datasheet HTML 4Page - International Rectifier 30CTH02 Datasheet HTML 5Page - International Rectifier 30CTH02 Datasheet HTML 6Page - International Rectifier 30CTH02 Datasheet HTML 7Page - International Rectifier 30CTH02 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
30CTH02PbF, 30CH02FPPbF
Bulletin PD-20894 rev. B 12/06
www.irf.com
Fig. 10 - Typical Stored Charge vs. di F /dt
Fig. 9 - Typical Reverse Recovery vs. di F /dt
di F/dt (A/μs )
di F /dt (A/μs )
IRFP250
D.U.T.
L = 70µH
V
= 200V
R
0.01
Ω
G
D
S
dif/dt
ADJUST
Fig. 11- Reverse Recovery Parameter Test Circuit
Reverse Recovery Circuit
diF /dt
10
100
100
1000
IF = 15 A
R
J
J
V = 160V
T = 125˚C
T = 25˚C
10
100
1000
100
1000
IF = 15 A
R
J
J
V = 160V
T = 125˚C
T = 25˚C


Similar Part No. - 30CTH02

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30CTH02 IRF-30CTH02 Datasheet
292Kb / 10P
   Hyperfast Rectifier
logo
Vishay Siliconix
30CTH02 VISHAY-30CTH02 Datasheet
116Kb / 7P
   Hyperfast Rectifier, 2 x 15 A FRED PtTM
Revision: 05-Sep-08
logo
Inchange Semiconductor ...
30CTH02 ISC-30CTH02 Datasheet
349Kb / 2P
   Hyperfast Rectifier
logo
International Rectifier
30CTH02-1 IRF-30CTH02-1 Datasheet
292Kb / 10P
   Hyperfast Rectifier
30CTH02-1 IRF-30CTH02-1 Datasheet
287Kb / 8P
   Hyperfast Rectifier
More results

Similar Description - 30CTH02

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30ETH06 IRF-30ETH06 Datasheet
207Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
VS-4ESH02-M3 VISHAY-VS-4ESH02-M3 Datasheet
121Kb / 7P
   Hyperfast Rectifier
Revision: 24-Nov-14
VS-2EFH02HM3 VISHAY-VS-2EFH02HM3 Datasheet
114Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-2EJH01-M3 VISHAY-VS-2EJH01-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 20-Nov-14
VS-6CSH02-M3 VISHAY-VS-6CSH02-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-8CSH01-M3 VISHAY-VS-8CSH01-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-8CSH02-M3 VISHAY-VS-8CSH02-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-10CSH01-M3 VISHAY-VS-10CSH01-M3 Datasheet
121Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
logo
International Rectifier
30EPH06PBF IRF-30EPH06PBF Datasheet
165Kb / 7P
   Hyperfast Rectifier
logo
Fairchild Semiconductor
RHRA1560CC FAIRCHILD-RHRA1560CC Datasheet
156Kb / 5P
   Hyperfast Rectifier
logo
International Rectifier
15ETX06PBF IRF-15ETX06PBF Datasheet
236Kb / 8P
   Hyperfast Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com