Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5133IWZ-T7A Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL5133IWZ-T7A
Description  670MHz Low Noise Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5133IWZ-T7A Datasheet(HTML) 2 Page - Intersil Corporation

  EL5133IWZ-T7A Datasheet HTML 1Page - Intersil Corporation EL5133IWZ-T7A Datasheet HTML 2Page - Intersil Corporation EL5133IWZ-T7A Datasheet HTML 3Page - Intersil Corporation EL5133IWZ-T7A Datasheet HTML 4Page - Intersil Corporation EL5133IWZ-T7A Datasheet HTML 5Page - Intersil Corporation EL5133IWZ-T7A Datasheet HTML 6Page - Intersil Corporation EL5133IWZ-T7A Datasheet HTML 7Page - Intersil Corporation EL5133IWZ-T7A Datasheet HTML 8Page - Intersil Corporation EL5133IWZ-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Ordering Information
PART NUMBER
PART MARKING
TAPE & REEL
PACKAGE
PKG. DWG. #
EL5132IS
5132IS
-
8 Ld SO
MDP0027
EL5132IS-T7
5132IS
7”
8 Ld SO
MDP0027
EL5132IS-T13
5132IS
13”
8 Ld SO
MDP0027
EL5132ISZ
(See Note)
5132ISZ
-
8 Ld SO
(Pb-free)
MDP0027
EL5132ISZ-T7
(See Note)
5132ISZ
7”
8 Ld SO
(Pb-free)
MDP0027
EL5132ISZ-T13 (See Note)
5132ISZ
13”
8 Ld SO
(Pb-free)
MDP0027
EL5133IW-T7
BCAA
7”
(3k pcs)
5 Ld SOT-23
MDP0038
EL5133IW-T7A
BCAA
7”
(250 pcs)
5 Ld SOT-23
MDP0038
EL5133IWZ-T7
(See Note)
BSAA
7”
(3k pcs)
5 Ld SOT-23
(Pb-free)
MDP0038
EL5133IWZ-T7A
(See Note)
BSAA
7”
(250 pcs)
5 Ld SOT-23
(Pb-free)
MDP0038
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
EL5132, EL5133


Similar Part No. - EL5133IWZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5133IWZ-T7A INTERSIL-EL5133IWZ-T7A Datasheet
6Mb / 13P
   670MHz Low Noise Amplifiers
logo
Renesas Technology Corp
EL5133IWZ-T7A RENESAS-EL5133IWZ-T7A Datasheet
3Mb / 13P
   670MHz Low Noise Amplifiers
More results

Similar Description - EL5133IWZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5132_0705 INTERSIL-EL5132_0705 Datasheet
6Mb / 13P
   670MHz Low Noise Amplifiers
5962-0623601QPC INTERSIL-5962-0623601QPC Datasheet
100Kb / 3P
   670MHz Low Noise Amplifiers
EL5132 INTERSIL-EL5132 Datasheet
6Mb / 9P
   670MHz Low Noise Amplifiers
logo
Renesas Technology Corp
EL5132 RENESAS-EL5132 Datasheet
3Mb / 13P
   670MHz Low Noise Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
EL5131 INTERSIL-EL5131 Datasheet
250Kb / 7P
   500MHz Low Noise Amplifiers
logo
Fairchild Semiconductor
AN-6601 FAIRCHILD-AN-6601 Datasheet
654Kb / 4P
   Low Noise JFET Amplifiers
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com