Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5308IUZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL5308IUZ
Description  450MHz Fixed Gain Amplifiers with Enable
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5308IUZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL5308IUZ Datasheet HTML 2Page - Intersil Corporation EL5308IUZ Datasheet HTML 3Page - Intersil Corporation EL5308IUZ Datasheet HTML 4Page - Intersil Corporation EL5308IUZ Datasheet HTML 5Page - Intersil Corporation EL5308IUZ Datasheet HTML 6Page - Intersil Corporation EL5308IUZ Datasheet HTML 7Page - Intersil Corporation EL5308IUZ Datasheet HTML 8Page - Intersil Corporation EL5308IUZ Datasheet HTML 9Page - Intersil Corporation EL5308IUZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
FN7358.5
June 15, 2006
FIGURE 7. INPUT TO OUTPUT ISOLATION vs FREQUENCY
(FOR DISABLE MODE)
FIGURE 8. OUTPUT IMPEDENCE vs FREQUENCY
FIGURE 9. VOLTAGE AND CURRENT NOISE vs FREQUENCY
FIGURE 10. POWER SUPPLY REJECTION RATIO vs
FREQUENCY
FIGURE 11. BANDWIDTH vs SUPPLY VOLTAGE
FIGURE 12. PEAKING vs SUPPLY VOLTAGE
Typical Performance Curves (Continued)
100K
FREQUENCY (Hz)
1M
10M
1G
-25
-45
-65
-85
-5
15
100M
AV=2
RL=150Ω
10K
FREQUENCY (Hz)
100K
1M
100M
0.1
0.01
0.002
1
10
100
10M
100
FREQUENCY (Hz)
1K
10M
1
10
1K
10K
100K
1M
100
IN
VN
1K
FREQUENCY (Hz)
10K
100M
-80
-60
-40
-20
0
100K
1M
10M
-10
-30
-50
-70
VS=±5V
AV=2
4.5
VS (V)
55.5
11
340
320
300
380
440
480
6
7 7.588.599.5 10 10.5
6.5
460
420
360
AV = -1
AV = 1
AV = 2
400
RL = 150Ω
4.5
VS (V)
55.5
11
0.6
0.4
0.2
0.8
1
1.2
1.4
6
7 7.5 8 8.5 9 9.5 10 10.5
6.5
AV = -1
AV = 2
AV = 1
RL = 150Ω
EL5108, EL5308


Similar Part No. - EL5308IUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5308IUZ INTERSIL-EL5308IUZ Datasheet
306Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
EL5308IUZ INTERSIL-EL5308IUZ Datasheet
492Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5308IUZ RENESAS-EL5308IUZ Datasheet
682Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5308IUZ-T13 INTERSIL-EL5308IUZ-T13 Datasheet
306Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
EL5308IUZ-T13 INTERSIL-EL5308IUZ-T13 Datasheet
492Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
More results

Similar Description - EL5308IUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5108 INTERSIL-EL5108_07 Datasheet
306Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5108 RENESAS-EL5108 Datasheet
682Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5108 INTERSIL-EL5108 Datasheet
492Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
EL5106 INTERSIL-EL5106 Datasheet
457Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5106 RENESAS-EL5106 Datasheet
717Kb / 14P
   350MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5306 INTERSIL-EL5306 Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
5962-0625501QXC INTERSIL-5962-0625501QXC Datasheet
111Kb / 4P
   350MHz Fixed Gain Amplifiers with Enable
EL5106 INTERSIL-EL5106_07 Datasheet
292Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
EL5106 INTERSIL-EL5106_05 Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
logo
National Semiconductor ...
LMV101 NSC-LMV101 Datasheet
769Kb / 12P
   Fixed-Gain Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com