Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5134ISZ-T13 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL5134ISZ-T13
Description  650MHz, Gain of 5, Low Noise Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5134ISZ-T13 Datasheet(HTML) 4 Page - Intersil Corporation

  EL5134ISZ-T13 Datasheet HTML 1Page - Intersil Corporation EL5134ISZ-T13 Datasheet HTML 2Page - Intersil Corporation EL5134ISZ-T13 Datasheet HTML 3Page - Intersil Corporation EL5134ISZ-T13 Datasheet HTML 4Page - Intersil Corporation EL5134ISZ-T13 Datasheet HTML 5Page - Intersil Corporation EL5134ISZ-T13 Datasheet HTML 6Page - Intersil Corporation EL5134ISZ-T13 Datasheet HTML 7Page - Intersil Corporation EL5134ISZ-T13 Datasheet HTML 8Page - Intersil Corporation EL5134ISZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
FN7383.3
March 9, 2006
Applications Information
SUPPLY (EL5134, EL5234)
ISOFF+
Supply Current - Disabled, per Amplifier
0
+12
+25
µA
ISOFF-
Supply Current - Disabled, per Amplifier
No load, VIN = 0V
-25
-12
0
µA
ENABLE (EL5134, EL5234)
IIHCE
CE Pin Input High Current
CE = +5V
1
10
+25
µA
IILCE
CE Pin Input Low Current
CE = 0V
-1
0
+1
µA
VIHCE
CE Input High Voltage for Power-down
VS+ - 1
V
VILCE
CE Input Low Voltage for Power-up
VS+ - 3
V
Electrical Specifications
VS+ = +5V, VS- = -5V, Av=+5, RF = 100Ω, RG = 25Ω, RL = 500Ω,TA = 25°C, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Typical Performance Curves
FIGURE 1. GAIN vs FREQUENCY
FIGURE 2. PHASE vs FREQUENCY
FIGURE 3. 0.1dB BANDWIDTH
FIGURE 4. GAIN BANDWIDTH PRODUCT
-5
-4
-3
-1
0
1
2
3
4
5
0.1
1
10
100
1K
FREQUENCY (MHz)
-3dB BW @ 667MHz
-2
VS = ±5V
AV = +5
RG = 25Ω
RL = 500Ω
CL = 5pF
-240
-180
-60
60
120
180
240
0.1
1
10
100
1K
FREQUENCY (MHz)
-120
VS = ±5V
AV = +5
RG = 25Ω
RL = 500Ω
CL = 5pF
0
110
100
FREQUENCY (MHz)
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.1dB BW @ 40MHz
VS = ±5V
AV = +5
RG = 25Ω
RL = 500Ω
CL = 5pF
GAIN = 40dB or 100
FREQUENCY = 15.9MHz
GAIN BW PRODUCT = 15.9 x 100
= 1590MHz
20
30
40
50
60
70
110
100
FREQUENCY (MHz)
VS = ±5V
RL = 500Ω
EL5134, EL5135, EL5234, EL5235


Similar Part No. - EL5134ISZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5134ISZ-T13 INTERSIL-EL5134ISZ-T13 Datasheet
1Mb / 10P
   630MHz, Gain of 5, Low Noise Amplifiers
EL5134ISZ-T13 INTERSIL-EL5134ISZ-T13 Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Renesas Technology Corp
EL5134ISZ-T13 RENESAS-EL5134ISZ-T13 Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
More results

Similar Description - EL5134ISZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5134 INTERSIL-EL5134_07 Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Renesas Technology Corp
EL5134 RENESAS-EL5134 Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Intersil Corporation
EL5134 INTERSIL-EL5134 Datasheet
1Mb / 10P
   630MHz, Gain of 5, Low Noise Amplifiers
logo
Linear Technology
LT6553 LINER-LT6553_09 Datasheet
193Kb / 12P
   650MHz Gain of 2 Triple Video Amplifier
LT6554 LINER-LT6554_15 Datasheet
172Kb / 12P
   650MHz Gain of 1 Triple Video Buffer
LT6553 LINER-LT6553_15 Datasheet
199Kb / 12P
   650MHz Gain of 2 Triple Video Amplifier
LT6553 LINER-LT6553 Datasheet
168Kb / 8P
   650MHz Gain of 2 Triple Video Amplifier
LT6554 LINER-LT6554 Datasheet
166Kb / 12P
   650MHz Gain of 1 Triple Video Buffer
LT6555 LINER-LT6555 Datasheet
364Kb / 16P
   650MHz Gain of 2 Triple 2:1Video Multiplexer
logo
Infineon Technologies A...
BFP420H6327 INFINEON-BFP420H6327 Datasheet
542Kb / 9P
   For high gain low noise amplifiers
2009-12-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com