Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5455 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL5455
Description  270MHz Ultra-Accurate Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5455 Datasheet(HTML) 4 Page - Intersil Corporation

  EL5455 Datasheet HTML 1Page - Intersil Corporation EL5455 Datasheet HTML 2Page - Intersil Corporation EL5455 Datasheet HTML 3Page - Intersil Corporation EL5455 Datasheet HTML 4Page - Intersil Corporation EL5455 Datasheet HTML 5Page - Intersil Corporation EL5455 Datasheet HTML 6Page - Intersil Corporation EL5455 Datasheet HTML 7Page - Intersil Corporation EL5455 Datasheet HTML 8Page - Intersil Corporation EL5455 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
FN7385.4
October 3, 2005
IIHCE
CE Pin Input High Current
CE = VS+0
-1
µA
IILCE
CE Pin Input Low Current
CE = VS-
5
13
25
µA
VIHCE
CE Input High Voltage for Power-down
VS+ -1
V
VILCE
CE Input Low Voltage for Power-up
VS+ -3
V
SUPPLY
ISON
Supply Current - Enabled (per amplifier)
No load, VIN = 0V, CE = +5V
2.46
3.0
3.43
mA
ISOFF
Supply Current - Disabled (per amplifier) No load, VIN = 0V, CE = 5V
5
13
25
µA
PSRR
Power Supply Rejection Ratio
DC, VS = ±3.0V to ±6.0V (EL5152 & EL5153)
85
116
dB
DC, VS = ±3.0V to ±6.0V (EL5252 & EL5455)
80
95
dB
Electrical Specifications
VS+ = +5V, VS- = ±5V, RF = RG = 750, RL = 150, TA = 25°C, unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Typical Performance Curves
FIGURE 1. EL5152 SMALL SIGNAL FREQUENCY FOR
VARIOUS GAINS
FIGURE 2. EL5152 SMALL SIGNAL FREQUENCY PHASE
FOR VARIOUS GAINS
FIGURE 3. FREQUENCY RESPONSE FOR VARIOUS RL
FIGURE 4. FREQUENCY RESPONSE FOR VARIOUS CL
100K
1M
10M
500M
FREQUENCY (Hz)
100M
Supply=±5.0V
INPUT=-30dBm=20mV
RL=500Ω
CL=5pF
AV=+1
AV=+5
AV=+2
3
1
-1
-3
-5
4
2
0
-2
-4
-6
60
0
-60
-120
-180
90
30
-30
-90
-150
100K
1M
10M
500M
FREQUENCY (Hz)
100M
Supply=±5.0V
INPUT=-30dBm=20mV
RL=500Ω
CL=5pF
-210
AV=+5
AV=+2
AV=+1
4
2
0
-2
-4
5
3
1
-1
-3
100K
1M
10M
500M
FREQUENCY (Hz)
100M
CL=5pF
AV=+1
10
50
150
500
-5
4
2
0
-2
-4
5
3
1
-1
-3
100K
1M
10M
500M
FREQUENCY (Hz)
100M
AV=+1
RL=500Ω
10pF
12pF
4.7pF
3.3pF
2.2pF
1pF
-5
What should label
be fore this curve?
EL5152, EL5153, EL5252, EL5455


Similar Part No. - EL5455

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5455 INTERSIL-EL5455 Datasheet
357Kb / 14P
   300MHz Amplifiers
EL5455 INTERSIL-EL5455 Datasheet
371Kb / 16P
   270MHz Ultra-Accurate Amplifiers
EL5455 INTERSIL-EL5455 Datasheet
380Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Renesas Technology Corp
EL5455 RENESAS-EL5455 Datasheet
805Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Intersil Corporation
EL5455IS INTERSIL-EL5455IS Datasheet
357Kb / 14P
   300MHz Amplifiers
More results

Similar Description - EL5455

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5152 INTERSIL-EL5152_07 Datasheet
371Kb / 16P
   270MHz Ultra-Accurate Amplifiers
EL5152 INTERSIL-EL5152 Datasheet
380Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Renesas Technology Corp
EL5152 RENESAS-EL5152 Datasheet
805Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Texas Instruments
THS4001 TI1-THS4001 Datasheet
887Kb / 21P
[Old version datasheet]   270MHZ HIGH SPEED AMPLIFIERS
LMH6657 TI1-LMH6657 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
LMH6658 TI1-LMH6658 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
logo
National Semiconductor ...
LMH6657 NSC-LMH6657_14 Datasheet
1Mb / 29P
   270MHz Single Supply, Single & Dual Amplifiers
LMH6657 NSC-LMH6657 Datasheet
788Kb / 20P
   270MHz Single Supply, Single & Dual Amplifiers
logo
Texas Instruments
LMH6658MAX TI-LMH6658MAX Datasheet
1Mb / 29P
[Old version datasheet]   LMH6657/LMH6658 270MHz Single Supply, Single & Dual Amplifiers
logo
Analog Devices
SMP-10 AD-SMP-10 Datasheet
540Kb / 9P
   Low Droop Rate/Accurate Sample-andHold Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com