Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5134ISZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL5134ISZ
Description  650MHz, Gain of 5, Low Noise Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5134ISZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL5134ISZ Datasheet HTML 2Page - Intersil Corporation EL5134ISZ Datasheet HTML 3Page - Intersil Corporation EL5134ISZ Datasheet HTML 4Page - Intersil Corporation EL5134ISZ Datasheet HTML 5Page - Intersil Corporation EL5134ISZ Datasheet HTML 6Page - Intersil Corporation EL5134ISZ Datasheet HTML 7Page - Intersil Corporation EL5134ISZ Datasheet HTML 8Page - Intersil Corporation EL5134ISZ Datasheet HTML 9Page - Intersil Corporation EL5134ISZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FN7383.3
March 9, 2006
FIGURE 11. GAIN vs FREQUENCY FOR VARIOUS CLOAD
(AV = +10)
FIGURE 12. GAIN vs FREQUENCY FOR VARIOUS RF
(AV = +5)
FIGURE 13. GAIN vs FREQUENCY FOR VARIOUS RF
(AV = +10)
FIGURE 14. GAIN vs FREQUENCY FOR VARIOUS CIN(-)
(AV = +5)
FIGURE 15. GAIN vs FREQUENCY FOR VARIOUS CIN(-)
(AV = +10)
FIGURE 16. OPEN LOOP GAIN and PHASE vs FREQUENCY
Typical Performance Curves (Continued)
-5
-4
-3
-2
-1
0
1
2
3
4
5
0.1
1K
FREQUENCY (MHz)
110
100
VS = ±5V
AV = +10
RG = 25Ω
RF = 225Ω
RL = 500Ω
CL = 47pF
CL = 27pF
CL = 12pF
CL = 4.7pF
-5
-4
-3
-2
-1
0
1
2
3
4
5
0.1
1K
FREQUENCY (MHz)
110
100
VS = ±5V
AV = +5
RL = 500Ω
CL = 5pF
RF = 200Ω
RF = 50Ω
RF = 100Ω
RF = 400Ω
RF = 160Ω
-5
-4
-3
-2
-1
0
1
2
3
4
5
0.1
1K
FREQUENCY (MHz)
110
100
VS = ±5V
AV = +10
RL = 500Ω
CL = 10pF
RF = 4.53kΩ
RF = 2.74kΩ
RF = 909Ω
RF = 225Ω
RF = 100Ω
-5
-4
-3
-2
-1
0
1
2
3
4
5
0.1
1K
FREQUENCY (MHz)
110
100
VS = ±5V
AV = +5
RG = 25Ω
RL = 500Ω
CL = 5pF
CIN = 8.2pF
CIN = 4.7pF
CIN = 0pF
CIN = 2.7pF
-5
-4
-3
-2
-1
0
1
2
3
4
5
0.1
1K
FREQUENCY (MHz)
110
100
VS = ±5V
AV = +20
RG = 25Ω
RL = 500Ω
CL = 10pF
CIN = 0pF
CIN = 10pF
CIN = 20pF
CIN = 15pF
-10
0
10
20
30
40
50
60
70
80
90
0.001
0.01
0.1
1
10
1K
FREQUENCY (MHz)
0
20
40
60
80
100
120
140
160
180
200
VS = ±5V
100
OPEN LOOP PHASE
OPEN LOOP GAIN
EL5134, EL5135, EL5234, EL5235


Similar Part No. - EL5134ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5134ISZ INTERSIL-EL5134ISZ Datasheet
1Mb / 10P
   630MHz, Gain of 5, Low Noise Amplifiers
EL5134ISZ INTERSIL-EL5134ISZ Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Renesas Technology Corp
EL5134ISZ RENESAS-EL5134ISZ Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Intersil Corporation
EL5134ISZ-T13 INTERSIL-EL5134ISZ-T13 Datasheet
1Mb / 10P
   630MHz, Gain of 5, Low Noise Amplifiers
EL5134ISZ-T13 INTERSIL-EL5134ISZ-T13 Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
More results

Similar Description - EL5134ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5134 INTERSIL-EL5134_07 Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Renesas Technology Corp
EL5134 RENESAS-EL5134 Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Intersil Corporation
EL5134 INTERSIL-EL5134 Datasheet
1Mb / 10P
   630MHz, Gain of 5, Low Noise Amplifiers
logo
Linear Technology
LT6553 LINER-LT6553_09 Datasheet
193Kb / 12P
   650MHz Gain of 2 Triple Video Amplifier
LT6554 LINER-LT6554_15 Datasheet
172Kb / 12P
   650MHz Gain of 1 Triple Video Buffer
LT6553 LINER-LT6553_15 Datasheet
199Kb / 12P
   650MHz Gain of 2 Triple Video Amplifier
LT6553 LINER-LT6553 Datasheet
168Kb / 8P
   650MHz Gain of 2 Triple Video Amplifier
LT6554 LINER-LT6554 Datasheet
166Kb / 12P
   650MHz Gain of 1 Triple Video Buffer
LT6555 LINER-LT6555 Datasheet
364Kb / 16P
   650MHz Gain of 2 Triple 2:1Video Multiplexer
logo
Infineon Technologies A...
BFP420H6327 INFINEON-BFP420H6327 Datasheet
542Kb / 9P
   For high gain low noise amplifiers
2009-12-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com