Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5166ISZ-T13 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL5166ISZ-T13
Description  1.4GHz Current Feedback Amplifiers with Enable
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5166ISZ-T13 Datasheet(HTML) 3 Page - Intersil Corporation

  EL5166ISZ-T13 Datasheet HTML 1Page - Intersil Corporation EL5166ISZ-T13 Datasheet HTML 2Page - Intersil Corporation EL5166ISZ-T13 Datasheet HTML 3Page - Intersil Corporation EL5166ISZ-T13 Datasheet HTML 4Page - Intersil Corporation EL5166ISZ-T13 Datasheet HTML 5Page - Intersil Corporation EL5166ISZ-T13 Datasheet HTML 6Page - Intersil Corporation EL5166ISZ-T13 Datasheet HTML 7Page - Intersil Corporation EL5166ISZ-T13 Datasheet HTML 8Page - Intersil Corporation EL5166ISZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
FN7365.4
November 17, 2005
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage between VS+ and VS-. . . . . . . . . . . . . . . . . . . 12.6V
Slewrate between VS+ and VS-. . . . . . . . . . . . . . . . . . . . . . . . 1V/µs
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 50mA
IOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±200mA
I into VIN+, VIN-, Enable Pins . . . . . . . . . . . . . . . . . . . . . . . . . ±4mA
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Pin Voltages. . . . . . . . . . . . . . . . . . . . . . . . . VS- -0.5V to VS+ +0.5V
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Die Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . 125°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS+ = +5V, VS- = -5V, RF = 392Ω for AV = 1, RF = 250Ω for AV = 2, RL = 150Ω, TA = 25°C
Unless Otherwise Specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
BW
-3dB Bandwidth
AV = +1
1400
MHz
AV = +2
800
MHz
BW1
0.1dB Bandwidth
AV = +2
100
MHz
SR
Slew Rate
VO = -2.5V to +2.5V, AV = +2
4000
6000
V/µs
tS
0.1% Settling Time
VOUT = -2.5V to +2.5V, AV = -1
8
ns
eN
Input Voltage Noise
1.7
nV/
√Hz
iN-
IN- Input Current Noise
19
pA/
√Hz
iN+
IN+ Input Current Noise
50
pA/
√Hz
dG
Differential Gain Error (Note 1)
AV = +2
0.01
%
dP
Differential Phase Error (Note 1)
AV = +2
0.03
°
DC PERFORMANCE
VOS
Offset Voltage
-5
-0.5
5
mV
TCVOS
Input Offset Voltage Temperature
Coefficient
Measured from TMIN to TMAX
3.52
µV/°C
ROL
Transimpedance
0.5
1.1
2.5
M
INPUT CHARACTERISTICS
CMIR
Common Mode Input Range
(guaranteed by CMRR test)
±3
±3.3
V
CMRR
Common Mode Rejection Ratio
52
57
66
dB
-ICMR
- Input Current Common Mode Rejection
-1
0.7
1
µA/V
+IIN
+ Input Current
-25
0.7
25
µA
-IIN
- Input Current
-25
8.5
25
µA
RIN
Input Resistance
50
130
250
k
CIN
Input Capacitance
1.5
pF
OUTPUT CHARACTERISTICS
VO
Output Voltage Swing
RL = 150Ω to GND
±3.6
±3.8
±4.1
V
RL = 1kΩ to GND
±3.8
±4.0
±4.2
V
IOUT
Output Current
RL = 10Ω to GND
±110
±160
±200
mA
EL5166, EL5167


Similar Part No. - EL5166ISZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5166ISZ-T13 INTERSIL-EL5166ISZ-T13 Datasheet
508Kb / 15P
   1.4GHz Current Feedback Amplifiers with Enable
EL5166ISZ-T13 INTERSIL-EL5166ISZ-T13 Datasheet
654Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5166ISZ-T13 RENESAS-EL5166ISZ-T13 Datasheet
972Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
More results

Similar Description - EL5166ISZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5166 INTERSIL-EL5166 Datasheet
654Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
5962-0625601QXC INTERSIL-5962-0625601QXC Datasheet
113Kb / 4P
   1.4GHz Current Feedback Amplifiers with Enable
EL5166 INTERSIL-EL5166_07 Datasheet
508Kb / 15P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5166 RENESAS-EL5166 Datasheet
972Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164_05 Datasheet
413Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com