Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5151 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL5151
Description  200MHz Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5151 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL5151 Datasheet HTML 2Page - Intersil Corporation EL5151 Datasheet HTML 3Page - Intersil Corporation EL5151 Datasheet HTML 4Page - Intersil Corporation EL5151 Datasheet HTML 5Page - Intersil Corporation EL5151 Datasheet HTML 6Page - Intersil Corporation EL5151 Datasheet HTML 7Page - Intersil Corporation EL5151 Datasheet HTML 8Page - Intersil Corporation EL5151 Datasheet HTML 9Page - Intersil Corporation EL5151 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
FN7384.5
April 4, 2006
FIGURE 9. EL5150 GAIN vs FREQUENCY FOR VARIOUS CIN-
FIGURE 10. EL5150 GAIN vs FREQUENCY FOR VARIOUS CIN
FIGURE 11. EL5150 GAIN vs FREQUENCY FOR VARIOUS CIN-
FIGURE 12. EL5250 GAIN vs FREQUENCY FOR VARIOUS RL
FIGURE 13. EL5150 GAIN vs FREQUENCY FOR VARIOUS
RF/RG
FIGURE 14. EL5250 GAIN vs FREQUENCY FOR VARIOUS
GAINS
Typical Performance Curves (Continued)
100K
400M
1M
10M
5
3
1
-1
-3
-5
FREQUENCY (Hz)
AV=+1
RL=500Ω
CL=5pF
100M
CIN-=12pF
CIN-=8.2pF
CIN-=4.7pF
CIN-=3.3pF
CIN-=1pF
CIN-=0pF
CIN-=18pF
100K
100M
1M
10M
4
2
0
-2
-4
-6
FREQUENCY (Hz)
AV=+2
RL=500Ω
CL=5pF
RF=RG=400Ω
CIN=12pF
CIN=0pF
CIN=8.2pF
CIN=3.9pF
100K
40M
1M
10M
4
2
0
-2
-4
-6
FREQUENCY (Hz)
AV=+5
RF=1.5kΩ
RL=500Ω
CL=5pF
CIN-=68pF
CIN-=33pF
CIN-=0pF
CIN-=8.2pF
CIN-=3.3pF
CIN-=8pF
CIN-=100pF
100K
30M
1M
10M
4
2
0
-2
-4
-6
FREQUENCY (Hz)
RL=50Ω
RL=500Ω
AV=+5
RF=1.5kΩ
RL=500Ω
CL=5pF
RL=300Ω
RL=200Ω
RL=100Ω
100K
100M
1M
10M
5
3
1
-1
-3
-5
FREQUENCY (Hz)
AV=+2
RL=500Ω
CL=5pF
RF=RG=1kΩ
RF=RG=500Ω
RF=RG=100Ω
RF=RG=3kΩ
RF=RG=2kΩ
100K
300M
1M
10M
4
2
0
-2
-4
-6
FREQUENCY (Hz)
100M
RL=500Ω
CL=5pF
AV=+2
AV=+1
AV=+3
EL5150, EL5151, EL5250, EL5251, EL5451


Similar Part No. - EL5151

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5151 INTERSIL-EL5151 Datasheet
630Kb / 18P
   200MHz Amplifiers
EL5151 INTERSIL-EL5151 Datasheet
404Kb / 18P
   200MHz Amplifiers
logo
Renesas Technology Corp
EL5151 RENESAS-EL5151 Datasheet
890Kb / 18P
   200MHz Amplifiers
logo
Intersil Corporation
EL5151IW-T7 INTERSIL-EL5151IW-T7 Datasheet
630Kb / 18P
   200MHz Amplifiers
EL5151IW-T7 INTERSIL-EL5151IW-T7 Datasheet
404Kb / 18P
   200MHz Amplifiers
More results

Similar Description - EL5151

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5250 INTERSIL-EL5250 Datasheet
630Kb / 18P
   200MHz Amplifiers
logo
Renesas Technology Corp
EL5150 RENESAS-EL5150 Datasheet
890Kb / 18P
   200MHz Amplifiers
logo
Intersil Corporation
EL5150 INTERSIL-EL5150_08 Datasheet
404Kb / 18P
   200MHz Amplifiers
EL8200 INTERSIL-EL8200 Datasheet
1Mb / 15P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100_07 Datasheet
343Kb / 13P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100 Datasheet
564Kb / 14P
   200MHz Rail-to-Rail Amplifiers
EL8200 INTERSIL-EL8200_07 Datasheet
395Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8200 RENESAS-EL8200 Datasheet
830Kb / 16P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8100ISZ INTERSIL-EL8100ISZ Datasheet
561Kb / 14P
   200MHz Rail-to-Rail Amplifiers
September 14, 2010
EL8200 INTERSIL-EL8200_06 Datasheet
726Kb / 15P
   200MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com