Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5234 Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL5234
Description  650MHz, Gain of 5, Low Noise Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5234 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL5234 Datasheet HTML 4Page - Intersil Corporation EL5234 Datasheet HTML 5Page - Intersil Corporation EL5234 Datasheet HTML 6Page - Intersil Corporation EL5234 Datasheet HTML 7Page - Intersil Corporation EL5234 Datasheet HTML 8Page - Intersil Corporation EL5234 Datasheet HTML 9Page - Intersil Corporation EL5234 Datasheet HTML 10Page - Intersil Corporation EL5234 Datasheet HTML 11Page - Intersil Corporation EL5234 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
FN7383.3
March 9, 2006
Product Description
The EL5134, EL5135, EL5234 and EL5235 are voltage
feedback operational amplifiers designed for communication
and imaging applications requiring very low voltage and
current noise. They also feature low distortion while drawing
moderately low supply current and is built on Intersil's
proprietary high-speed complementary bipolar process. The
EL5134, EL5135, EL5234 and EL5235 use a classical
voltage-feedback topology which allows them to be used in a
variety of applications where current-feedback amplifiers are
not appropriate because of restrictions placed upon the
feedback element used with the amplifier.
Gain-Bandwidth Product and the -3dB Bandwidth
The EL5134, EL5135, EL5234 and EL5235 have a gain-
bandwidth product of 1500MHz while using only 6.7mA of
supply current per amplifier. For gains greater than 5 their
closed-loop -3dB bandwidth is approximately equal to the
gain-bandwidth product divided by the noise gain of the
circuit. For gains of 5, higher-order poles in the amplifiers'
FIGURE 35. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 36. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 37. DIFFERENTIAL GAIN (%)
FIGURE 38. DIFFERENTIAL PHASE (°)
Typical Performance Curves (Continued)
909mW
θJA=110°C/W
SO8
1.4
1.2
1
0.8
0.6
0.2
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.4
870mW
435mW
θJA=230°C/W
SOT23-5/6
θJA=115°C/W
MSOP8/10
625mW
1
0.9
0.8
0.6
0.4
0.1
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.2
0.7
0.3
0.5
391mW
θJA=265°C/W
SOT23-5/6
486mW
θJA=160°C/W
SO8
θJA=206°C/W
MSOP8/10
0.15
0
010
0.10
-0.05
0.05
-0.10
-0.15
20
30
40
50
60
70
80
90
100
IRE
0.15
0
010
0.10
-0.05
0.05
-0.10
-0.15
20
30
40
50
60
70
80
90
100
IRE
-0.20
EL5134, EL5135, EL5234, EL5235


Similar Part No. - EL5234

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5234 INTERSIL-EL5234 Datasheet
1Mb / 10P
   630MHz, Gain of 5, Low Noise Amplifiers
EL5234 INTERSIL-EL5234 Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Renesas Technology Corp
EL5234 RENESAS-EL5234 Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Intersil Corporation
EL5234IY INTERSIL-EL5234IY Datasheet
1Mb / 10P
   630MHz, Gain of 5, Low Noise Amplifiers
EL5234IY INTERSIL-EL5234IY Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
More results

Similar Description - EL5234

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5134 INTERSIL-EL5134_07 Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Renesas Technology Corp
EL5134 RENESAS-EL5134 Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Intersil Corporation
EL5134 INTERSIL-EL5134 Datasheet
1Mb / 10P
   630MHz, Gain of 5, Low Noise Amplifiers
logo
Linear Technology
LT6553 LINER-LT6553_09 Datasheet
193Kb / 12P
   650MHz Gain of 2 Triple Video Amplifier
LT6554 LINER-LT6554_15 Datasheet
172Kb / 12P
   650MHz Gain of 1 Triple Video Buffer
LT6553 LINER-LT6553_15 Datasheet
199Kb / 12P
   650MHz Gain of 2 Triple Video Amplifier
LT6553 LINER-LT6553 Datasheet
168Kb / 8P
   650MHz Gain of 2 Triple Video Amplifier
LT6554 LINER-LT6554 Datasheet
166Kb / 12P
   650MHz Gain of 1 Triple Video Buffer
LT6555 LINER-LT6555 Datasheet
364Kb / 16P
   650MHz Gain of 2 Triple 2:1Video Multiplexer
logo
Infineon Technologies A...
BFP420H6327 INFINEON-BFP420H6327 Datasheet
542Kb / 9P
   For high gain low noise amplifiers
2009-12-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com