Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5133 Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL5133
Description  670MHz Low Noise Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5133 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL5133 Datasheet HTML 5Page - Intersil Corporation EL5133 Datasheet HTML 6Page - Intersil Corporation EL5133 Datasheet HTML 7Page - Intersil Corporation EL5133 Datasheet HTML 8Page - Intersil Corporation EL5133 Datasheet HTML 9Page - Intersil Corporation EL5133 Datasheet HTML 10Page - Intersil Corporation EL5133 Datasheet HTML 11Page - Intersil Corporation EL5133 Datasheet HTML 12Page - Intersil Corporation EL5133 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
less, and disabled when CE is above 4V. Although the logic
levels are not standard TTL, this choice of logic voltages
allows the EL5132 to be enabled by typing CE to ground,
even in 5V single supply applications. The CE pin can be
driving from CMOS outputs.
Supply Voltage Range and Single-Supply
Operation
The EL5132 and EL5133 have been designed to operate
with supply voltages having a span of greater than 5V and
less than 12V. In practical terms, this means that they will
operate on dual supplies ranging from ±2.5V to ±6V. With
single-supply, the EL5132 and EL5133 will operate from 5V
to 12V. To prevent internal circuit latch-up, the slew rate
between the negative and positve supplies must be less
than 1V/µs.
As supply voltages continue to decrease, it becomes
necessary to provide input and output voltage ranges that
can get as close as possible to the supply voltages. The
EL5132 and EL5133 have an input range which extends to
within 2V of either supply. So, for example, on ±5V supplies,
the EL5132 and EL5133 have an input range which spans
±3V. The output range of the EL5132 and EL5133 are also
quite large, extending to within 2V of the supply rail. On a
±5V supply, the output is therefore capable of swinging from
-3.1V to +3.1V. Single-supply output range is larger because
of the increased negative swing due to the external pull-
down resistor to ground.
Power Dissipation
With the wide power supply range and large output drive
capability of the EL5132 and EL5133, it is possible to exceed
the 150°C maximum junction temperatures under certain
load and power-supply conditions. It is therefore important to
calculate the maximum junction temperature (TJMAX) for all
applications to determine if power supply voltages, load
conditions, or package type need to be modified for the
EL5132 and EL5133 to remain in the safe operating area.
These parameters are related as follows:
where:
•PDMAXTOTAL is the sum of the maximum power
dissipation of each amplifier in the package (PDMAX)
• PDMAX for each amplifier can be calculated as follows:
where:
•TMAX = Maximum ambient temperature
θ
JA = Thermal resistance of the package
•PDMAX = Maximum power dissipation of 1 amplifier
•VS = Supply voltage
•IMAX = Maximum supply current of 1 amplifier
•VOUTMAX = Maximum output voltage swing of the
application
•RL = Load resistance
Power Supply Bypassing And Printed Circuit
Board Layout
As with any high frequency devices, good printed circuit
board layout is essential for optimum performance. Ground
plane construction is highly recommended. Pin lengths
should be kept as short as possible. The power supply pins
must be closely bypassed to reduce the risk of oscillation.
The combination of a 4.7µF tantalum capacitor in parallel
with 0.1µF ceramic capacitor has been proven to work well
when placed at each supply pin. For single supply operation,
where pin 4 (VS-) is connected to the ground plane, a single
4.7µF tantalum capacitor in parallel with a 0.1µF ceramic
capacitor across pin 8 (VS+).
For good AC performance, parasitic capacitance should be
kept to a minimum. Ground plane construction again should
be used. Small chip resistors are recommended to minimize
series inductance. Use of sockets should be avoided since
they add parasitic inductance and capacitance which will
result in additional peaking and overshoot.
TJMAX
TMAX θJAxPDMAXTOTAL
()
+
=
(EQ. 1)
PDMAX
2*VS ISMAX VS
(
- VOUTMAX)
VOUTMAX
RL
----------------------------
×
+
×
=
(EQ. 2)
EL5132, EL5133


Similar Part No. - EL5133

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5133 INTERSIL-EL5133 Datasheet
6Mb / 13P
   670MHz Low Noise Amplifiers
logo
Renesas Technology Corp
EL5133 RENESAS-EL5133 Datasheet
3Mb / 13P
   670MHz Low Noise Amplifiers
logo
Intersil Corporation
EL5133IW-T7 INTERSIL-EL5133IW-T7 Datasheet
6Mb / 9P
   670MHz Low Noise Amplifiers
EL5133IW-T7 INTERSIL-EL5133IW-T7 Datasheet
6Mb / 13P
   670MHz Low Noise Amplifiers
logo
Renesas Technology Corp
EL5133IW-T7 RENESAS-EL5133IW-T7 Datasheet
3Mb / 13P
   670MHz Low Noise Amplifiers
More results

Similar Description - EL5133

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5132_0705 INTERSIL-EL5132_0705 Datasheet
6Mb / 13P
   670MHz Low Noise Amplifiers
5962-0623601QPC INTERSIL-5962-0623601QPC Datasheet
100Kb / 3P
   670MHz Low Noise Amplifiers
EL5132 INTERSIL-EL5132 Datasheet
6Mb / 9P
   670MHz Low Noise Amplifiers
logo
Renesas Technology Corp
EL5132 RENESAS-EL5132 Datasheet
3Mb / 13P
   670MHz Low Noise Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
EL5131 INTERSIL-EL5131 Datasheet
250Kb / 7P
   500MHz Low Noise Amplifiers
logo
Fairchild Semiconductor
AN-6601 FAIRCHILD-AN-6601 Datasheet
654Kb / 4P
   Low Noise JFET Amplifiers
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com