Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5108ISZ-T7 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5108ISZ-T7
Description  450MHz Fixed Gain Amplifiers with Enable
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5108ISZ-T7 Datasheet(HTML) 5 Page - Intersil Corporation

  EL5108ISZ-T7 Datasheet HTML 1Page - Intersil Corporation EL5108ISZ-T7 Datasheet HTML 2Page - Intersil Corporation EL5108ISZ-T7 Datasheet HTML 3Page - Intersil Corporation EL5108ISZ-T7 Datasheet HTML 4Page - Intersil Corporation EL5108ISZ-T7 Datasheet HTML 5Page - Intersil Corporation EL5108ISZ-T7 Datasheet HTML 6Page - Intersil Corporation EL5108ISZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5108ISZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5108ISZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
FN7358.5
June 15, 2006
Typical Performance Curves
FIGURE 1. FREQUENCY RESPONSE
FIGURE 2. PHASE RESPONSE
FIGURE 3. FREQUENCY RESPONSE vs OUTPUT VOLTAGE
FIGURE 4. FREQUENCY RESPONSE vs RL
FIGURE 5. FREQUENCY RESPONSE FOR VARIOUS CL
FIGURE 6. GROUP DELAY vs FREQUENCY
100K
FREQUENCY (Hz)
1M
10M
1G
1
-1
-3
-5
3
5
100M
AV = -1
AV = 2
AV = 1
VS=±5V
VIN=200mVP-P
RL=150Ω
1
100K
FREQUENCY (Hz)
1M
10M
1G
-45
-135
-225
-315
45
135
100M
AV = -1
AV = 1
AV = 2
VS=±5V
VIN=200VP-P
RL=150Ω
100K
FREQUENCY (Hz)
1M
10M
1G
7
5
3
1
9
11
100M
VOP-P = 400mV
VOP-P = 2V
VS=±5V
AV=2
RL=150Ω
100K
FREQUENCY (Hz)
1M
10M
1G
7
5
3
1
9
11
100M
RL = 500Ω
RL = 150Ω
RL = 100Ω
RL = 50Ω
VS=±5V
AV=2
100K
FREQUENCY (Hz)
1M
10M
1G
7
5
3
1
9
11
100M
CL = 6.8pF
CL = 0pF
CL = 4.7pF
CL = 2.2pF
VS=±5V
AV=2
RL=150Ω
100K
FREQUENCY (Hz)
1M
10M
1G
0.6
0.4
0.2
0
0.8
1
1.2
100M
AV = -1
AV = 1
AV = 2
VS=±5V
RL=150Ω
EL5108, EL5308


Similar Part No. - EL5108ISZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5108ISZ-T7 INTERSIL-EL5108ISZ-T7 Datasheet
306Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
EL5108ISZ-T7 INTERSIL-EL5108ISZ-T7 Datasheet
492Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5108ISZ-T7 RENESAS-EL5108ISZ-T7 Datasheet
682Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
More results

Similar Description - EL5108ISZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5108 INTERSIL-EL5108_07 Datasheet
306Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5108 RENESAS-EL5108 Datasheet
682Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5108 INTERSIL-EL5108 Datasheet
492Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
EL5106 INTERSIL-EL5106 Datasheet
457Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5106 RENESAS-EL5106 Datasheet
717Kb / 14P
   350MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5306 INTERSIL-EL5306 Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
5962-0625501QXC INTERSIL-5962-0625501QXC Datasheet
111Kb / 4P
   350MHz Fixed Gain Amplifiers with Enable
EL5106 INTERSIL-EL5106_07 Datasheet
292Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
EL5106 INTERSIL-EL5106_05 Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
logo
National Semiconductor ...
LMV101 NSC-LMV101 Datasheet
769Kb / 12P
   Fixed-Gain Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com