Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5166IS-T13 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL5166IS-T13
Description  1.4GHz Current Feedback Amplifiers with Enable
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5166IS-T13 Datasheet(HTML) 4 Page - Intersil Corporation

  EL5166IS-T13 Datasheet HTML 1Page - Intersil Corporation EL5166IS-T13 Datasheet HTML 2Page - Intersil Corporation EL5166IS-T13 Datasheet HTML 3Page - Intersil Corporation EL5166IS-T13 Datasheet HTML 4Page - Intersil Corporation EL5166IS-T13 Datasheet HTML 5Page - Intersil Corporation EL5166IS-T13 Datasheet HTML 6Page - Intersil Corporation EL5166IS-T13 Datasheet HTML 7Page - Intersil Corporation EL5166IS-T13 Datasheet HTML 8Page - Intersil Corporation EL5166IS-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
FN7365.4
November 17, 2005
SUPPLY
ISON
Supply Current - Enabled
No load, VIN = 0V
7.5
8.5
9.3
mA
ISOFF+
Supply Current - Disabled
No load, VIN = 0V
1
4
25
µA
ISOFF-
Supply Current - Disabled
No load, VIN = 0V
-25
-14
-1
µA
PSRR
Power Supply Rejection Ratio
DC, VS = ±4.75V to ±5.25V
70
50
dB
-IPSR
- Input Current Power Supply Rejection
DC, VS = ±4.75V to ±5.25V
-0.5
0.2
1
µA/V
ENABLE (EL5166 ONLY)
tEN
Enable Time
170
ns
tDIS
Disable Time
1.25
µs
IIHCE
CE Pin Input High Current
CE = VS+0
-1
µA
IILCE
CE Pin Input Low Current
CE = VS-
1
13
25
µA
VIHCE
CE Input High Voltage for Power-down
VS+ -1
V
VILCE
CE Input Low Voltage for Power-down
VS+ -3
V
NOTE:
1. Standard NTSC test, AC signal amplitude = 286mV, f = 3.58MHz.
Electrical Specifications
VS+ = +5V, VS- = -5V, RF = 392Ω for AV = 1, RF = 250Ω for AV = 2, RL = 150Ω, TA = 25°C
Unless Otherwise Specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Typical Performance Curves
FIGURE 1. FREQUENCY RESPONSE AS THE FUNCTION OF
RF
FIGURE 2. FREQUENCY RESPONSE AS THE FUNCTION OF
THE GAIN
0
3
4
5
-5
-4
-3
-2
-1
1
2
RF=368
100K
10M
100M
1G
FREQUENCY (Hz)
1M
RF=392
RF=662
RF=511
RF=608
RF=698
RF=806
RF=900
RF=1K
VCC=5V
VEE=-5V
RL=150Ω
100K
10M
100M
1G
FREQUENCY (Hz)
1M
4
3
2
1
0
-3
-5
-1
-2
-4
-6
RG=43
RG=392
RG=186
RG=93
VCC=5V
VEE=-5V
RL=150Ω
RF=392Ω
EL5166, EL5167


Similar Part No. - EL5166IS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5166IS-T13 INTERSIL-EL5166IS-T13 Datasheet
508Kb / 15P
   1.4GHz Current Feedback Amplifiers with Enable
More results

Similar Description - EL5166IS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5166 INTERSIL-EL5166 Datasheet
654Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
5962-0625601QXC INTERSIL-5962-0625601QXC Datasheet
113Kb / 4P
   1.4GHz Current Feedback Amplifiers with Enable
EL5166 INTERSIL-EL5166_07 Datasheet
508Kb / 15P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5166 RENESAS-EL5166 Datasheet
972Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164_05 Datasheet
413Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com